Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AUP1G04 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # 74AUP1G04
Description  SINGLE INVERTER GATE
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74AUP1G04 Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button 74AUP1G04 Datasheet HTML 2Page - Diodes Incorporated 74AUP1G04 Datasheet HTML 3Page - Diodes Incorporated 74AUP1G04 Datasheet HTML 4Page - Diodes Incorporated 74AUP1G04 Datasheet HTML 5Page - Diodes Incorporated 74AUP1G04 Datasheet HTML 6Page - Diodes Incorporated 74AUP1G04 Datasheet HTML 7Page - Diodes Incorporated 74AUP1G04 Datasheet HTML 8Page - Diodes Incorporated 74AUP1G04 Datasheet HTML 9Page - Diodes Incorporated 74AUP1G04 Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
74AUP1G04
Document number: DS35147 Rev. 1- 2
6 of 11
www.diodes.com
August 2012
© Diodes Incorporated
74AUP1G04
Switching Characteristics
CL = 5pF see Figure 1
Parameter
From
Input
TO
OUTPUT
VCC
TA = +25°C
TA = -40°C to +85°C
TA = -40°C to +125°C
Unit
Min
Typ
Max
Min
Max
Min
Max
tpd
A or B
Y
0.8V
16.0
ns
1.2V ± 0.1V
2.4
5.0
10.3
2.1
14.1
2.1
14.1
1.5V ± 0.1V
1.8
3.6
6.4
1.6
7.4
1.6
8.2
1.8V ± 0.15V
1.5
2.9
5.0
1.4
5.9
1.4
6.5
2.5V ± 0.2V
1.2
2.4
3.9
1.1
4.5
1.1
5.0
3.3V ± 0.3V
1.1
2.1
3.2
1.1
3.9
1.1
4.3
CL = 10pF see Figure 1
Parameter
From
Input
TO
OUTPUT
VCC
TA = +25°C
TA = -40°C to +85°C
TA = -40°C to +125°C
Unit
Min
Typ
Max
Min
Max
Min
Max
tpd
A or B
Y
0.8V
19.8
ns
1.2V ± 0.1V
2.8
5.9
12.2
2.6
17.0
2.6
17.0
1.5V ± 0.1V
2.3
4.2
7.5
2.1
8.7
2.1
9.6
1.8V ± 0.15V
2.0
3.5
5.9
1.8
7.0
1.8
7.7
2.5V ± 0.2V
1.7
2.9
4.6
1.5
5.4
1.5
6.0
3.3V ± 0.3V
1.4
2.7
3.8
1.4
4.5
1.4
5.0
CL = 15pF see Figure 1
Parameter
From
Input
TO
OUTPUT
VCC
TA = +25°C
TA = -40°C to +85°C
TA = -40°C to +125°C
Unit
Min
Typ
Max
Min
Max
Min
Max
tpd
A or B
Y
0.8V
23.3
ns
1.2V ± 0.1V
3.2
8.0
14.0
3.0
26.0
3.0
26.0
1.5V ± 0.1V
2.6
7.5
9.0
2.4
10.0
2.4
11.0
1.8V ± 0.15V
2.3
5.2
6.7
2.1
8.0
2.1
8.8
2.5V ± 0.2V
2.1
3.1
5.1
1.8
6.1
1.8
6.8
3.3V ± 0.3V
1.8
3.1
4.2
1.8
5.0
1.8
5.5
CL = 30pF see Figure 1
Parameter
From
Input
TO
OUTPUT
VCC
TA = +25°C
TA = -40°C to +85°C
TA = -40°C to +125°C
Unit
Min
Typ
Max
Min
Max
Min
Max
tpd
A or B
Y
0.8V
33.6
ns
1.2V ± 0.1V
4.4
13.0
18.0
4.0
27.0
4.0
27.0
1.5V ± 0.1V
3.6
6.3
12.0
3.2
13.8
3.2
14.2
1.8V ± 0.15V
3.2
5.3
9.0
2.9
10.5
2.9
11.6
2.5V ± 0.2V
2.9
4.5
6.5
2.6
7.6
2.6
8.4
3.3V ± 0.3V
2.1
4.2
5.4
2.1
6.2
2.1
6.9


Similar Part No. - 74AUP1G04

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP1G04 PHILIPS-74AUP1G04 Datasheet
81Kb / 16P
   Low-power inverter
Rev. 02-28 June 2006
logo
STMicroelectronics
74AUP1G04 STMICROELECTRONICS-74AUP1G04 Datasheet
396Kb / 18P
   Low power single inverter gate
logo
NXP Semiconductors
74AUP1G04 NXP-74AUP1G04 Datasheet
101Kb / 18P
   Low-power inverter
Rev. 03-5 November 2009
logo
Nexperia B.V. All right...
74AUP1G04 NEXPERIA-74AUP1G04 Datasheet
294Kb / 20P
   Low-power inverter
Rev. 11 - 13 January 2022
74AUP1G04-Q100 NEXPERIA-74AUP1G04-Q100 Datasheet
700Kb / 16P
   Low-power inverter
More results

Similar Description - 74AUP1G04

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHCT1G04-Q1 TI-SN74AHCT1G04-Q1 Datasheet
147Kb / 7P
[Old version datasheet]   SINGLE INVERTER GATE
SN74LVC1G04-Q1 TI1-SN74LVC1G04-Q1 Datasheet
362Kb / 12P
[Old version datasheet]   SINGLE INVERTER GATE
SN74LVC1G04MDBVREP TI1-SN74LVC1G04MDBVREP Datasheet
495Kb / 14P
[Old version datasheet]   SINGLE INVERTER GATE
logo
Diodes Incorporated
74LVC1G04_1010 DIODES-74LVC1G04_1010 Datasheet
243Kb / 14P
   SINGLE INVERTER GATE
DS32198 Rev. 2 - 2
logo
Texas Instruments
SN74LVC1G04 TI1-SN74LVC1G04_18 Datasheet
2Mb / 45P
[Old version datasheet]   Single Inverter Gate
logo
Unisonic Technologies
U74LVC1G04 UTC-U74LVC1G04_15 Datasheet
170Kb / 5P
   SINGLE INVERTER GATE
logo
Texas Instruments
SN74LVC1G04-Q1 TI1-SN74LVC1G04-Q1_15 Datasheet
866Kb / 16P
[Old version datasheet]   SINGLE INVERTER GATE
SN74LVC1GU04 TI-SN74LVC1GU04 Datasheet
535Kb / 14P
[Old version datasheet]   SINGLE INVERTER GATE
logo
Diodes Incorporated
74LVC1G04 DIODES-74LVC1G04 Datasheet
199Kb / 11P
   SINGLE INVERTER GATE
DS32198 Rev. 1 - 2
logo
Texas Instruments
SN74AUC1GU04 TI-SN74AUC1GU04_10 Datasheet
445Kb / 12P
[Old version datasheet]   SINGLE INVERTER GATE
logo
Diodes Incorporated
74AHC1G04 DIODES-74AHC1G04_11 Datasheet
180Kb / 8P
   SINGLE INVERTER GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com