Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AUP1G07 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # 74AUP1G07
Description  SINGLE BUFFER/DRIVER WITH OPEN DRAIN OUTPUT
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74AUP1G07 Datasheet(HTML) 1 Page - Diodes Incorporated

  74AUP1G07 Datasheet HTML 1Page - Diodes Incorporated 74AUP1G07 Datasheet HTML 2Page - Diodes Incorporated 74AUP1G07 Datasheet HTML 3Page - Diodes Incorporated 74AUP1G07 Datasheet HTML 4Page - Diodes Incorporated 74AUP1G07 Datasheet HTML 5Page - Diodes Incorporated 74AUP1G07 Datasheet HTML 6Page - Diodes Incorporated 74AUP1G07 Datasheet HTML 7Page - Diodes Incorporated 74AUP1G07 Datasheet HTML 8Page - Diodes Incorporated 74AUP1G07 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
74AUP1G07
Document number: DS35149 Rev. 1 - 2
1 of 11
www.diodes.com
August 2012
© Diodes Incorporated
74AUP1G07
SINGLE BUFFER/DRIVER WITH OPEN DRAIN OUTPUT
Description
The Advanced Ultra Low Power (AUP) CMOS logic family is designed
for low power and extended battery life in portable applications.
The 74AUP1G07 is a single buffer gate with an open drain output
designed for operation over a power supply range of 0.8V to 3.6V.
The device is fully specified for partial power down applications using
IOFF. The IOFF circuitry disables the output preventing damaging
current backflow when the device is powered down. The gate
performs the positive Boolean function:
A
Y
=
Features
Advanced Ultra Low Power (AUP) CMOS
Supply Voltage Range from 0.8V to 3.6V
4 mA Output Drive at 3.0V
Low Static power consumption
ICC < 0.9µA
Low Dynamic Power Consumption
CPD = 6pF (Typical at 3.6V)
Schmitt Trigger Action at All Inputs Make the Circuit Tolerant for
Slower Input Rise and Fall Time. The hysteresis is typically
250 mV at VCC = 3.0V
IOFF Supports Partial-Power-Down Mode Operation
ESD Protection Exceeds JESD 22
2000-V Human Body Model (A114-A)
Exceeds 1000-V Charged Device Model (C101C)
Latch-Up Exceeds 100mA per JESD 78, Class II
Range of Package Options SOT353, DFN1410, and DFN1010
Leadless packages per JESD30E
DFN1010 denoted as X2-DFN1010-6
DFN1014 denoted as X2-DFN1014-6
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Pin Assignments
Applications
Suited for battery and low power needs
Wide array of products such as:
Tablets, E-readers
Cell Phones, Personal Navigation / GPS
MP3 players ,Cameras, Video Recorders
PCs ultrabooks, notebooks, netbooks,
Computer peripherals, hard drives, CD/DVD ROM
TV, DVD, DVR, set top box
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and Lead-free.
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
Click here for ordering information, located at the end of datasheet


Similar Part No. - 74AUP1G07

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP1G07 PHILIPS-74AUP1G07 Datasheet
83Kb / 16P
   Low-power buffer with open-drain output
Rev. 02-14 June 2007
74AUP1G07 NXP-74AUP1G07 Datasheet
91Kb / 15P
   Low-power buffer with open-drain output
Rev. 03-17 June 2009
74AUP1G07 NXP-74AUP1G07 Datasheet
147Kb / 18P
   Low-power buffer with open-drain output
Rev. 4-2 September 2010
74AUP1G07 PHILIPS-74AUP1G07 Datasheet
126Kb / 18P
   Low-power buffer with open-drain output
Rev. 5-15 November 2011
logo
Nexperia B.V. All right...
74AUP1G07 NEXPERIA-74AUP1G07 Datasheet
272Kb / 18P
   Low-power buffer with open-drain output
Rev. 10 - 13 January 2022
More results

Similar Description - 74AUP1G07

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
74LVCE1G07_1012 DIODES-74LVCE1G07_1012 Datasheet
276Kb / 13P
   SINGLE BUFFER/DRIVER WITH OPEN DRAIN OUTPUT
DS32275 Rev. 2 - 2
74LVC1G07_1010 DIODES-74LVC1G07_1010 Datasheet
247Kb / 13P
   SINGLE BUFFER/DRIVER WITH OPEN DRAIN OUTPUT
DS32274 Rev. 2 - 2
logo
Texas Instruments
SN74LVC1G07 TI-SN74LVC1G07_08 Datasheet
860Kb / 18P
[Old version datasheet]   SINGLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
SN74LVC1G07 TI-SN74LVC1G07 Datasheet
394Kb / 16P
[Old version datasheet]   SINGLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
SN74LVC1G07 TI1-SN74LVC1G07_18 Datasheet
2Mb / 44P
[Old version datasheet]   Single Buffer/Driver With Open-Drain Output
SN74LVC1G07 TI-SN74LVC1G07_10 Datasheet
860Kb / 18P
[Old version datasheet]   SINGLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
SN74LVC1G07-EP TI1-SN74LVC1G07-EP Datasheet
543Kb / 12P
[Old version datasheet]   SINGLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
logo
Diodes Incorporated
74AHC1G07Q DIODES-74AHC1G07Q Datasheet
535Kb / 9P
   SINGLE BUFFER/DRIVER WITH OPEN DRAIN OUTPUT
August 2020 Rev. 1 - 2
logo
Texas Instruments
SN74AUC1G07 TI-SN74AUC1G07 Datasheet
309Kb / 12P
[Old version datasheet]   SINGLE BUFFER /DRIVER WITH OPEN - DRAIN OUTPUT
logo
Diodes Incorporated
74LVCE1G07 DIODES-74LVCE1G07 Datasheet
220Kb / 10P
   SINGLE BUFFER/DRIVER WITH OPEN DRAIN OUTPUT
DS32275 Rev. 1 - 2
logo
Texas Instruments
SN74LVC1G07 TI-SN74LVC1G07_07 Datasheet
667Kb / 17P
[Old version datasheet]   SINGLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com