Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AUP1G06FW4-7 Datasheet(PDF) 10 Page - Diodes Incorporated

Part # 74AUP1G06FW4-7
Description  SINGLE INVERTER WITH OPEN DRAIN OUTPUT
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74AUP1G06FW4-7 Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button 74AUP1G06FW4-7 Datasheet HTML 3Page - Diodes Incorporated 74AUP1G06FW4-7 Datasheet HTML 4Page - Diodes Incorporated 74AUP1G06FW4-7 Datasheet HTML 5Page - Diodes Incorporated 74AUP1G06FW4-7 Datasheet HTML 6Page - Diodes Incorporated 74AUP1G06FW4-7 Datasheet HTML 7Page - Diodes Incorporated 74AUP1G06FW4-7 Datasheet HTML 8Page - Diodes Incorporated 74AUP1G06FW4-7 Datasheet HTML 9Page - Diodes Incorporated 74AUP1G06FW4-7 Datasheet HTML 10Page - Diodes Incorporated 74AUP1G06FW4-7 Datasheet HTML 11Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
74AUP1G06
Document number: DS35148 Rev. 1- 2
10 of 11
www.diodes.com
August 2012
© Diodes Incorporated
74AUP1G06
Package Outline Dimensions (cont.) (All dimensions in mm.)
Please see AP02002 at http://www.diodes.com/datasheets/ap02002.pdf for latest version.
(3) X2-DFN1010-6
Suggested Pad Layout
Please see AP02001 at http://www.diodes.com/datasheets/ap02001.pdf for the latest version
(1) SOT353
(2) X2-DFN1410-6
X2-DFN1010-6
Dim
Min
Max
Typ
A
––
0.40
0.39
A1
0.00
0.05
0.02
A3
––
––
0.13
b
0.14
0.20
0.17
b1
0.05
0.15
0.10
D
0.95
1.05
1.00
E
0.95
1.05
1.00
e
––
––
0.35
L
0.35
0.45
0.40
K
0.15
––
––
Z
––
––
0.065
All Dimensions in mm
Dimensions
Value (in mm)
Z
2.5
G
1.3
X
0.42
Y
0.6
C1
1.9
C2
0.65
Dimensions
Value
(in mm)
C
0.500
G
0.250
X
0.250
X1
1.250
Y
0.525
Y1
1.250
A
A1
A3
D
E
Z(4x)
b(6x)
e
L(6x)
K
(Pin #1 ID)
b1
X
Z
Y
C1
C2
C2
G
1
X1
Y1
Y(6x)
X(6x)
G(4x)
C


Similar Part No. - 74AUP1G06FW4-7

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP1G06 PHILIPS-74AUP1G06 Datasheet
78Kb / 15P
   Low-power inverter with open-drain output
Rev. 02-24 August 2006
74AUP1G06 NXP-74AUP1G06 Datasheet
92Kb / 15P
   Low-power inverter with open-drain output
Rev. 04-10 June 2009
logo
Nexperia B.V. All right...
74AUP1G06 NEXPERIA-74AUP1G06 Datasheet
263Kb / 17P
   Low-power inverter with open-drain output
Rev. 10 - 13 January 2022
74AUP1G06-Q100 NEXPERIA-74AUP1G06-Q100 Datasheet
684Kb / 13P
   Low-power inverter with open-drain output
logo
NXP Semiconductors
74AUP1G06GF PHILIPS-74AUP1G06GF Datasheet
78Kb / 15P
   Low-power inverter with open-drain output
Rev. 02-24 August 2006
More results

Similar Description - 74AUP1G06FW4-7

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74LVC1G06 UTC-U74LVC1G06_15 Datasheet
188Kb / 5P
   SINGLE INVERTER WITH OPEN-DRAIN OUTPUT
U74LVC1G06 UTC-U74LVC1G06 Datasheet
173Kb / 5P
   SINGLE INVERTER WITH OPEN-DRAIN OUTPUT
logo
ON Semiconductor
MC74VHC1G05 ONSEMI-MC74VHC1G05_18 Datasheet
205Kb / 14P
   Single Inverter with Open Drain Output
November, 2018 ??Rev. 16
logo
Diodes Incorporated
74LVC1G06Q DIODES-74LVC1G06Q Datasheet
523Kb / 9P
   SINGLE INVERTER WITH OPEN DRAIN OUTPUT
June 2020 Rev. 2 - 2
logo
ON Semiconductor
NL17SZ06 ONSEMI-NL17SZ06_V01 Datasheet
170Kb / 13P
   Single Inverter with Open Drain Output
March, 2020 - Rev. 12
MC74VHC1G05 ONSEMI-MC74VHC1G05_07 Datasheet
78Kb / 6P
   Single Inverter with Open Drain Output
February, 2007 ??Rev. 14
MC74VHC1G05 ONSEMI-MC74VHC1G05_11 Datasheet
119Kb / 6P
   Single Inverter with Open Drain Output
May, 2011 ??Rev. 15
MC74VHC1G05 ONSEMI-MC74VHC1G05_V01 Datasheet
136Kb / 14P
   Single Inverter with Open Drain Output
April, 2022 ??Rev. 18
logo
Unisonic Technologies
U74HC1G06 UTC-U74HC1G06_15 Datasheet
179Kb / 5P
   SINGLE INVERTER WITH OPEN-DRAIN OUTPUT
U74LVC1G06 UTC-U74LVC1G06_V01 Datasheet
200Kb / 5P
   SINGLE INVERTER WITH OPEN-DRAIN OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com