Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AUP1G34SE Datasheet(PDF) 7 Page - Diodes Incorporated

Part # 74AUP1G34SE
Description  SINGLE BUFFER GATE
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74AUP1G34SE Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button 74AUP1G34SE Datasheet HTML 3Page - Diodes Incorporated 74AUP1G34SE Datasheet HTML 4Page - Diodes Incorporated 74AUP1G34SE Datasheet HTML 5Page - Diodes Incorporated 74AUP1G34SE Datasheet HTML 6Page - Diodes Incorporated 74AUP1G34SE Datasheet HTML 7Page - Diodes Incorporated 74AUP1G34SE Datasheet HTML 8Page - Diodes Incorporated 74AUP1G34SE Datasheet HTML 9Page - Diodes Incorporated 74AUP1G34SE Datasheet HTML 10Page - Diodes Incorporated 74AUP1G34SE Datasheet HTML 11Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
74AUP1G34
Document number: DS35155 Rev. 1 - 2
7 of 11
www.diodes.com
August 2012
© Diodes Incorporated
74AUP1G34
Operating and Package Characteristics (@TA = +25°C, unless otherwise specified.)
Parameter
Test Conditions
VCC
Typ
Unit
Cpd
Power Dissipation
Capacitance
f = 1MHz
No Load
0.8V
6.7
pF
1.2V ± 0.1V
6.6
1.5V ± 0.1V
6.5
1.8V ± 0.15V
6.5
2.5V ± 0.2V
6.4
3.3V ± 0.3V
6.3
Ci
Input Capacitance
Vi = VCC or GND
0V or 3.3V
1.5
pF
θJA
Thermal Resistance
Junction-to-Ambient
SOT353
(Note 6)
371
°C/W
X2-DFN1410-6
430
X2-DFN1010-6
445
θJC
Thermal Resistance
Junction-to-Case
SOT353
(Note 6
143
°C/W
X2-DFN1410-6
190
X2-DFN1010-6
250
Notes:
6. Test condition for SOT353, X2-DFN1410-6, and X2-DFN1010-6 devices mounted on FR-4 substrate PC board, 2oz copper, with minimum
recommended pad layout.
Parameter Measurement Information
RL
C L
(see Note A)
From Output
Under Test
=1M
VCC
Inputs
VM
CL
VI
tr/tf
0.8V
VCC
≤3ns
VCC/2
5, 10, 15, 30 pF
1.2V ± 0.1V
VCC
≤3ns
VCC/2
5, 10, 15, 30 pF
1.5V ± 0.1V
VCC
≤3ns
VCC/2
5, 10, 15, 30 pF
1.8V ± 0.15V
VCC
≤3ns
VCC/2
5, 10, 15, 30 pF
2.5V ± 0.2V
VCC
≤3ns
VCC/2
5, 10, 15, 30 pF
3.3V ± 0.3V
VCC
≤3ns
VCC/2
5, 10, 15, 30 pF
Voltage Waveform Pulse Duration
Voltage Waveform Propagation Delay Times
Inverting and Non Inverting Outputs
Figure 1. Load Circuit and Voltage Waveforms
Notes:
A. Includes test lead and test apparatus capacitance.
B. All pulses are supplied at pulse repetition rate
≤ 10 MHz.
C. Inputs are measured separately one transition per measurement.
D. tPLH and tPHL are the same as tPD.


Similar Part No. - 74AUP1G34SE

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP1G34 NXP-74AUP1G34 Datasheet
91Kb / 15P
   Low-power buffer
Rev. 03-14 August 2008
logo
Nexperia B.V. All right...
74AUP1G34 NEXPERIA-74AUP1G34 Datasheet
277Kb / 19P
   Low-power buffer
Rev. 10 - 20 January 2022
logo
NXP Semiconductors
74AUP1G34-Q100 NXP-74AUP1G34-Q100 Datasheet
109Kb / 14P
   Low-power buffer
Rev. 1-26 March 2013
logo
Nexperia B.V. All right...
74AUP1G34-Q100 NEXPERIA-74AUP1G34-Q100 Datasheet
219Kb / 13P
   Low-power buffer
Rev. 3 - 20 January 2022
logo
NXP Semiconductors
74AUP1G34GF NXP-74AUP1G34GF Datasheet
91Kb / 15P
   Low-power buffer
Rev. 03-14 August 2008
More results

Similar Description - 74AUP1G34SE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G34 TI-SN74LVC1G34_10 Datasheet
820Kb / 19P
[Old version datasheet]   SINGLE BUFFER GATE
logo
Unisonic Technologies
U74LVC3G34G-S08-R UTC-U74LVC3G34G-S08-R Datasheet
197Kb / 5P
   SINGLE BUFFER GATE
U74LVC1G34 UTC-U74LVC1G34_V01 Datasheet
205Kb / 6P
   SINGLE BUFFER GATE
U74LVC1G34 UTC-U74LVC1G34_15 Datasheet
201Kb / 6P
   SINGLE BUFFER GATE
U74LVC1G34 UTC-U74LVC1G34 Datasheet
185Kb / 6P
   SINGLE BUFFER GATE
logo
Diodes Incorporated
74LVC1G34Q DIODES-74LVC1G34Q Datasheet
518Kb / 9P
   SINGLE BUFFER GATE
June 2020 Rev. 2 - 2
logo
Texas Instruments
SN74LVC1G34 TI-SN74LVC1G34 Datasheet
371Kb / 14P
[Old version datasheet]   SINGLE BUFFER GATE
logo
Diodes Incorporated
74LVC1G34 DIODES-74LVC1G34 Datasheet
438Kb / 15P
   SINGLE BUFFER GATE
logo
Unisonic Technologies
U74AHC1G125 UTC-U74AHC1G125_15 Datasheet
241Kb / 6P
   SINGLE BUS BUFFER GATE
U74AHC1G126 UTC-U74AHC1G126_15 Datasheet
240Kb / 6P
   SINGLE BUS BUFFER GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com