Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AL8807A Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AL8807A
Description  HIGH EFFICIENCY LOW EMI WIDE ANALOG DIMMING RANGE 36V 1A/1.3A BUCK LED DRIVER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL8807A Datasheet(HTML) 1 Page - Diodes Incorporated

  AL8807A Datasheet HTML 1Page - Diodes Incorporated AL8807A Datasheet HTML 2Page - Diodes Incorporated AL8807A Datasheet HTML 3Page - Diodes Incorporated AL8807A Datasheet HTML 4Page - Diodes Incorporated AL8807A Datasheet HTML 5Page - Diodes Incorporated AL8807A Datasheet HTML 6Page - Diodes Incorporated AL8807A Datasheet HTML 7Page - Diodes Incorporated AL8807A Datasheet HTML 8Page - Diodes Incorporated AL8807A Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
AL8807A
Document number: DS35990 Rev. 1 - 2
1 of 20
www.diodes.com
September 2012
© Diodes Incorporated
AL8807A
HIGH EFFICIENCY LOW EMI WIDE ANALOG
DIMMING RANGE 36V 1A/1.3A BUCK LED DRIVER
Description
The AL8807A is a step-down DC/DC converter designed to drive
LEDs with a constant current. The device can drive up to 9 white high
brightness LEDs in series from a voltage source of 6V to 36V.
The AL8807A has an extended CTRL pin voltage range; increasing
its analog dimming range to greater than 10:1. The improved analog
dimming range makes it suitable for a variety of lighting applications
requiring wide analog dimming ranges.
The AL8807A switches at frequency up to 1MHz with controlled rise
and fall times to reduce EMI.
This allows the use of small size
external components, hence minimizing the PCB area needed.
Maximum output current of AL8807A is set via an external resistor
connected between the VIN and SET input pins.
Over Temperature Protection is incorporated so that should a fault
occur the device will automatically shut-down and only restart when
its junction temperature has cooled down,
Features
LED Driving Current up to 1A/1.3A
Better than 5% Accuracy
High Efficiency Up to 96%
Optimally Controlled Switching Speeds
Operating Input Voltage from 6V to 36V
Wide Analog Input Range for Dimming Control (>10:1)
Built-in Protection Features:
Open-Circuit LED protection
LED Chain Short Circuited
Over-Temperature Protection
MSOP-8EP and SOT25: Available in “Green” Molding Compound
(No Br, Sb) with lead Free Finish/ RoHS Compliant
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Pin Assignments
(Top View)
SW
CTRL
VIN
SET
1
GND 2
3
5
4
SOT25
(Top View)
SET
GND
GND
CTRL
V
IN
N/C
SW
SW
1
2
3
4
8
7
6
5
MSOP-8EP
Applications
General Illumination Lamps
12V Powered LED Lamps
Wide Analog Dimming Range LED Lamps
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com for more information about Diodes Incorporated’s definitions of Halogen and Antimony free, "Green" and Lead-Free.
3. Halogen and Antimony free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl)
and <1000ppm antimony compounds.
Typical Applications Circuit
AL8807A
VIN
SET
SW
CTRL GND
C2
R1
C1
D1
L1
Analog Dimming
Input:
VIN:
6 ~ 36V


Similar Part No. - AL8807A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AL8807AE5TA DIODES-AL8807AE5TA Datasheet
104Kb / 8P
   The evaluation board does not have reverse supply protection.
AL8807AEV1 DIODES-AL8807AEV1 Datasheet
104Kb / 8P
   The evaluation board does not have reverse supply protection.
AL8807AEV3 DIODES-AL8807AEV3 Datasheet
105Kb / 8P
   The evaluation board does not have reverse supply protection
AL8807AMP-13 DIODES-AL8807AMP-13 Datasheet
105Kb / 8P
   The evaluation board does not have reverse supply protection
AL8807AW5-7 DIODES-AL8807AW5-7 Datasheet
104Kb / 8P
   The evaluation board does not have reverse supply protection.
More results

Similar Description - AL8807A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AL8807 DIODES-AL8807 Datasheet
1Mb / 21P
   HIGH EFFICIENCY LOW EMI 36V 1A BUCK LED DRIVER
AL8807B DIODES-AL8807B Datasheet
4Mb / 18P
   HIGH EFFICIENCY 36V 1.3A PWM DIMMABLE BUCK LED DRIVER
AL8807Q DIODES-AL8807Q Datasheet
1Mb / 16P
   HIGH EFFICIENCY LOW 30V 1.3A AUTOMOTIVE GRADE BUCK LED DRIVER
AL8806 DIODES-AL8806_13 Datasheet
468Kb / 15P
   HIGH EFFICIENCY 36V 1.5A BUCK LED DRIVER
AL8805 DIODES-AL8805 Datasheet
631Kb / 16P
   HIGH EFFICIENCY 30V 1A BUCK LED DRIVER
DS35030 Rev. 1 - 2
logo
Monolithic Power System...
MP3304 MPS-MP3304 Datasheet
337Kb / 12P
   36V, 1.3A, Step-up White LED Driver with High Frequency True PWM Dimming
logo
Shenzhen Tianyuan Semic...
TP8005 TPOWER-TP8005 Datasheet
565Kb / 7P
   36V/1.2A high dimming ratio LED driver
logo
Princeton Technology Co...
PT6911 PTC-PT6911 Datasheet
178Kb / 4P
   Wide Input Range Buck LED Driver
logo
Shenzhen Huazhimei Semi...
HM4112A HMSEMI-HM4112A Datasheet
595Kb / 7P
   36V/1.2A high dimming ratio LED driver
logo
Shenzhen Tianyuan Semic...
TP4205 TPOWER-TP4205 Datasheet
470Kb / 7P
   36V/1.2A high dimming ratio LED driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com