Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6527354 Datasheet(PDF) 2 Page - Texas Instruments

Part # 6527354
Description  Performance Demonstration Kit for the ADS130E08
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

6527354 Datasheet(HTML) 2 Page - Texas Instruments

  6527354 Datasheet HTML 1Page - Texas Instruments 6527354 Datasheet HTML 2Page - Texas Instruments 6527354 Datasheet HTML 3Page - Texas Instruments 6527354 Datasheet HTML 4Page - Texas Instruments 6527354 Datasheet HTML 5Page - Texas Instruments 6527354 Datasheet HTML 6Page - Texas Instruments 6527354 Datasheet HTML 7Page - Texas Instruments 6527354 Datasheet HTML 8Page - Texas Instruments 6527354 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 47 page
background image
www.ti.com
Contents
1
ADS130E08EVM OVERVIEW
............................................................................................ 4
2
SOFTWARE INSTALLATION
............................................................................................. 6
3
ADS130E08EVM Daughter-Card Hardware Overview
............................................................... 11
4
USING THE SOFTWARE
................................................................................................ 15
5
ADS130E08 ANALYSIS TOOLS
........................................................................................ 24
6
BILL OF MATERIALS (BOM), LAYOUT, AND SCHEMATIC
........................................................ 30
List of Figures
1
ADS130E08EVM-PDK
..................................................................................................... 1
2
ADS130E08EVM-PDK Kit
................................................................................................. 5
3
Initialization of ADS130E08EVM GUI
.................................................................................... 7
4
License 1
..................................................................................................................... 7
5
License 2
..................................................................................................................... 7
6
New Hardware Wizard Screen 1
.......................................................................................... 8
7
New Hardware Wizard Screen 2
.......................................................................................... 8
8
New Hardware Wizard Screen 3
.......................................................................................... 9
9
Completion of the First USB Driver
....................................................................................... 9
10
Second New Hardware Wizard Screen
................................................................................. 10
11
Installing the USBStyx Driver
............................................................................................ 10
12
File Save Option Under Save Tab
...................................................................................... 15
13
Channel Registers GUI for the Configuration Registers
.............................................................. 16
14
Channel Control Register GUI Panel: Single Channel Enabled
..................................................... 17
15
Channel Control Registers GUI Panel: All Channels Enabled
...................................................... 17
16
Example of Internal Test Signals Viewed on the Scope Display Tab
.............................................. 18
17
Internal Temperature Sensor
............................................................................................ 19
18
Eight-Channel Read of Internal Temperature Data
................................................................... 20
19
GPIO Control Register GUI Panel
....................................................................................... 21
20
Fault Status Indicator
..................................................................................................... 22
21
Device Register Settings
................................................................................................. 23
22
Scope Tool Features
...................................................................................................... 24
23
Scope Analysis Tab (Noise Levels for Each Channel Shown)
...................................................... 25
24
Zoom Option on the Waveform Examination Tool
.................................................................... 25
25
Histogram Bins
............................................................................................................. 26
26
Statistics for the Signal Amplitude of Eight Channels
................................................................ 26
27
Analysis
→FFT Graph of Normal Electrode Configuration
........................................................... 27
28
Analysis
→FFT→AC Analysis Parameters: Windowing Options
.................................................... 28
29
Analysis
→FFT→FFT Analysis: Input Short Condition
................................................................ 28
30
Changing the User-Defined Dynamic Range for Channel 1
......................................................... 29
31
FFT Plot Using Waveform Zoom Function
............................................................................. 29
List of Tables
1
Power-Supply Test Points
................................................................................................ 11
2
Analog Supply Configurations
........................................................................................... 12
3
Digital Supply Configurations (DVDD and DGND)
.................................................................... 12
4
CLK Jumper Options
...................................................................................................... 13
5
External Reference Jumper Options
.................................................................................... 13
6
Auxiliary Connector Test Signals and Test Points
.................................................................... 13
2
Performance Demonstration Kit for the ADS130E08
SBAU202 – June 2012
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated


Similar Part No. - 6527354

ManufacturerPart #DatasheetDescription
logo
Littelfuse
652 LITTELFUSE-652 Datasheet
76Kb / 1P
   MINIATURE FUSEHOLDERS
logo
Marl International Limi...
652 MARL-652 Datasheet
406Kb / 4P
   횠12.7mm mounting Product will operate over a wide voltage range
logo
Willow Technologies Ltd
652 WILLOW-652 Datasheet
290Kb / 2P
   Optical Isolation
652-1 WILLOW-652-1 Datasheet
290Kb / 2P
   Optical Isolation
logo
Teledyne Technologies I...
652-1 TELEDYNE-652-1 Datasheet
290Kb / 2P
   25A, 250 Vrms Optically isolated
More results

Similar Description - 6527354

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UM1008 STMICROELECTRONICS-UM1008 Datasheet
2Mb / 32P
   Demonstration kit for the ST7570 power line modem
logo
Texas Instruments
SLAU443 TI1-SLAU443 Datasheet
3Mb / 68P
[Old version datasheet]   EEG Front-End Performance Demonstration Kit
logo
STMicroelectronics
UM0855 STMICROELECTRONICS-UM0855 Datasheet
1Mb / 35P
   Demonstration kit for single
DEMO-CR95HF-A STMICROELECTRONICS-DEMO-CR95HF-A Datasheet
130Kb / 5P
   Demonstration kit for the CR95HF 13.56 MHz transceiver IC
September 2012 Rev 3
AN4227 STMICROELECTRONICS-AN4227 Datasheet
1Mb / 13P
   Audio hub demonstration kit supporting the MP45DT02
UM1541 STMICROELECTRONICS-UM1541 Datasheet
1Mb / 7P
   STCF04 demonstration kit
DK3400 STMICROELECTRONICS-DK3400 Datasheet
133Kb / 4P
   DK3400 demonstration kit
November 2010 Rev 1
logo
Fairchild Semiconductor
TMB2193MS100 FAIRCHILD-TMB2193MS100 Datasheet
167Kb / 24P
   Demonstration Board for the TMC2193
logo
STMicroelectronics
AN2938 STMICROELECTRONICS-AN2938 Datasheet
1Mb / 39P
   Power system demonstration kit based on the PM6686 dual
STEVAL-IPE011V1 STMICROELECTRONICS-STEVAL-IPE011V1 Datasheet
94Kb / 4P
   Energy meter demonstration kit daughterboard based on the STPMS1
June 2010 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com