Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS7A47 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS7A47
Description  36-V, 1-A, 4.17-關VRMS, RF LDO Voltage Regulator
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS7A47 Datasheet(HTML) 4 Page - Texas Instruments

  TPS7A47 Datasheet HTML 1Page - Texas Instruments TPS7A47 Datasheet HTML 2Page - Texas Instruments TPS7A47 Datasheet HTML 3Page - Texas Instruments TPS7A47 Datasheet HTML 4Page - Texas Instruments TPS7A47 Datasheet HTML 5Page - Texas Instruments TPS7A47 Datasheet HTML 6Page - Texas Instruments TPS7A47 Datasheet HTML 7Page - Texas Instruments TPS7A47 Datasheet HTML 8Page - Texas Instruments TPS7A47 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
1
2
3
4
5
15
14
13
12
11
OUT
IN
NR
EN
0P1V
0P2V
NC
SENSE
6P4V2
6P4V1
TPS7A47
SBVS204A – JUNE 2012 – REVISED JULY 2012
www.ti.com
PIN CONFIGURATIONS
RGW PACKAGE
5-mm × 5-mm QFN-20
(TOP VIEW)
PIN DESCRIPTIONS
PIN
NAME
NO.
DESCRIPTION
When connected to GND, this pin adds 0.1 V to the nominal output voltage of the regulator.
0P1V
12
Do not connect any voltage other than GND to this pin. If not used, leave this pin floating.
When connected to GND, this pin adds 0.2 V to the nominal output voltage of the regulator.
0P2V
11
Do not connect any voltage other than GND to this pin. If not used, leave this pin floating.
When connected to GND, this pin adds 0.4 V to the nominal output voltage of the regulator.
0P4V
10
Do not connect any voltage other than GND to this pin. If not used, leave this pin floating.
When connected to GND, this pin adds 0.8 V to the nominal output voltage of the regulator.
0P8V
9
Do not connect any voltage other than GND to this pin. If not used, leave this pin floating.
When connected to GND, this pin adds 1.6 V to the nominal output voltage of the regulator.
1P6V
8
Do not connect any voltage other than GND to this pin. If not used, leave this pin floating.
When connected to GND, this pin adds 3.2 V to the nominal output voltage of the regulator.
3P2V
6
Do not connect any voltage other than GND to this pin. If not used, leave this pin floating.
When connected to GND, this pin adds 6.4 V to the nominal output voltage of the regulator.
6P4V1
5
Do not connect any voltage other than GND to this pin. If not used, leave this pin floating.
When connected to GND, this pin adds 6.4 V to the nominal output voltage of the regulator.
6P4V2
4
Do not connect any voltage other than GND to this pin. If not used, leave this pin floating.
EN
13
This pin turns the regulator on and off.
GND
7
Ground
Input supply. A capacitor greater than or equal to 1 µF must be tied from this pin to ground to assure stability.
A 10-µF capacitor is recommended to be connected from IN to GND (as close to the device as possible) to reduce
IN
15, 16
circuit sensitivity to printed-circuit-board (PCB) layout, especially when long input traces or high source
impedances are encountered.
NC
2, 17-19
This pin can be left open or tied to any voltage between GND and IN.
Noise reduction pin. When a capacitor is connected from this pin to GND, RMS noise can be reduced to very low
levels. A capacitor greater than or equal to 10 nF must be tied from this pin to ground to assure stability. A 1-µF
NR
14
capacitor is recommended to be connected from NR to GND (as close to the device as possible) to maximize ac
performance and minimize noise.
Regulator output. A capacitor greater than or equal to 10 µF must be tied from this pin to ground to assure
OUT
1, 20
stability. A 47-µF ceramic output capacitor is highly recommended to be connected from OUT to GND (as close to
the device as possible) to maximize ac performance.
Control-loop error amplifier input. This pin must be connected to OUT.
SENSE
3
OUT is recommended to be connected at the point of load to maximize accuracy.
4
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated


Similar Part No. - TPS7A47

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A47-Q1 TI1-TPS7A47-Q1 Datasheet
633Kb / 25P
[Old version datasheet]   35-V, 1-A, 4.2-uVRMS, RF LDO Voltage Regulator
TPS7A4700 TI1-TPS7A4700 Datasheet
906Kb / 23P
[Old version datasheet]   36-V, 1-A, 4.17-關VRMS, RF LDO Voltage Regulator
TPS7A4700 TI1-TPS7A4700 Datasheet
1Mb / 31P
[Old version datasheet]   36-V, 1-A, 4-VRMS, RF LDO Voltage Regulator
TPS7A4700EVM-094 TI1-TPS7A4700EVM-094 Datasheet
6Mb / 17P
[Old version datasheet]   TPS7A4700EVM-094 Evaluation Module
TPS7A4700RGW TI1-TPS7A4700RGW Datasheet
6Mb / 17P
[Old version datasheet]   TPS7A4700EVM-094 Evaluation Module
More results

Similar Description - TPS7A47

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A4700 TI1-TPS7A4700 Datasheet
906Kb / 23P
[Old version datasheet]   36-V, 1-A, 4.17-關VRMS, RF LDO Voltage Regulator
TPS7A47_15 TI-TPS7A47_15_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS7A470x 36-V, 1-A, 4-關VRMS, RF LDO Voltage Regulator
TPS7A4700 TI1-TPS7A4700_14 Datasheet
1Mb / 31P
[Old version datasheet]   36-V, 1-A, 4-VRMS, RF LDO Voltage Regulator
TPS7A8300 TI-TPS7A8300_15 Datasheet
1Mb / 45P
[Old version datasheet]   TPS7A8300 2-A, 6-關VRMS, RF, LDO Voltage Regulator
TPS7A4701-EP TI1-TPS7A4701-EP Datasheet
687Kb / 27P
[Old version datasheet]   36-V, 1-A, 4-uVRMS, RF LDO Voltage Regulator
TPS7A8300 TI-TPS7A8300 Datasheet
1Mb / 33P
[Old version datasheet]   2-A, 6-VRMS, RF, LDO Voltage Regulator
TPS7A47-Q1 TI1-TPS7A47-Q1 Datasheet
633Kb / 25P
[Old version datasheet]   35-V, 1-A, 4.2-uVRMS, RF LDO Voltage Regulator
logo
ON Semiconductor
NCV59800 ONSEMI-NCV59800 Datasheet
95Kb / 6P
   1 A Low Noise, RF LDO Voltage Regulator
October, 2016 ??Rev. 0
NCP59800 ONSEMI-NCP59800_17 Datasheet
94Kb / 6P
   1 A Low Noise, RF LDO Voltage Regulator
December, 2017 ??Rev. 2
logo
Texas Instruments
TPS7A52 TI1-TPS7A52 Datasheet
486Kb / 28P
[Old version datasheet]   TPS7A52 2-A, High-Accuracy (0.75%), Low-Noise (4.4 關VRMS), LDO Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com