Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS7A4700RGWR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS7A4700RGWR
Description  36-V, 1-A, 4.17-關VRMS, RF LDO Voltage Regulator
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS7A4700RGWR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS7A4700RGWR Datasheet HTML 2Page - Texas Instruments TPS7A4700RGWR Datasheet HTML 3Page - Texas Instruments TPS7A4700RGWR Datasheet HTML 4Page - Texas Instruments TPS7A4700RGWR Datasheet HTML 5Page - Texas Instruments TPS7A4700RGWR Datasheet HTML 6Page - Texas Instruments TPS7A4700RGWR Datasheet HTML 7Page - Texas Instruments TPS7A4700RGWR Datasheet HTML 8Page - Texas Instruments TPS7A4700RGWR Datasheet HTML 9Page - Texas Instruments TPS7A4700RGWR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
2
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
3
−40 −25 −10
5
20
35
50
65
80
95
110 125
Temperature (°C)
UVLO Threshold Off
UVLO Threshold On
G004
0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
3
−40 −25 −10
5
20
35
50
65
80
95
110 125
Temperature (°C)
G005
−4
−3
−2
−1
0
1
2
3
4
0
100
200
300
400
500
600
700
800
900 1000
Output Current (mA)
−40°C
0°C
+25°C
+85°C
+125°C
G002
0
100
200
300
400
500
600
700
800
900
1000
0
100
200
300
400
500
600
700
800
900 1000
Output Current (mA)
−40°C
0°C
+25°C
+85°C
+125°C
G003
0.01
0.1
1
10
100
10
100
1k
10k
100k
1M
Frequency (Hz)
VOUT = 1.4 V,VNOISE = 4.17 µVRMS
VOUT = 5 V,VNOISE = 4.67 µVRMS
VOUT = 10 V,VNOISE = 7.25 µVRMS
VOUT = 15 V,VNOISE = 12.28 µVRMS
IOUT = 500 mA
COUT = 50 µF
CNR = 1 µF
BWRMSNOISE (10 Hz, 100 kHz)
G020
−4
−3
−2
−1
0
1
2
3
4
0
5
10
15
20
25
30
35
40
Input Voltage (V)
−40°C
0°C
+25°C
+85°C
+125°C
G001
TPS7A47
SBVS204A – JUNE 2012 – REVISED JULY 2012
www.ti.com
TYPICAL CHARACTERISTICS
At –40°C
≤ TJ ≤ +125°C; VIN = VOUT(NOM) + 1.0 V or VIN = 3.0 V (whichever is greater); VEN = VIN; IOUT = 0 mA; CIN =10 µF;
COUT = 10 µF; CNR = 1 µF; SENSE tied to OUT; and 0P1V, 0P2V, 0P4V, 0P8V, 1P6V, 3P2V, 6P4V1, 6P4V2 pins OPEN,
unless otherwise noted.
NOISE vs OUTPUT VOLTAGE
LINE REGULATION
Figure 1.
Figure 2.
LOAD REGULATION
DROPOUT VOLTAGE vs OUTPUT CURRENT
Figure 3.
Figure 4.
UVLO THRESHOLD vs TEMPERATURE
ENABLE VOLTAGE THRESHOLD vs TEMPERATURE
Figure 5.
Figure 6.
6
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated


Similar Part No. - TPS7A4700RGWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A4700RGWR TI1-TPS7A4700RGWR Datasheet
906Kb / 23P
[Old version datasheet]   36-V, 1-A, 4.17-關VRMS, RF LDO Voltage Regulator
TPS7A4700RGWR TI1-TPS7A4700RGWR Datasheet
1Mb / 31P
[Old version datasheet]   36-V, 1-A, 4-VRMS, RF LDO Voltage Regulator
More results

Similar Description - TPS7A4700RGWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A4700 TI1-TPS7A4700 Datasheet
906Kb / 23P
[Old version datasheet]   36-V, 1-A, 4.17-關VRMS, RF LDO Voltage Regulator
TPS7A47_15 TI-TPS7A47_15_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS7A470x 36-V, 1-A, 4-關VRMS, RF LDO Voltage Regulator
TPS7A4700 TI1-TPS7A4700_14 Datasheet
1Mb / 31P
[Old version datasheet]   36-V, 1-A, 4-VRMS, RF LDO Voltage Regulator
TPS7A8300 TI-TPS7A8300_15 Datasheet
1Mb / 45P
[Old version datasheet]   TPS7A8300 2-A, 6-關VRMS, RF, LDO Voltage Regulator
TPS7A4701-EP TI1-TPS7A4701-EP Datasheet
687Kb / 27P
[Old version datasheet]   36-V, 1-A, 4-uVRMS, RF LDO Voltage Regulator
TPS7A8300 TI-TPS7A8300 Datasheet
1Mb / 33P
[Old version datasheet]   2-A, 6-VRMS, RF, LDO Voltage Regulator
TPS7A47-Q1 TI1-TPS7A47-Q1 Datasheet
633Kb / 25P
[Old version datasheet]   35-V, 1-A, 4.2-uVRMS, RF LDO Voltage Regulator
logo
ON Semiconductor
NCV59800 ONSEMI-NCV59800 Datasheet
95Kb / 6P
   1 A Low Noise, RF LDO Voltage Regulator
October, 2016 ??Rev. 0
NCP59800 ONSEMI-NCP59800_17 Datasheet
94Kb / 6P
   1 A Low Noise, RF LDO Voltage Regulator
December, 2017 ??Rev. 2
logo
Texas Instruments
TPS7A52 TI1-TPS7A52 Datasheet
486Kb / 28P
[Old version datasheet]   TPS7A52 2-A, High-Accuracy (0.75%), Low-Noise (4.4 關VRMS), LDO Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com