Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

SSW-105-22-F-D-VS-K Datasheet(HTML) 20 Page - Texas Instruments

Part No. SSW-105-22-F-D-VS-K
Description  Performance Demonstration Kit for the ADS130E08
Download  47 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI1 [Texas Instruments]
Homepage  http://www.ti.com
Logo 

SSW-105-22-F-D-VS-K Datasheet(HTML) 20 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 47 page
background image
Temperature ( C)
°
=
0.1447
0.145300
-
0.00049
+ 25 = 23.78 C
°
USING THE SOFTWARE
www.ti.com
Figure 18. Eight-Channel Read of Internal Temperature Data
The number 0.1447 V (on the y-axis) can be calculated as a temperature using Equation 2:
(2)
4.5.1
MV
DD Input and the Scope Tab
The MV
DD input option allows the measurement of the supply voltage VS = (AVDD + AVSS) / 2 for
channels 1, 2, 5, 6, 7, and 8; however, the supply voltage for channel 3 is DVDD / 2.
4.6
General-Purpose I/O Register (GPIO)
The GPIO registers control four general-purpose input and output (I/O) pins. Table 9 shows the respective
register to control these pins. Figure 19 illustrates the GPIO Control Register GUI panel.
Table 9. GPIO: General-Purpose I/O Register
Reset
Address
Register
Value
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
14h
GPIO
0Fh
GPIOD4
GPIOD3
GPIOD2
GPIOD1
GPIOC4
GPIOC3
GPIOC2
GPIOC1
20
Performance Demonstration Kit for the ADS130E08
SBAU202 – June 2012
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn