Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BK2125HM471-T Datasheet(PDF) 6 Page - Texas Instruments

Part # BK2125HM471-T
Description  Performance Demonstration Kit for the ADS130E08
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BK2125HM471-T Datasheet(HTML) 6 Page - Texas Instruments

Back Button BK2125HM471-T Datasheet HTML 2Page - Texas Instruments BK2125HM471-T Datasheet HTML 3Page - Texas Instruments BK2125HM471-T Datasheet HTML 4Page - Texas Instruments BK2125HM471-T Datasheet HTML 5Page - Texas Instruments BK2125HM471-T Datasheet HTML 6Page - Texas Instruments BK2125HM471-T Datasheet HTML 7Page - Texas Instruments BK2125HM471-T Datasheet HTML 8Page - Texas Instruments BK2125HM471-T Datasheet HTML 9Page - Texas Instruments BK2125HM471-T Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 47 page
background image
SOFTWARE INSTALLATION
www.ti.com
2
SOFTWARE INSTALLATION
2.1
Minimum Requirements
Before installing the software that is intended for use with the EVM kit, please verify that your PC-
compatible computer meets the following minimum requirements:
Pentium III® or Celeron® processor, 866 MHz or equivalent
Minimum 256 MB of RAM (512 MB or greater recommended)
USB 1.1-compatible input
Hard disk drive with at least 200 MB free space
Windows® XP operating system with SP2
Mouse or other pointing device
1280 × 960 minimum display resolution
6
Performance Demonstration Kit for the ADS130E08
SBAU202 – June 2012
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated


Similar Part No. - BK2125HM471-T

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
BK2125HM471-T TAIYO-YUDEN-BK2125HM471-T Datasheet
266Kb / 2P
   Multilayer Chip Bead Inductors (BK series)
logo
NXP Semiconductors
BK2125HM471-T NXP-BK2125HM471-T Datasheet
640Kb / 17P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 9, 9/2014
BK2125HM471-T NXP-BK2125HM471-T Datasheet
438Kb / 14P
   Heterojunction Bipolar Transistor (InGaP HBT)
Rev. 7, 9/2014
BK2125HM471-T NXP-BK2125HM471-T Datasheet
389Kb / 14P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 4, 9/2014
BK2125HM471-T NXP-BK2125HM471-T Datasheet
403Kb / 14P
   Heterojunction Bipolar Transistor (InGaP HBT)
Rev. 7, 9/2014
More results

Similar Description - BK2125HM471-T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UM1008 STMICROELECTRONICS-UM1008 Datasheet
2Mb / 32P
   Demonstration kit for the ST7570 power line modem
logo
Texas Instruments
SLAU443 TI1-SLAU443 Datasheet
3Mb / 68P
[Old version datasheet]   EEG Front-End Performance Demonstration Kit
logo
STMicroelectronics
UM0855 STMICROELECTRONICS-UM0855 Datasheet
1Mb / 35P
   Demonstration kit for single
DEMO-CR95HF-A STMICROELECTRONICS-DEMO-CR95HF-A Datasheet
130Kb / 5P
   Demonstration kit for the CR95HF 13.56 MHz transceiver IC
September 2012 Rev 3
AN4227 STMICROELECTRONICS-AN4227 Datasheet
1Mb / 13P
   Audio hub demonstration kit supporting the MP45DT02
UM1541 STMICROELECTRONICS-UM1541 Datasheet
1Mb / 7P
   STCF04 demonstration kit
DK3400 STMICROELECTRONICS-DK3400 Datasheet
133Kb / 4P
   DK3400 demonstration kit
November 2010 Rev 1
logo
Fairchild Semiconductor
TMB2193MS100 FAIRCHILD-TMB2193MS100 Datasheet
167Kb / 24P
   Demonstration Board for the TMC2193
logo
STMicroelectronics
AN2938 STMICROELECTRONICS-AN2938 Datasheet
1Mb / 39P
   Power system demonstration kit based on the PM6686 dual
STEVAL-IPE011V1 STMICROELECTRONICS-STEVAL-IPE011V1 Datasheet
94Kb / 4P
   Energy meter demonstration kit daughterboard based on the STPMS1
June 2010 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com