Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SOM-4461A2 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # SOM-4461A2
Description  Intel짰 Atom??Processor N270 ETX CPU Module
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

SOM-4461A2 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  SOM-4461A2 Datasheet HTML 1Page - Advantech Co., Ltd. SOM-4461A2 Datasheet HTML 2Page - Advantech Co., Ltd. SOM-4461A2 Datasheet HTML 3Page - Advantech Co., Ltd. SOM-4461A2 Datasheet HTML 4Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
All product specifications are subject to change without notice
Last updated : 11-Jan-2011
Computer On Modules
Features
Intel® Atom™ Processor
N270 ETX CPU Module
SOM-4461 A2
ƒ Embedded Intel® Atom™ Processor N270 1.6 GHz + 945GSE + ICH7M
ƒ Intel GMA 950, Microsoft DirectX 9.1, Supports 36/48-bit LVDS TFT LCD
ƒ Supports one DDR2-533 memory SODIMM sockets up to 2 GB
ƒ Interface & I/O: Supports 4 PCI Master, LPC, 1 IDE, 2 SATA, 4 USB 2.0, 2
COMs, FDD/LPT, Line-in/out, Mic-in
ƒ Supports embedded software APIs and Utility
Specifications
Form Factor
ETX 3.0
Processor System
CPU
Embedded Intel Atom Processor N270 1.6 GHz
Front Side Bus
533 MHz
System Chipset
Intel 945GSE/ ICH7M
BIOS
AWARD 8 Mbit Flash BIOS
Memory
Technology
DDR2 400/533 MHz
Max. Capacity
up to 2 GB
Socket
1 x 200-pin SODIMM socket
Display
Chipset
Intel 945GSE
VRAM
DVMT 3.0 supports up to 224 MB
Graphics Engine
Intel GMA950, Microsoft DirectX* 9.1
LVDS
Dual channel 36/48-bit LVDS
VGA
up to 2048 x 1536
DVI
-
TV Out
Supports NTSC/PAL, S-Video and Composite Output interfaces
Dual Display
CRT + LVDS, TV out + LVDS, TV out + CRT
Ethernet
Chipset
Realtek 8103EL 10/100 Mbps Ethernet
Speed
10/100 Mbps
WatchDog Timer
256 levels timer interval, from 0 to 255 sec or min setup by software, jumperless selection, generates system reset
Expansion
4 x PCI master, ISA
I/O
PATA
1 x EIDE (UDMA 100)
SATA
2 x SATA (On ETX CPU module)
USB
4 x USB 2.0
Audio
Realtek ALC203 AC97 Codec support Line-in / out, Mic-in
GPIO
2-bit GPIO (Supports by customized BIOS)
COM
2 COM ports
FDD/LPT
1 x FDD or LPT
SSD
-
Power
Power Type
ATX, AT
Power Supply Voltage
+5V only (+5VSB needs for ATX)
Power Consumption
(Typical)
Typical: (1 GB DDRII 533)
+5 V @ 1.15 A
Power Consumption
(Max, test in HCT)
Max: (1 GB DDRII 533)
+5 V @ 1.98 A
Environment
Operating Temperature
0 ~ 60° C (32 ~ 140° F)
Operating Humidity
0% ~ 90% relative humidity, non-condensing
Mechanical
Dimensions
114 x 95 mm (4.5" x 3.74")
Watchdog
GPIO
H/W Monitor
SMBus
Monitoring
eSOS
BIOS flash
Embedded
Security ID
Flash Lock
Software APIs:
Utilities:
I2C
NEW


Similar Part No. - SOM-4461A2

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SOM-4461 ADVANTECH-SOM-4461 Datasheet
319Kb / 2P
   Intel짰 Atom??N270 ETX CPU Module
SOM-4461FL-S6A1E ADVANTECH-SOM-4461FL-S6A1E Datasheet
319Kb / 2P
   Intel짰 Atom??N270 ETX CPU Module
SOM-4461RL-S6A2E ADVANTECH-SOM-4461RL-S6A2E Datasheet
1Mb / 2P
   Intel짰 Atom??Processor N270 ETX CPU Module
SOM-4461RZ-S6A2E ADVANTECH-SOM-4461RZ-S6A2E Datasheet
1Mb / 2P
   Intel짰 Atom??Processor N270 ETX CPU Module
SOM-4461RZ2-S6A2E ADVANTECH-SOM-4461RZ2-S6A2E Datasheet
1Mb / 2P
   Intel짰 Atom??Processor N270 ETX CPU Module
More results

Similar Description - SOM-4461A2

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SOM-4461 ADVANTECH-SOM-4461_12 Datasheet
1Mb / 2P
   Intel짰 Atom??Processor N270 ETX CPU Module
SOM-4461 ADVANTECH-SOM-4461 Datasheet
319Kb / 2P
   Intel짰 Atom??N270 ETX CPU Module
logo
AAEON Technology
ETX-945GSE AAEON-ETX-945GSE Datasheet
294Kb / 2P
   ETX CPU Module with Onboard Intel Atom N270 Processor
logo
Advantech Co., Ltd.
SOM-4463-A2 ADVANTECH-SOM-4463-A2_15 Datasheet
1Mb / 3P
   Intel짰 Atom??Processor N450/D510 ETX CPU Module
SOM-4463-B2 ADVANTECH-SOM-4463-B2_15 Datasheet
898Kb / 2P
   Intel짰 Atom??Processor N455/D525 ETX CPU Module
SOM-4463B1 ADVANTECH-SOM-4463B1 Datasheet
1Mb / 2P
   Intel짰 Atom??Processor N455/D525 ETX CPU Module
SOM-4463B2 ADVANTECH-SOM-4463B2_V01 Datasheet
883Kb / 2P
   Intel짰 Atom??Processor N455/D525 ETX CPU Module
16-Jul-2019
SOM-4463 ADVANTECH-SOM-4463_11 Datasheet
1Mb / 3P
   Intel짰 Atom??Processor N450/D510 ETX CPU Module
SOM-4463 ADVANTECH-SOM-4463 Datasheet
942Kb / 2P
   Intel짰 Atom N450/D510 ETX CPU Module
SOM-6761 ADVANTECH-SOM-6761 Datasheet
340Kb / 2P
   Intel짰 Atom??N270 COM-Micro CPU Module
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com