Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SOM-4463D-S8B1E Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # SOM-4463D-S8B1E
Description  Intel짰 Atom??Processor N455/D525 ETX CPU Module
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

SOM-4463D-S8B1E Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  SOM-4463D-S8B1E Datasheet HTML 1Page - Advantech Co., Ltd. SOM-4463D-S8B1E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Computer On Modules
Features
Intel® Atom™ Processor
N455/D525 ETX CPU Module
SOM-4463 B1
ƒ Embedded Intel® Atom™ Processor N455 1.66 GHz single core/ D525
1.80 GHz dual-core + ICH8M
ƒ Intel Gen 3.5 DX9, MPEG2 hardware decoder, multiple display: VGA, 18/24-
bit LVDS
ƒ Supports DDR3-667 for N455 up to 2GB and DDR3-800 for D525 up to 4GB
ƒ Supports 4 PCI, ISA, 2 IDE, 2 SATAII, 4 USB 2.0
ƒ Supports SUSIAccess and Embedded Software APIs
Specifications
Form Factor
ETX 3.0
Processor System
CPU
Intel Atom N455 1.67 GHz (single core), 512 KB L2 Cache
Intel Atom D525 1.80 GHz (dual core), 1 MB L2 Cache
System Chipset
ICH8M
BIOS
AMI 16 Mbit Flash BIOS
Memory
Technology
DDR3 667 MHz (N455) and 800 MHz (D525)
Max. Capacity
Up to 2 GB (N455); Up to 4 GB (D525)
Socket
1 x 204-pin SODIMM socket
Display
Chipset
Intel Atom N455 or Intel Atom D525
Graphic Engine
Intel Gen 3.5 DX9, MPEG2 hardware decoder
LVDS
18/24-bit single channel LVDS
VGA
Intel Atom N455 Single Core up to 1400 x 1050 (SXGA)
Intel Atom D525 Dual Core up to 2048 x 1536
DVI
-
TV Out
-
SDVO
-
Dual Display
CRT + LVDS
Ethernet
Chipset
Realtek 8103EL 10/100 Mbps Ethernet
Speed
10/100 Mbps
WatchDog Timer
256 level timer interval, from 0 to 255 sec or min setup by software, jumperless selection, generates system
reset
Expansion
ISA, 4 PCI masters
I/O
PATA
2 x EIDE (UDMA 100)
SATA
2 x SATAII (300 MB/s)
USB
4 x USB 2.0
Audio
ALC892 Audio
GPIO
1-bit GPIO, 2-bit GPE
COM
2 x COM Ports
FDD/LPT
1 x FDD or LPT
Power
Power Type
ATX, AT
Power Supply Voltage
+5 V (+5VSB is required for ATX power scheme)
Power Consumption
(Typical)
4463N (2 GB DDRIII 1333) +5 V @ 1.82 A
4463D (2 GB DDRIII 1333) +5 V @ 2.18 A
Power Consumption
(Max, test in HCT)
4463N (2 GB DDRIII 1333) +5 V @ 2.25 A
4463D (2 GB DDRIII 1333) +5 V @ 2.73 A
Environment
Operating Temperature
0 ~ 60° C (32 ~ 140° F)
Operating Humidity
0% ~ 90% relative humidity, non-condensing
Mechanical
Dimensions
114 x 95 mm (3.74" x 4.5")
Backlight On/Off
Watchdog
GPIO
H/W Monitor
I2C
SMBus
Brightness
Utilities:
Software APIs:
NEW
Monitoring
BIOS flash
Embedded
Security ID
All product specifications are subject to change without notice
Last updated : 13-Jun-2012


Similar Part No. - SOM-4463D-S8B1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SOM-4463D-S8B2E ADVANTECH-SOM-4463D-S8B2E Datasheet
898Kb / 2P
   Intel짰 Atom??Processor N455/D525 ETX CPU Module
SOM-4463D-S8B2E ADVANTECH-SOM-4463D-S8B2E Datasheet
898Kb / 2P
   N455/D525 ETX CPU Module
SOM-4463D-S8B2E ADVANTECH-SOM-4463D-S8B2E Datasheet
883Kb / 2P
   Intel짰 Atom??Processor N455/D525 ETX CPU Module
16-Jul-2019
More results

Similar Description - SOM-4463D-S8B1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SOM-4463-B2 ADVANTECH-SOM-4463-B2_15 Datasheet
898Kb / 2P
   Intel짰 Atom??Processor N455/D525 ETX CPU Module
SOM-4463B2 ADVANTECH-SOM-4463B2_V01 Datasheet
883Kb / 2P
   Intel짰 Atom??Processor N455/D525 ETX CPU Module
16-Jul-2019
SOM-4463B2 ADVANTECH-SOM-4463B2 Datasheet
898Kb / 2P
   N455/D525 ETX CPU Module
logo
AAEON Technology
ETX-LN AAEON-ETX-LN Datasheet
294Kb / 2P
   ETX CPU Module with Onboard Intel Atom D525/N455/D425 Processor
AEC-6522 AAEON-AEC-6522 Datasheet
258Kb / 2P
   Intel짰 Atom??N455/D525 Processor
logo
Advantech Co., Ltd.
SOM-4461 ADVANTECH-SOM-4461_12 Datasheet
1Mb / 2P
   Intel짰 Atom??Processor N270 ETX CPU Module
SOM-4461A2 ADVANTECH-SOM-4461A2 Datasheet
1Mb / 4P
   Intel짰 Atom??Processor N270 ETX CPU Module
SOM-6763DZ2-S8B1E ADVANTECH-SOM-6763DZ2-S8B1E Datasheet
672Kb / 2P
   Intel짰 Atom??Processor N455/D525 COM Express짰 Compact Module
SOM-6763-B1 ADVANTECH-SOM-6763-B1_15 Datasheet
672Kb / 2P
   Intel짰 Atom??Processor N455/D525 COM Express짰 Compact Module
logo
Intel Corporation
EM104P-I2904 INTEL-EM104P-I2904 Datasheet
324Kb / 3P
   Intel짰 Atom??N455 or D525 PC/104-Plus CPU Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com