Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SOM-4463NZ2-S6B1E Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # SOM-4463NZ2-S6B1E
Description  Intel짰 Atom??Processor N455/D525 ETX CPU Module
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

SOM-4463NZ2-S6B1E Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  SOM-4463NZ2-S6B1E Datasheet HTML 1Page - Advantech Co., Ltd. SOM-4463NZ2-S6B1E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Block Diagram
SOM-4463 B1
Ordering Information
Part No.
CPU
L2
Cache Chipset LVDS
VGA 10/100
LAN
HD
Audio PCI
USB
2.0
SATA
PATA SMBus ATX
Power
AT
Power
Thermal
Solution
Operating
Temp.
SOM-4463N-S6B1E
Atom N455 512 KB ICH8M
18/24-bit Yes
1
Yes
4
4
2 x SATAII 2
1
Yes
Yes
Passive
0 ~ 60° C
SOM-4463D-S8B1E
Atom D525 1 MB
ICH8M
18/24-bit Yes
1
Yes
4
4
2 x SATAII 2
1
Yes
Yes
Active
0 ~ 60° C
SOM-4463DZ-S8B1E
Atom D525 1 MB
ICH8M
18/24-bit Yes
1
Yes
4
4
2 x SATAII 2
1
Yes
Yes
Active
-20 ~ 80° C
SOM-4463DZ2-S8B1E Atom D525 1 MB
ICH8M
18/24-bit Yes
1
Yes
4
4
2 x SATAII 2
1
Yes
Yes
Active
-40 ~ 85° C
SOM-4463NZ-S6B1E
Atom N455 512 KB ICH8M
18/24-bit Yes
1
Yes
4
4
2 x SATAII 2
1
Yes
Yes
Passive
-20 ~ 80° C
SOM-4463NZ2-S6B1E Atom N455 512 KB ICH8M
18/24-bit Yes
1
Yes
4
4
2 x SATAII 2
1
Yes
Yes
Passive
-40 ~ 85° C
Note: Passive = fanless; Active = with fan
Development Board
Part No.
Description
SOM-DB4400-00A2E
Development Board for ETX Rev.A2
SOM-DB4700-00A1E
Development Board for ETX Rev.A1
Packing List
Part No.
Description
Quantity
-
SOM-4463 CPU Module
1
-
Utility CD
1
Optional Accessories
Part No.
Description
1960012091T00S
Semi-Heatsink 114 x 96 x 15 mm
1750001980
Semi-Cooler 114 x 96 x 15 mm
Embedded OS
OS
Part No.
Description
WinCE
2070007811
CE 6.0 Pro Intel (852/855/915/945)
2COM V1.2 ENG
Win XPE
2070007912
XPE WES2009 Intel-Uniprocess V4.0 MUI2
QNX
V6.4.1
share with COM2
Ethernet
One Channel DDR3
204-pin SODIMM
667 MHz up to 2GB (N455)
800 MHz up to 4GB (D525)
PCIE X 1
LPC BUS
DMI
Analog RGB
LAN
(RTL8103EL)
IrDA
USB 2.0 x 4
SMBus
HD Codec
ALC892
Azalia
Audio
PCI BUS
IT8888G
PCI to ISA
ISA BUS
SATA II x 2
Super I/O
W83627DHG
LPT / FDD
COM x 2
KB/MS
SPI
BIOS
SPI Bus
SATA 7P
Connector
x 2
ICH8M
(82801HBM)
PCIE
Connector
4 PCIE X1
Line-in
Line-out
Mic
Intel CPU
N455/D525
18/24-bit LVDS
IDE
(Pri. & Sec.)


Similar Part No. - SOM-4463NZ2-S6B1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SOM-4463NZ2-S6A1E ADVANTECH-SOM-4463NZ2-S6A1E Datasheet
1Mb / 3P
   Intel짰 Atom??Processor N450/D510 ETX CPU Module
More results

Similar Description - SOM-4463NZ2-S6B1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SOM-4463-B2 ADVANTECH-SOM-4463-B2_15 Datasheet
898Kb / 2P
   Intel짰 Atom??Processor N455/D525 ETX CPU Module
SOM-4463B2 ADVANTECH-SOM-4463B2_V01 Datasheet
883Kb / 2P
   Intel짰 Atom??Processor N455/D525 ETX CPU Module
16-Jul-2019
SOM-4463B2 ADVANTECH-SOM-4463B2 Datasheet
898Kb / 2P
   N455/D525 ETX CPU Module
logo
AAEON Technology
ETX-LN AAEON-ETX-LN Datasheet
294Kb / 2P
   ETX CPU Module with Onboard Intel Atom D525/N455/D425 Processor
AEC-6522 AAEON-AEC-6522 Datasheet
258Kb / 2P
   Intel짰 Atom??N455/D525 Processor
logo
Advantech Co., Ltd.
SOM-4461 ADVANTECH-SOM-4461_12 Datasheet
1Mb / 2P
   Intel짰 Atom??Processor N270 ETX CPU Module
SOM-4461A2 ADVANTECH-SOM-4461A2 Datasheet
1Mb / 4P
   Intel짰 Atom??Processor N270 ETX CPU Module
SOM-6763DZ2-S8B1E ADVANTECH-SOM-6763DZ2-S8B1E Datasheet
672Kb / 2P
   Intel짰 Atom??Processor N455/D525 COM Express짰 Compact Module
SOM-6763-B1 ADVANTECH-SOM-6763-B1_15 Datasheet
672Kb / 2P
   Intel짰 Atom??Processor N455/D525 COM Express짰 Compact Module
logo
Intel Corporation
EM104P-I2904 INTEL-EM104P-I2904 Datasheet
324Kb / 3P
   Intel짰 Atom??N455 or D525 PC/104-Plus CPU Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com