Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THC63LVD1027 Datasheet(PDF) 4 Page - THine Electronics, Inc.

Part # THC63LVD1027
Description  85MHz 10Bits Dual LVDS Repeater
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINE [THine Electronics, Inc.]
Direct Link  http://www.thine.co.jp/index_e.html
Logo THINE - THine Electronics, Inc.

THC63LVD1027 Datasheet(HTML) 4 Page - THine Electronics, Inc.

  THC63LVD1027 Datasheet HTML 1Page - THine Electronics, Inc. THC63LVD1027 Datasheet HTML 2Page - THine Electronics, Inc. THC63LVD1027 Datasheet HTML 3Page - THine Electronics, Inc. THC63LVD1027 Datasheet HTML 4Page - THine Electronics, Inc. THC63LVD1027 Datasheet HTML 5Page - THine Electronics, Inc. THC63LVD1027 Datasheet HTML 6Page - THine Electronics, Inc. THC63LVD1027 Datasheet HTML 7Page - THine Electronics, Inc. THC63LVD1027 Datasheet HTML 8Page - THine Electronics, Inc. THC63LVD1027 Datasheet HTML 9Page - THine Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
THC63LVD1027_Rev.2.0_E
Copyright©2010 THine Electronics, Inc.
4/22
THine Electronics,Inc.
Mode Setting
Input/Output
RCLK2+/-
MODE1
(Input mode)
MODE0
(Output mode)
H: Single
L: Dual
H: Single
L: Dual
Dual-In/Dual-Out
(Fig.2-1, 3-1)
CLK in
L
L
Distribution
(Fig.2-2, 3-2)
Hi-z
L
L
Single-In/Dual-Out
(Fig.2-3, 3-3)
Hi-z
H
L
Dual-In/Single-Out
(Fig.2-4, 3-4)
CLK in
L
H
Reserved
--
H
H
Fig2-1
Fig2-2
Fig2-3
Fig2-4
Dual-In / Dual-Out
TA1+/-
TB1+/-
TC1+/-
TD1+/-
TE1+/-
TCLK1+/-
TA2+/-
TB2+/-
TC2+/-
TD2+/-
TE2+/-
TCLK2+/-
=TCLK1+/-
CLK
Frequency
f
DATA Rate
f
CLK
Frequency
f
DATA Rate
f
CLK
Frequency
f
DATA Rate
f
RA1+/-
RB1+/-
RC1+/-
RD1+/-
RE1+/-
RCLK1+/-
RA2+/-
RB2+/-
RC2+/-
RD2+/-
RE2+/-
RCLK2+/-
CLK
Frequency
f
DATA Rate
f
Distribution mode
TA1+/-
TB1+/-
TC1+/-
TD1+/-
TE1+/-
TCLK1+/-
TA2+/-
TB2+/-
TC2+/-
TD2+/-
TE2+/-
TCLK2+/-
Same Data
CLK
Frequency
f
DATA Rate
f
CLK
Frequency
f
DATA Rate
f
=TCLK1+/-
CLK
Frequency
f
DATA Rate
f
RA1+/-
RB1+/-
RC1+/-
RD1+/-
RE1+/-
RCLK1+/-
RA2+/-
RB2+/-
RC2+/-
RD2+/-
RE2+/-
RCLK2+/-
Must be
Hi-z
Hi-z
Single-In / Dual-Out
TA1+/-
TB1+/-
TC1+/-
TD1+/-
TE1+/-
TCLK1+/-
TA2+/-
TB2+/-
TC2+/-
TD2+/-
TE2+/-
TCLK2+/-
CLK
Frequency
f/2
DATA Rate
f/2
CLK
Frequency
f
DATA Rate
f
RA1+/-
RB1+/-
RC1+/-
RD1+/-
RE1+/-
RCLK1+/-
RA2+/-
RB2+/-
RC2+/-
RD2+/-
RE2+/-
RCLK2+/-
Must be
Hi-z
CLK
Frequency
f/2
DATA Rate
f/2
Hi-z
Signal Flow for Each Setting
Dual-In / Single-Out
TA1+/-
TB1+/-
TC1+/-
TD1+/-
TE1+/-
TCLK1+/-
TA2+/-
TB2+/-
TC2+/-
TD2+/-
TE2+/-
TCLK2+/-
CLK
Frequency
2f
DATA Rate
2f
CLK
Frequency
f
DATA Rate
f
RA1+/-
RB1+/-
RC1+/-
RD1+/-
RE1+/-
RCLK1+/-
RA2+/-
RB2+/-
RC2+/-
RD2+/-
RE2+/-
RCLK2+/-
CLK
Frequency
f
DATA Rate
f
Hi-z


Similar Part No. - THC63LVD1027

ManufacturerPart #DatasheetDescription
logo
THine Electronics, Inc.
THC63LVD1027 THINE-THC63LVD1027 Datasheet
798Kb / 23P
   Dual Link LVDS Repeater
logo
California Eastern Labs
THC63LVD1027 CEL-THC63LVD1027 Datasheet
1Mb / 8P
   LVDS Dual Link Evaluation Board
THC63LVD1027 CEL-THC63LVD1027_15 Datasheet
946Kb / 24P
   Dual Link LVDS Repeater
logo
THine Electronics, Inc.
THC63LVD1027 THINE-THC63LVD1027_15 Datasheet
798Kb / 23P
   Dual Link LVDS Repeater
More results

Similar Description - THC63LVD1027

ManufacturerPart #DatasheetDescription
logo
THine Electronics, Inc.
THC63LVD1027 THINE-THC63LVD1027_15 Datasheet
798Kb / 23P
   Dual Link LVDS Repeater
logo
California Eastern Labs
THC63LVD1027 CEL-THC63LVD1027_15 Datasheet
946Kb / 24P
   Dual Link LVDS Repeater
logo
Pericom Semiconductor C...
PI90LV024 PERICOM-PI90LV024_04 Datasheet
432Kb / 12P
   LVDS Dual 2x2 Crosspoint/Repeater Switch
PI90LV024 PERICOM-PI90LV024 Datasheet
151Kb / 12P
   LVDS Dual 2x2 Crosspoint/Repeater Switch
PI90LV044 PERICOM-PI90LV044 Datasheet
461Kb / 12P
   LVDS Dual 2x2 Crosspoint/Repeater Switch
PI90LV03 PERICOM-PI90LV03 Datasheet
337Kb / 7P
   SOTiny LVDS Repeater
PI90LV022 PERICOM-PI90LV022 Datasheet
182Kb / 12P
   LVDS Mux/Repeater
logo
Texas Instruments
SN65MLVD128 TI-SN65MLVD128 Datasheet
186Kb / 16P
[Old version datasheet]   1:8 LVTTL TO M-LVDS REPEATER DUAL 1:4 LVTTL TO M-LVDS REPEATER
SN65MLVD128 TI1-SN65MLVD128_08 Datasheet
501Kb / 18P
[Old version datasheet]   1:8 LVTTL TO M-LVDS REPEATER DUAL 1:4 LVTTL TO M-LVDS REPEATER
SN65LVDS108 TI1-SN65LVDS108_14 Datasheet
587Kb / 21P
[Old version datasheet]   8-PORT LVDS REPEATER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com