Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SOM-5788FG-S1A1E Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # SOM-5788FG-S1A1E
Description  Intel짰 Core??i7/i5/i3 Processor COM-Express Basic Module
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

SOM-5788FG-S1A1E Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  SOM-5788FG-S1A1E Datasheet HTML 1Page - Advantech Co., Ltd. SOM-5788FG-S1A1E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Ordering Information
Part No.
CPU
LLC
Chipset
DD3
SODIMM
LVDS
VGA TV-out
Giga
LAN
HD
Audio
PCIe x4
PCIe x1
PCI
USB 2.0
SATA II
LPC
SMBus
ATX
Power
AT
Power
Thermal
Solution
Operating
Temp.
SOM-5788FG-U5A1E
Core i7-610E SV
2.53 GHz
4 MB
QM57
Non-ECC
18/24-bit
Yes
option
1
Yes
Option
6
4
8
4
1
1
Yes
Yes
Active
0 ~ 60° C
SOM-5788FG-U0A1E
Core i7-620LE LV
2.0 GHz
4 MB
QM57
Non-ECC
18/24-bit
Yes
option
1
Yes
Option
6
4
8
4
1
1
Yes
Yes
Active
0 ~ 60° C
SOM-5788FG-S1A1E
Core i7-620UE
ULV 1.06 GHz
4 MB
QM57
Non-ECC
18/24-bit
Yes
option
1
Yes
Option
6
4
8
4
1
1
Yes
Yes
Active
0 ~ 60° C
SOM-5788FG-U4A1E
Core i5-520E SV
2.4 GHz
3 MB
QM57
Non-ECC
18/24-bit
Yes
option
1
Yes
Option
6
4
8
4
1
1
Yes
Yes
Active
0 ~ 60° C
SOM-5788FG-U1A1E
Core i3-330E SV
2.13 GHz
3 MB
QM57
Non-ECC
18/24-bit
Yes
option
1
Yes
Option
6
4
8
4
1
1
Yes
Yes
Active
0 ~ 60° C
SOM-5788FG-S9A1E
Celeron P4505 SV
1.86 GHz
2 MB
QM57
Non-ECC
18/24-bit
Yes
option
1
Yes
Option
6
4
8
4
1
1
Yes
Yes
Active
0 ~ 60° C
SOM-5788FG-S0A1E
Celeron U3405
ULV 1.07 GHz
2 MB
QM57
Non-ECC
18/24-bit
Yes
option
1
Yes
Option
6
4
8
4
1
1
Yes
Yes
Active
0 ~ 60° C
SOM-5788FG-S3A1E
Core i7-660UE
ULV 1.33 GHz
4 MB
QM57
Non-ECC
18/24-bit
Yes
option
1
Yes
Option
6
4
8
4
1
1
Yes
Yes
Active
0 ~ 60° C
SOM-5788Z-S1A1E
Core i7-620UE
ULV 1.06 GHz
4 MB
QM57
Non-ECC
18/24-bit
Yes
option
1
Yes
Option
6
4
8
4
1
1
Yes
Yes
Active
-20 ~ 80° C
SOM-5788Z2-S1A1E
Core i7-620UE
ULV 1.06 GHz
4 MB
QM57
Non-ECC
18/24-bit
Yes
option
1
Yes
Option
6
4
8
4
1
1
Yes
Yes
Active
-40 ~ 85° C
SOM-5788Z-U0A1E
Core i7-620LE LV
2.0 GHz
4 MB
QM57
Non-ECC
18/24-bit
Yes
option
1
Yes
Option
6
4
8
4
1
1
Yes
Yes
Active
-20 ~ 80° C
SOM-5788Z2-U0A1E
Core i7-620LE LV
2.0 GHz
4 MB
QM57
Non-ECC
18/24-bit
Yes
option
1
Yes
Option
6
4
8
4
1
1
Yes
Yes
Active
-40 ~ 85° C
SOM-5788Z-S0A1E
Celeron U3405
1.07GHz
2 MB
QM57
Non-ECC
18/24-bit
Yes
option
1
Yes
Option
6
4
8
4
1
1
Yes
Yes
Active
-20 ~ 80° C
SOM-5788Z2-S0A1E
Celeron U3405
1.07GHz
2 MB
QM57
Non-ECC
18/24-bit
Yes
option
1
Yes
Option
6
4
8
4
1
1
Yes
Yes
Active
-40 ~ 85° C
SOM-5788Z-S3A1E
Core i7-660UE
1.33GHz
4 MB
QM57
Non-ECC
18/24-bit
Yes
option
1
Yes
Option
6
4
8
4
1
1
Yes
Yes
Active
-20 ~ 80° C
SOM-5788Z2-S3A1E
Core i7-660UE
1.33GHz
4 MB
QM57
Non-ECC
18/24-bit
Yes
option
1
Yes
Option
6
4
8
4
1
1
Yes
Yes
Active
-40 ~ 85° C
SOM-5788FG-U5B1E
Core i7-610E SV
2.53 GHz
4 MB
QM57
ECC
18/24-bit
Yes
option
1
Yes
Option
6
4
8
4
1
1
Yes
Yes
Active
0 ~ 60° C
SOM-5788FG-S1B1E
Core i7-620UE
ULV 1.06 GHz
4 MB
QM57
ECC
18/24-bit
Yes
option
1
Yes
Option
6
4
8
4
1
1
Yes
Yes
Active
0 ~ 60° C
SOM-5788FG-U4B1E
Core i5-520E SV
2.4 GHz
3 MB
QM57
ECC
18/24-bit
Yes
option
1
Yes
Option
6
4
8
4
1
1
Yes
Yes
Active
0 ~ 60° C
Note: Passive = fanless; Active = with fan
Block Diagram
SOM-5788
Development Board
Part No.
Description
SOM-DB5700G-00A2E
Development Board for COM-Express with GLAN
Packing List
Part No.
Description
Quantity
-
SOM-5788 CPU Module
1
-
Utility CD
1
1960047959T001
Heatspreader
1
Optional Accessories
Part No.
Description
1960048820N001
Semi-Cooler 125 x 95 x 33.5 mm with 12 V Fan
LPC BUS
QM57
SMBus
WDT / GPIO / I2C
Intel Core i7/i5/i3
Advantech
iManager
PCIe x16
PCIe x16 or
Display Port or
HDMI
Display Port C
HDMI
Display Port D
HDMI
TV-out
(optional)
Dual channels 18/24-bit LVDS
Analog RGB
Display Port B
SDVO
SDVO to TV-out
(optional)
Giga LAN
82577LM
6 PCIe x1
4 SATA II
Azalia
8 USB 2.0
1 PCIe x1
204-pin SODIMM x2
800/1066 MHz up to 8 GB
Dual Channel DDRIII
CK505
SPI BIOS
PCI BUS
PCIe
to IDE
IDE BUS
Ethernet
SPI Bus
Clocks
FDI
DMI
1 PCIe x1


Similar Part No. - SOM-5788FG-S1A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SOM-5788FG-S1A1E ADVANTECH-SOM-5788FG-S1A1E Datasheet
655Kb / 2P
   Intel짰 Core??Processor COM Express짰 Basic Module
SOM-5788FG-S1A1E ADVANTECH-SOM-5788FG-S1A1E Datasheet
655Kb / 2P
   Intel짰 Core??Processor COM Express짰 Basic Module
SOM-5788FG-S1A1E ADVANTECH-SOM-5788FG-S1A1E Datasheet
655Kb / 2P
   Intel짰 Core??Processor COM Express짰 Basic Module
More results

Similar Description - SOM-5788FG-S1A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SOM-5790 ADVANTECH-SOM-5790 Datasheet
1Mb / 2P
   Intel짰 Core??i7/i5/i3 Processor COM-Express Basic Module
SOM-5790 ADVANTECH-SOM-5790_13 Datasheet
651Kb / 2P
   Intel짰 Core??i7/i5/i3 Processor COM-Express Basic Module
SOM-9890 ADVANTECH-SOM-9890 Datasheet
675Kb / 2P
   Intel짰 Core??i7/i5/i3/Celeron짰 Processor COM-Express Basic Module
SOM-5890 ADVANTECH-SOM-5890 Datasheet
1Mb / 2P
   Intel짰 Core??i7/i5/i3/Celeron짰 Processor COM-Express Basic Module
SOM-5892 ADVANTECH-SOM-5892 Datasheet
1Mb / 2P
   Intel짰 Core??i7/i5/i3/Celeron짰 Processor COM-Express Basic Module
SOM-5892B1 ADVANTECH-SOM-5892B1_13 Datasheet
663Kb / 2P
   Intel짰 Core??i7/i5/i3/Celeron짰 Processor COM-Express Basic Module
SOM-5788 ADVANTECH-SOM-5788 Datasheet
872Kb / 2P
   Intel짰 Intel짰 Core??i7/i5 COM-Express CPU Module
SOM-6894 ADVANTECH-SOM-6894_15 Datasheet
567Kb / 2P
   Intel짰 Core??i7/i5/i3/Celeron짰 Processor COM Express짰 Compact Module
SOM-5787 ADVANTECH-SOM-5787_11 Datasheet
1Mb / 3P
   Intel짰 Core?? Duo Processor GS45 COM-Express Basic Module
SOM-5786 ADVANTECH-SOM-5786_11 Datasheet
1Mb / 3P
   Intel짰 Core?? Duo Processor GME965 COM-Express Basic Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com