Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

92318-18XX Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 92318-18XX
Description  1.27mm IDT Connector System for Ribbon Cable Applications
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX2 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX2 - Molex Electronics Ltd.

92318-18XX Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  92318-18XX Datasheet HTML 1Page - Molex Electronics Ltd. 92318-18XX Datasheet HTML 2Page - Molex Electronics Ltd. 92318-18XX Datasheet HTML 3Page - Molex Electronics Ltd. 92318-18XX Datasheet HTML 4Page - Molex Electronics Ltd. 92318-18XX Datasheet HTML 5Page - Molex Electronics Ltd. 92318-18XX Datasheet HTML 6Page - Molex Electronics Ltd. 92318-18XX Datasheet HTML 7Page - Molex Electronics Ltd. 92318-18XX Datasheet HTML 8Page - Molex Electronics Ltd. 92318-18XX Datasheet HTML 9Page - Molex Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
The versatile Picoflex® IDT connector
system is ideal for a broad range of
applications across all market segments:
Industrial
• Solar
• Weighing Systems
• Heating Systems
• Security Devices
• Access Controls
• Industrial Lighting
• Advertising Displays
• Power Supplies
Automotive
• Car Stereo Systems
• Navigation Systems
• In Car Entertainment
• Dashboard Applications
• Air-Conditioning
Medical
• Portable Heart Monitor
• Patient Monitor
• Blood Analyser
• Testers
Multimedia
• CD Players
• LCD Projector
• Satellite Receivers
• Televisions & Set Top Boxes
Others
• Office Equipment
• Vending Machines
• Smart Card Readers
• Washing Machines, Microwaves, etc.
MArkets & APPlIcAtIOns
Picoflex®


Similar Part No. - 92318-18XX

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
92318-1801 MOLEX-92318-1801 Datasheet
73Kb / 1P
   PICOFLEX IDT TO BOARD-IN STANDARD ASSEMBLIES (Z-STYLE)
98/06/24
92318-1801 MOLEX-92318-1801 Datasheet
73Kb / 1P
   PICOFLEX IDT TO BOARD-IN STANDARD ASSEMBLIES (/-STYLE)
98/06/24
92318-1802 MOLEX-92318-1802 Datasheet
73Kb / 1P
   PICOFLEX IDT TO BOARD-IN STANDARD ASSEMBLIES (Z-STYLE)
98/06/24
92318-1802 MOLEX-92318-1802 Datasheet
73Kb / 1P
   PICOFLEX IDT TO BOARD-IN STANDARD ASSEMBLIES (/-STYLE)
98/06/24
92318-1803 MOLEX-92318-1803 Datasheet
73Kb / 1P
   PICOFLEX IDT TO BOARD-IN STANDARD ASSEMBLIES (Z-STYLE)
98/06/24
More results

Similar Description - 92318-18XX

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
11-20-0314 MOLEX11-11-20-0314 Datasheet
29Kb / 1P
   IDT - Manual Press For Ribbon Cable
logo
Harwin Plc
M50-3300542 HARWIN-M50-3300542 Datasheet
87Kb / 1P
   1.27mm DIL IDC RIBBON CABLE CONNECTOR
logo
Molex Electronics Ltd.
0621002400 MOLEX-0621002400 Datasheet
74Kb / 14P
   IDT Ribbon Cable Adapter Kit for 2.00mm
08/26/2022
logo
Dubilier
DBCRC1.271030500 DUBILIER-DBCRC1.271030500 Datasheet
90Kb / 1P
   FLAT RIBBON CABLE 1.27mm PITCH
DBCRC1.271030500 DUBILIER-DBCRC1.271030500_11 Datasheet
151Kb / 1P
   FLAT RIBBON CABLE 1.27mm PITCH
logo
Molex Electronics Ltd.
62100-2000 MOLEX-62100-2000 Datasheet
274Kb / 4P
   IDT Ribbon Cable Hand Tool Module
08-13-08
logo
PHOENIX CONTACT
100018 PHOENIX-100018 Datasheet
310Kb / 8P
   VARIOFACE System Cable With Flat-Ribbon Cable Connector
logo
Harwin Plc
M50-3800542 HARWIN-M50-3800542 Datasheet
74Kb / 1P
   1.27mm DIL PC TAIL IDC RIBBON CABLE CONNECTOR
logo
Wurth Elektronik GmbH &...
63912015521CAB WURTH-63912015521CAB Datasheet
217Kb / 5P
   1.27mm Ribbon Flat Cable 1m WR-CAB
63911215521CAB WURTH-63911215521CAB Datasheet
217Kb / 5P
   1.27mm Ribbon Flat Cable 1m WR-CAB
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com