Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SOM-5890FG-S6A1E Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # SOM-5890FG-S6A1E
Description  Intel짰 Core??i7/i5/i3/Celeron짰 Processor COM-Express Basic Module
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

SOM-5890FG-S6A1E Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  SOM-5890FG-S6A1E Datasheet HTML 1Page - Advantech Co., Ltd. SOM-5890FG-S6A1E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Computer On Modules
Features
Intel® Core™ i7/i5/i3/Celeron® Processor
COM-Express Basic Module
SOM-5890
ƒ Embedded Intel® Core™ i7/i5/i3/Celeron processor + QM67
ƒ Intel Gfx supports VGA, 18/24-bit 2-CH LVDS, HDMI, DVI, DP
ƒ Supports Dual Channel DDR3-1333 SODIMM sockets up to 16 GB
ƒ Supports PCIe x16, 7 PCIe x1, 2 SATAIII, 2 SATAII, 8 USB 2.0, GbE
ƒ Supports iManager, SUSIAccess and Embedded Software APIs
Specifications
Form Factor
COM-Express 2.0 Basic Module, Type 6 Pin-out
Processor System
CPU
Intel Core i7-2715QE Processor (4C, 6M Cache, 2.1 GHz)
Intel Core i7-2655LE Processor (2C, 4M Cache, 2.2 GHz)
Intel Core i7-2610UE Processor (2C, 4M Cache, 1.5 GHz)
Intel Core i5-2515E Processor (2C, 3M Cache, 2.5 GHz)
Intel Core i3-2310E Processor (2C, 3M Cache, 2.1 GHz)
Intel Core i3-2340UE Processor (2C, 3M Cache, 1.3 GHz)
Intel Celeron B810E Processor (2C, 2M Cache, 1.6 GHz)
Intel Celeron 847E Processor (2C, 2M Cache, 1.1 GHz)
Intel Celeron 827E Processor (1C, 1.5M Cache, 1.4 GHz)
System Chipset
Intel QM67
BIOS
AMI 64 Mbit Flash BIOS
Memory
Technology
DDR3 1066/1333 MHz
ECC Support
A1 Series - not supported, B1 Series - supported
Max. Capacity
16 GB
Socket
2 x 204-pin SODIMM sockets
Display
Chipset
Intel Gfx integrated in Core i7, Core i5, or Core i3
LVDS
Single and dual channel 18/24-bit LVDS
VGA
up to 2048 x 1536
HDMI / DVI / DP
3 ports shared
SDVO
1 port shared with HDMI/DVI/Displayport
TV-out
-
Ethernet
Chipset
Intel 82579LM Gigabit Ethernet
Speed
10/100/1000 Mbps
WatchDog Timer
65536 level timer interval, from 0~65535 sec, multi-level, multi-option watchdog timer
Expansion
1 PEGx16, 7 PCIe x1, LPC, SPI, SMBus, I2C
I/O
SATA
2 x SATAIII (6.0 Gb/s), 2 x SATAII (3.0 Gb/s)
USB
8 x USB 2.0
Audio
High definition audio interface
GPIO
8-bit GPIO
Serial port
2 x UARTs up to 115.2K bps
Power
Power Type
ATX, AT
Power Supply Voltage
+12 V and +5 VSB for ATX, +12V for AT
Environment
Operating Temperature
0 ~ 60° C (32 ~ 140° F)
Operating Humidity
0% ~ 90% relative humidity, non-condensing
Mechanical
Dimensions
125 x 95 mm (4.92" x 3.74")
Brightness
Control
Watchdog
GPIO
H/W Monitor
I2C
SMBus
Software APIs:
Utilities:
NEW
Monitoring
BIOS flash
Embedded
Security ID
All product specifications are subject to change without notice
Last updated : 6-Sep-2012


Similar Part No. - SOM-5890FG-S6A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SOM-5890FG-S6A1E ADVANTECH-SOM-5890FG-S6A1E Datasheet
646Kb / 2P
   2nd Gen. Intel짰 Core??Processor COM Express짰 Basic Module
More results

Similar Description - SOM-5890FG-S6A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SOM-9890 ADVANTECH-SOM-9890 Datasheet
675Kb / 2P
   Intel짰 Core??i7/i5/i3/Celeron짰 Processor COM-Express Basic Module
SOM-5892B1 ADVANTECH-SOM-5892B1_13 Datasheet
663Kb / 2P
   Intel짰 Core??i7/i5/i3/Celeron짰 Processor COM-Express Basic Module
SOM-5892 ADVANTECH-SOM-5892 Datasheet
1Mb / 2P
   Intel짰 Core??i7/i5/i3/Celeron짰 Processor COM-Express Basic Module
SOM-5788 ADVANTECH-SOM-5788_12 Datasheet
1Mb / 2P
   Intel짰 Core??i7/i5/i3 Processor COM-Express Basic Module
SOM-5790 ADVANTECH-SOM-5790 Datasheet
1Mb / 2P
   Intel짰 Core??i7/i5/i3 Processor COM-Express Basic Module
SOM-5790 ADVANTECH-SOM-5790_13 Datasheet
651Kb / 2P
   Intel짰 Core??i7/i5/i3 Processor COM-Express Basic Module
SOM-6894 ADVANTECH-SOM-6894_15 Datasheet
567Kb / 2P
   Intel짰 Core??i7/i5/i3/Celeron짰 Processor COM Express짰 Compact Module
SOM-5788 ADVANTECH-SOM-5788 Datasheet
872Kb / 2P
   Intel짰 Intel짰 Core??i7/i5 COM-Express CPU Module
SIMB-A21 ADVANTECH-SIMB-A21_14 Datasheet
602Kb / 2P
   Intel짰 LGA1155 Core??i7/i5/i3, Celeron짰 ATX
logo
Axiomtek Co., Ltd.
CAPA880 AXIOMTEK-CAPA880 Datasheet
285Kb / 1P
   LGA1150 socket 4th gen Intel짰 Core??i7/i5/i3 & Celeron짰 processor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com