Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSW-105-22-F-D-VS-K Datasheet(PDF) 15 Page - Texas Instruments

Part # SSW-105-22-F-D-VS-K
Description  EEG Front-End Performance Demonstration Kit
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SSW-105-22-F-D-VS-K Datasheet(HTML) 15 Page - Texas Instruments

Back Button SSW-105-22-F-D-VS-K Datasheet HTML 11Page - Texas Instruments SSW-105-22-F-D-VS-K Datasheet HTML 12Page - Texas Instruments SSW-105-22-F-D-VS-K Datasheet HTML 13Page - Texas Instruments SSW-105-22-F-D-VS-K Datasheet HTML 14Page - Texas Instruments SSW-105-22-F-D-VS-K Datasheet HTML 15Page - Texas Instruments SSW-105-22-F-D-VS-K Datasheet HTML 16Page - Texas Instruments SSW-105-22-F-D-VS-K Datasheet HTML 17Page - Texas Instruments SSW-105-22-F-D-VS-K Datasheet HTML 18Page - Texas Instruments SSW-105-22-F-D-VS-K Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 68 page
background image
www.ti.com
ADS1299EEG-FE Daughter Card Hardware Introduction
Table 2. Power Supply Test Points
Test Point
Voltage
TP7
+5.0V
TP9
+1.8V
TP10
+3.3V
TP5
+5.0V
TP13
+2.5V
TP6
–2.5V
TP8
GND
The front-end board must be properly configured in order to achieve the various power-supply schemes.
The default power-supply setting for the ADS1299EEG-FE is a unipolar analog supply of 5V and DVDD of
either +3V or +1.8V. Table 3 shows the board and component configurations for each analog power-
supply scheme; Table 4 shows the board configurations for the digital supply.
Table 3. Analog Supply Configurations
Unipolar Analog Supply
Bipolar Analog Supply
Power Supplies
5V
±2.5V
JP2 (AVDD)
2-3 (default)
1-2
JP20 (AVSS)
1-2 (default)
2-3
U8
Don’t Care
TPS72325
U9
Don’t Care
TPS73225
Table 4. Digital Supply Configurations
DVDD
+3.0V
+1.8V
JP24
2-3 (default)
1-2
4.2
Clock
The ADS1299 has an on-chip oscillator circuit that generates a 2.048MHz clock (nominal). This clock can
vary by ±5% over temperature. For applications that require higher accuracy, the ADS1299 can also
accept an external clock signal. The ADS1299EEG-FE provides an option to test both internal and
external clock configurations. It also provides an option to generate the external clock from either the
onboard oscillator or from an external clock source.
The onboard oscillator is powered by the DVDD supply of the ADS1299. Care must be taken to ensure
that the external oscillator can operate either with +1.8V or +3.0V, depending on the DVDD supply
configuration. Table 5 shows the jumper settings for the three options for the ADS1299 clocks.
Table 5. Clock Jumper Options
ADS1299 Clock
Internal Clock from the ADS1299
Clock from Oscillator on the EVM
External Clock Source
JP18
Not Installed
2-3 (default)
1-2
JP19
Don’t Care
1-2
Don’t Care
J3– pin 17
Don’t Care
Don’t Care
External Clock Source
15
SLAU443 – May 2012
EEG Front-End Performance Demonstration Kit
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated


Similar Part No. - SSW-105-22-F-D-VS-K

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SSW-105-22-F-D-VS-K TI1-SSW-105-22-F-D-VS-K Datasheet
3Mb / 60P
[Old version datasheet]   TLV320AIC3104EVM and TLV320AIC3104EVM-PDK
SSW-105-22-F-D-VS-K TI1-SSW-105-22-F-D-VS-K Datasheet
2Mb / 47P
[Old version datasheet]   Performance Demonstration Kit for the ADS130E08
SSW-105-22-F-D-VS-K TI1-SSW-105-22-F-D-VS-K Datasheet
2Mb / 48P
[Old version datasheet]   Contains all support circuitry needed for the ADS1174/ADS1274
May2009
SSW-105-22-F-D-VS-K TI1-SSW-105-22-F-D-VS-K Datasheet
2Mb / 27P
[Old version datasheet]   Contains all support circuitry needed for the ADS1146/ADS1246
July2009
SSW-105-22-F-D-VS-K TI-SSW-105-22-F-D-VS-K Datasheet
169Kb / 10P
[Old version datasheet]   ADS78/8505EVM Users Guide
December 2004
More results

Similar Description - SSW-105-22-F-D-VS-K

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SBAU202 TI1-SBAU202 Datasheet
2Mb / 47P
[Old version datasheet]   Performance Demonstration Kit for the ADS130E08
logo
Sanyo Semicon Device
LA1193M SANYO-LA1193M_08 Datasheet
1Mb / 22P
   High-Performance FM Front End
LA1193V SANYO-LA1193V Datasheet
643Kb / 22P
   High-Performance FM Front End
logo
STMicroelectronics
UM1541 STMICROELECTRONICS-UM1541 Datasheet
1Mb / 7P
   STCF04 demonstration kit
DK3400 STMICROELECTRONICS-DK3400 Datasheet
133Kb / 4P
   DK3400 demonstration kit
November 2010 Rev 1
UM0855 STMICROELECTRONICS-UM0855 Datasheet
1Mb / 35P
   Demonstration kit for single
logo
List of Unclassifed Man...
PS25003 ETC2-PS25003 Datasheet
6Mb / 23P
   Demonstration Kit Standard Components
logo
CML Microcircuits
DE70321 CMLMICRO-DE70321 Datasheet
220Kb / 4P
   Development and Demonstration Kit
logo
STMicroelectronics
AN1714 STMICROELECTRONICS-AN1714 Datasheet
1Mb / 46P
   transceiver demonstration kit description
logo
Sanyo Semicon Device
LA1193M SANYO-LA1193M Datasheet
766Kb / 21P
   High-Performance FM Front End for Car Radios
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com