Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

SSW-105-22-F-D-VS-K Datasheet(HTML) 1 Page - Texas Instruments

Part No. SSW-105-22-F-D-VS-K
Description  EEG Front-End Performance Demonstration Kit
Download  68 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI1 [Texas Instruments]
Homepage  http://www.ti.com
Logo 

SSW-105-22-F-D-VS-K Datasheet(HTML) 1 Page - Texas Instruments

 
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 68 page
background image
User's Guide
SLAU443 – May 2012
EEG Front-End Performance Demonstration Kit
This user's guide describes the characteristics, operation, and use of the ADS1299EEG-FE. This EVM is
an evaluation module for the ADS1299, an eight-channel, 24-bit, low-power; integrated analog front-end
(AFE) designed for electroencephalography (EEG) applications. The ADS1299ECG-FE is intended for
prototyping and evaluation. This user's guide includes a complete circuit description, schematic diagram,
and bill of materials.
The following related documents are available through the Texas Instruments web site at www.ti.com.
Device
Literature Number
ADS1299
SBAS499
Contents
1
ADS1299EEG-FE Overview
............................................................................................... 4
1.1
Important Disclaimer Information
................................................................................ 4
1.2
Information about Cautions and Warnings
..................................................................... 4
2
Overview
..................................................................................................................... 5
2.1
Introduction
......................................................................................................... 5
2.2
Supported Features
................................................................................................ 5
2.3
Features Not Supported in Current Version
.................................................................... 5
2.4
ADS1299EEG-FE Hardware
..................................................................................... 5
2.5
Factory Default Jumper Settings
................................................................................. 6
3
Software Installation
........................................................................................................ 7
3.1
Minimum Requirements
........................................................................................... 7
3.2
Installing the Software
............................................................................................. 7
3.3
Install the ADS1299 EVM Hardware Drivers
................................................................. 10
4
ADS1299EEG-FE Daughter Card Hardware Introduction
........................................................... 13
4.1
Power Supply
..................................................................................................... 14
4.2
Clock
............................................................................................................... 15
4.3
Reference
.......................................................................................................... 16
4.4
Accessing ADS1299 Analog Signals
.......................................................................... 16
4.5
Accessing ADS1299 Digital Signals
........................................................................... 16
4.6
Analog Inputs
..................................................................................................... 17
5
Using the Software: ADS1299 Control Registers and GUI
.......................................................... 18
5.1
Overview and Features
.......................................................................................... 18
5.2
Global Channel Registers
....................................................................................... 19
5.3
Channel Control Registers
...................................................................................... 19
5.4
GPIO and Other Registers
...................................................................................... 23
5.5
Lead-Off and BIAS Registers
................................................................................... 23
5.6
Register Map
...................................................................................................... 26
6
ADS1299EEG-FE Analysis Tools
....................................................................................... 27
6.1
Scope Tab
......................................................................................................... 27
6.2
Histogram Tool
.................................................................................................... 28
6.3
FFT Tool
........................................................................................................... 29
7
EEG Specific Features
.................................................................................................... 32
7.1
Reference Signal and Patient Bias Signal
.................................................................... 32
SPI is a trademark of Motorola.
1
SLAU443 – May 2012
EEG Front-End Performance Demonstration Kit
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn