Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

SSW-118-21-F-D Datasheet(HTML) 48 Page - Texas Instruments

Part No. SSW-118-21-F-D
Description  EEG Front-End Performance Demonstration Kit
Download  68 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI1 [Texas Instruments]
Homepage  http://www.ti.com
Logo 

SSW-118-21-F-D Datasheet(HTML) 48 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 68 page
background image
Test Options on the EVM
www.ti.com
8.4
Noise with Buffered Common Reference Input
Connecting all the negative inputs to one reference electrode can lead to excessive leakage current on the
electrode. The typical leakage current on ADS1299 channel is 200pA. So for a 16 channel system total
leakage may be as large as 3.2nA. This number will become progressively worse as channel count is
increased. If the leakage number is not acceptable there is an option to buffer the common reference input
before connected it to all the negative inputs of the channel. On JP81 jumpers (3-4) and (5-6) are
required. On JP8 a jumper (2-3) is required and on JP7 a jumper (1-2) is needed. The GUI settings are
same as in Figure 56. Figure 57 shows a snapshot of the noise with SRB1 driven by a buffered reference.
The drawback of using the buffer in the SRB1 path is increased noise. The noise contributors in these
settings are two 5k resistors, op amp U4 and ADS1299 channel. As can be seen from the Figure 57 the
noise with this approach is larger than noise in previous three approaches. At present OPA376 is installed
on board for U4. A lower noise op amp can be used if needed.
Figure 57. Noise with OPA376 in SRB1 Path
48
EEG Front-End Performance Demonstration Kit
SLAU443 – May 2012
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn