Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

SSW-118-21-F-D Datasheet(HTML) 7 Page - Texas Instruments

Part No. SSW-118-21-F-D
Description  EEG Front-End Performance Demonstration Kit
Download  68 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI1 [Texas Instruments]
Homepage  http://www.ti.com
Logo 

SSW-118-21-F-D Datasheet(HTML) 7 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 68 page
background image
www.ti.com
Software Installation
Table 1. Factory Default Jumper Settings (continued)
Jumper Name
Settings
Comment
JP25
1-2/ 3-4/5-6
– BIAS_ELEC connected to all INPs
– BIAS_ELEC connected to all INMs
– BIAS_ELEC shorted to REF_ELEC which connects to SRB1
J6
5-6/ 7-8/ 9-10/ … 32-34 / 35-36
connect jumpers on all channels
3
Software Installation
3.1
Minimum Requirements
Before installing the software that is intended for use with the EVM kit, verify that your PC meets the
minimum requirements outlined in this section.
3.1.1
Required Setup for ADS1299EEG-FE Software
Install the software on a PC-compatible computer that meets these specifications:
Pentium III®/ Celeron® processor, 866MHz or equivalent
Minimum 256MB of RAM (512MB or greater recommended)
USB 1.1-compatible input
Hard disk drive with at least 200MB free space
Microsoft® Windows® XP operating system with SP2 (Windows Vista and Windows 7 are NOT
supported at this time)
Mouse or other pointing device
1280 x 960 minimum display resolution
3.2
Installing the Software
CAUTION
Do not connect the ADS1299EEG-FE hardware before installing the software
on a suitable PC. Failure to observe this caution may cause Microsoft Windows
to not recognize the ADS1299EEG-FE.
The latest software is available from the TI web site at www.ti.com\ads1299. Check the ADS1299 Product
Folder on the TI web site regularly for updated versions.
To install the ADS1299 software, click on the executable shown in Figure 2. Then follow the prompts
illustrated in Figure 3 through Figure 7.
Figure 2. Executable to Run ADS1299 Software Installation
7
SLAU443 – May 2012
EEG Front-End Performance Demonstration Kit
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn