Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

PCIE-1622A Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part No. PCIE-1622A
Description  8-port RS-232/422/485 PCI Express Communication Card
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

PCIE-1622A Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  PCIE-1622A Datasheet HTML 1Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Serial Communication Cards
Features
Specifications
General
ƒ
Bus Type
PCI Express® x1 compliant
ƒ
Certification
CE, FCC class A
ƒ
Connectors
1x Female DB62
ƒ
Dimensions (L x W)
185 x 100 mm (7.3" x 3.9")
ƒ
Power Consumption
260 mA @ +3.3 V
Communications
ƒ
Comm. Controller
OxPCIe958
ƒ
Data Bits
5, 6, 7, 8
ƒ
Data Signals
RS-232: TxD, RxD, RTS, CTS, DTR, DSR, DCD, GND
ƒ
FIFO
128 bytes
ƒ
Flow Control
RTS/CTS, Xon/Xoff
ƒ
Parity
None, Odd, Even, Mark and Space
ƒ
Speed
50 bps ~ 921.6 kbps and any other baud rate setting
230.4 kbps (PCIE-1620B and PCIE-1622B only)
ƒ
Stop Bits
1, 1.5, 2
Protection
PCIE-1620
PCIE-1622
8-port RS-232 PCI Express Communication Card
8-port RS-232/422/485 PCI Express
Communication Card
ƒ PCI Express x1 compliant
ƒ Speeds up to 921.6 kbps for extremely fast data transmission
ƒ Supports any baud rate setting
ƒ 8 x RS-232 or RS- 232/422/485 ports
ƒ Operating systems supported: Windows 2000/XP/Vista/7, and Linux 2.4/2.6
ƒ OXPCIe958 UART with 128-byte FIFOs standard
ƒ
ESD Protection
15 KV
ƒ
EFT Protection
2,500 KV
ƒ
Surge Protection
1,000 VDC
Software
ƒ
Bundled Software
ICOM Tools
ƒ
OS Support
Windows 2000/XP/Vista/7 and Linux
Environment
ƒ
Operating Humidity
5 ~ 95 % RH, non-condensing
ƒ
Operating Temperature -10 ~ 60°C (14 ~ 140°F)
ƒ
Storage Temperature
-25 ~ 85°C (-13 ~ 185°F)
Ordering Information
ƒ
PCIE-1620A
8-port RS-232 PCI Express Comm. Card
ƒ
PCIE-1620B
8-port RS-232 PCI Express Comm. Card w/Surge
ƒ
PCIE-1622A
8-port RS-232/422/485 PCI Express Comm. Card
ƒ
PCIE-1622B
8-port RS-232/422/485 PCI Express Comm. Card
w/ Surge
Introduction
PCIE-1620 is an 8-port RS-232, and PCIE-1622 is an 8-port RS-232/422/485 PCI Express communication cards that are compatible with the PCI Express x 1 specification. The
cards provide eight EFT protected RS-232/422/485 ports up to 2,500 VDC, and have many functions such as high transmission speed of 921.6 kbps; either eight independent RS-232
ports or eight independent RS-232/422/485 ports which comes with high-performance PCIe958 UARTs with 128-byte FIFO to reduce CPU load. Thus, the PCIE-1620/ PCIE-1622
are especially suitable for making your system reliable in multitasking environments.
NEW
PCIE-1620
PCIE-1622
RoHS
COMPLIANT
2002/95/EC


Similar Part No. - PCIE-1622A

ManufacturerPart No.DatasheetDescription
Advantech Co., Ltd.
Advantech Co., Ltd.
PCIE-1622A ADVANTECH-PCIE-1622A Datasheet
266Kb / 1P
   8-port RS-232 PCI Express Communication Card
More results

Similar Description - PCIE-1622A

ManufacturerPart No.DatasheetDescription
Advantech Co., Ltd.
Advantech Co., Ltd.
PCIE-1602 ADVANTECH-PCIE-1602_15 Datasheet
445Kb / 1P
   2-port RS-232/422/485 PCI Express Communication Card
PCIE-1602 ADVANTECH-PCIE-1602_V01 Datasheet
813Kb / 1P
   2-Port RS-232/422/485 PCI Express Communication Card
22-Aug-2019
PCI-1602 ADVANTECH-PCI-1602 Datasheet
846Kb / 1P
   2-port RS-232/422/485 PCI Communication Card
22-Aug-2019
PCIE-1620 ADVANTECH-PCIE-1620_15 Datasheet
266Kb / 1P
   8-port RS-232 PCI Express Communication Card
PCIE-1620 ADVANTECH-PCIE-1620_V01 Datasheet
481Kb / 1P
   8-Port RS-232 PCI Express Communication Card
27-Jun-2018
PCIE-1620 ADVANTECH-PCIE-1620 Datasheet
260Kb / 1P
   8-port RS-232 PCI Express Communication Card
PCI-1601 ADVANTECH-PCI-1601 Datasheet
76Kb / 1P
   2-port RS-422/485 PCI Communication Card
PCI-1603 ADVANTECH-PCI-1603 Datasheet
534Kb / 1P
   2-port RS-422/485 PCI Communication Card
Moxa Inc.
Moxa Inc.
CP-118EL-A MOXA-CP-118EL-A Datasheet
979Kb / 4P
   8-port RS-232/422/485 PCI Express serial boards
Advantech Co., Ltd.
Advantech Co., Ltd.
PCI-1612A ADVANTECH-PCI-1612A Datasheet
542Kb / 1P
   4-port RS-232/422/485 PCI Communication Cards
More results


Html Pages

1 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com