Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GRM188R71E104KA01B Datasheet(PDF) 1 Page - International Rectifier

Part # GRM188R71E104KA01B
Description  USER GUIDE FOR IR3898 EVALUATION BOARD
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

GRM188R71E104KA01B Datasheet(HTML) 1 Page - International Rectifier

  GRM188R71E104KA01B Datasheet HTML 1Page - International Rectifier GRM188R71E104KA01B Datasheet HTML 2Page - International Rectifier GRM188R71E104KA01B Datasheet HTML 3Page - International Rectifier GRM188R71E104KA01B Datasheet HTML 4Page - International Rectifier GRM188R71E104KA01B Datasheet HTML 5Page - International Rectifier GRM188R71E104KA01B Datasheet HTML 6Page - International Rectifier GRM188R71E104KA01B Datasheet HTML 7Page - International Rectifier GRM188R71E104KA01B Datasheet HTML 8Page - International Rectifier GRM188R71E104KA01B Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
IRDC3898-P1V2
12/8/2011
1
USER GUIDE FOR IR3898 EVALUATION BOARD
1.2Vout
DESCRIPTION
The
IR3898
is
a
synchronous
buck
converter,
providing
a
compact,
high
performance and flexible solution in a small
4mm X 5 mm Power QFN package.
Key features offered by the IR3898 include
internal Digital Soft Start/Soft Stop, precision
0.5Vreference
voltage,
Power
Good
,
thermal protection, programmable switching
frequency, Enable input, input under-voltage
lockout for proper start-up, enhanced line/
load regulation with feed forward, external
frequency
synchronization
with
smooth
clocking, internal LDO
and pre-bias start-
up.
Output over-current protection function is
implemented by sensing the voltage developed
across the on-resistance of the synchronous
Mosfet for optimum cost and performance and
the current limit is thermally compensated.
This user guide contains the schematic and bill
of materials for the IR3898 evaluation board.
The guide describes operation and use of the
evaluation board itself. Detailed
application
information for IR3898 is available in the
IR3898 data sheet.
BOARD FEATURES
V
in = +12V (+ 13.2V Max)
•Vout = +1.2V @ 0- 6A
F
s=600kHz
L= 1.0uH
C
in= 3x10uF (ceramic 1206) + 1X330uF (electrolytic)
C
out=4x22uF (ceramic 0805)
SupIRBuckTM


Similar Part No. - GRM188R71E104KA01B

ManufacturerPart #DatasheetDescription
logo
International Rectifier
GRM188R71E104KA01B IRF-GRM188R71E104KA01B Datasheet
2Mb / 43P
   12A HIGHLY INTERGRATED SUPLRBUCK
GRM188R71E104KA01B IRF-GRM188R71E104KA01B Datasheet
2Mb / 45P
   12A Highly Integrated SupIRBuck Single?륤nput Voltage
GRM188R71E104KA01B IRF-GRM188R71E104KA01B Datasheet
2Mb / 43P
   16A HIGHLY INTERGRATED SUPLRBUCK
GRM188R71E104KA01B IRF-GRM188R71E104KA01B Datasheet
2Mb / 45P
   16A Highly Integrated SupIRBuck
GRM188R71E104KA01B IRF-GRM188R71E104KA01B Datasheet
2Mb / 45P
   4A HIGHLY INTEGRATED SUPLRBUCK
More results

Similar Description - GRM188R71E104KA01B

ManufacturerPart #DatasheetDescription
logo
Analog Devices
UG-1121 AD-UG-1121 Datasheet
196Kb / 7P
   Evaluation Board User Guide
Rev. 0
logo
International Rectifier
IRDC3899-P1V2 IRF-IRDC3899-P1V2 Datasheet
3Mb / 17P
   USER GUIDE FOR IR3899 EVALUATION BOARD
IRDC3840 IRF-IRDC3840 Datasheet
905Kb / 17P
   USER GUIDE FOR IR3840 EVALUATION BOARD
IRDC3840A IRF-IRDC3840A Datasheet
862Kb / 17P
   USER GUIDE FOR IR3840A EVALUATION BOARD
IRDC3842 IRF-IRDC3842 Datasheet
924Kb / 17P
   USER GUIDE FOR IR3842 EVALUATION BOARD
IRDC3831 IRF-IRDC3831 Datasheet
764Kb / 16P
   USER GUIDE FOR IR3831 EVALUATION BOARD
IRDC3831W IRF-IRDC3831W Datasheet
732Kb / 16P
   USER GUIDE FOR IR3831W EVALUATION BOARD
IRDC3841 IRF-IRDC3841 Datasheet
901Kb / 17P
   USER GUIDE FOR IR3841 EVALUATION BOARD
IRDC3842W IRF-IRDC3842W Datasheet
854Kb / 17P
   USER GUIDE FOR IR3842W EVALUATION BOARD
logo
Analog Devices
UG-287 AD-UG-287 Datasheet
1Mb / 12P
   Evaluation Board User Guide
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com