Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

bq500410ARGZR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # bq500410ARGZR
Description  Free Positioning, Qi Compliant Wireless Power Transmitter Manager
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

bq500410ARGZR Datasheet(HTML) 10 Page - Texas Instruments

Back Button bq500410ARGZR Datasheet HTML 6Page - Texas Instruments bq500410ARGZR Datasheet HTML 7Page - Texas Instruments bq500410ARGZR Datasheet HTML 8Page - Texas Instruments bq500410ARGZR Datasheet HTML 9Page - Texas Instruments bq500410ARGZR Datasheet HTML 10Page - Texas Instruments bq500410ARGZR Datasheet HTML 11Page - Texas Instruments bq500410ARGZR Datasheet HTML 12Page - Texas Instruments bq500410ARGZR Datasheet HTML 13Page - Texas Instruments bq500410ARGZR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
Comm
Rectifier
Receiver Coil
Receiver
Capacitor
Modulation
Capacitors
Amax
A(0)
A(1)
F, kHz
Fo(1) < Fo(0)
Operating state at logic “ 0”
Operating state at logic “ 1”
Fsw
a)
b)
Comm
Rectifier
Receiver Coil
Receiver
Capacitor
Modulation
Resitor
Amax
A(0)
A(1)
F, kHz
Fsw
Operating state at logic “0”
Operating state at logic “1”
a)
b)
bq500410A
SLUSB96 – NOVEMBER 2012
www.ti.com
Principles of Operation (continued)
Communication
Communication within the WPC is from the receiver to the transmitter, where the receiver tells the transmitter to
send power and how much. In order to regulate, the receiver must communicate with the transmitter whether to
increase or decrease frequency. The receiver monitors the rectifier output and using Amplitude Modulation (AM),
sends packets of information to the transmitter. A packet is comprised of a preamble, a header, the actual
message and a checksum, as defined by the WPC standard.
The receiver sends a packet by modulating an impedance network. This AM signal reflects back as a change in
the voltage amplitude on the transmitter coil. The signal is demodulated and decoded by the transmitter-side
electronics and the frequency of its coil-drive output is adjusted to close the regulation loop. The bq500410A
features internal digital demodulation circuitry.
The modulated impedance network on the receiver can either be resistive or capacitive. Figure 1 shows the
resistive modulation approach, where a resistor is periodically added to the load, Figure 2 shows the resulting
amplitude change in the transmitter voltage. Figure 2 shows the capacitive modulation approach, where a
capacitor is periodically added to the load and the resulting amplitude change in the transmitter voltage.
Figure 1. Receiver Resistive Modulation Circuit
Figure 2. Receiver Capacitive Modulation Circuit
10
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: bq500410A


Similar Part No. - bq500410ARGZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ500412 TI1-BQ500412 Datasheet
928Kb / 28P
[Old version datasheet]   Low System Cost, Wireless Power Controller for WPC TX A6
BQ500412 TI1-BQ500412 Datasheet
922Kb / 28P
[Old version datasheet]   Low System Cost, Wireless Power Controller for WPC TX A6
BQ500412RGZR TI1-BQ500412RGZR Datasheet
928Kb / 28P
[Old version datasheet]   Low System Cost, Wireless Power Controller for WPC TX A6
BQ500412RGZR TI1-BQ500412RGZR Datasheet
922Kb / 28P
[Old version datasheet]   Low System Cost, Wireless Power Controller for WPC TX A6
BQ500412RGZT TI1-BQ500412RGZT Datasheet
928Kb / 28P
[Old version datasheet]   Low System Cost, Wireless Power Controller for WPC TX A6
More results

Similar Description - bq500410ARGZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ500414Q TI1-BQ500414Q Datasheet
1Mb / 34P
[Old version datasheet]   Qi Compliant Wireless Power Transmitter Manager
BQ500110 TI-BQ500110_11 Datasheet
642Kb / 25P
[Old version datasheet]   Qi Compliant Wireless Power Transmitter Manager
BQ500210_1108 TI-BQ500210_1108 Datasheet
783Kb / 25P
[Old version datasheet]   Qi Compliant Wireless Power Transmitter Manager
BQ500210 TI1-BQ500210 Datasheet
608Kb / 23P
[Old version datasheet]   Qi Compliant Wireless Power Transmitter Manager
BQ500211 TI1-BQ500211 Datasheet
778Kb / 26P
[Old version datasheet]   5-V, Qi Compliant Wireless Power Transmitter Manager
logo
Integrated Device Techn...
P9038 IDT-P9038 Datasheet
378Kb / 18P
   8W, Qi-compliant, Wireless Power Transmitter
logo
Generalplus Technology ...
GPMQ8018A GENERALPLUS-GPMQ8018A Datasheet
1Mb / 32P
   QI Compliant Wireless Power Transmitter Series
logo
Texas Instruments
BQ500215 TI1-BQ500215 Datasheet
2Mb / 35P
[Old version datasheet]   Compliant Wireless Power Transmitter Manager
logo
Toshiba Semiconductor
TB6865AFG TOSHIBA-TB6865AFG Datasheet
1Mb / 32P
   Qi compliant wireless power transmitter IC
logo
Generalplus Technology ...
GPMQ8005B GENERALPLUS-GPMQ8005B Datasheet
1Mb / 43P
   QI Compliant Wireless Charger Two-Coil Wireless Fast Charger Three-Coil QI Compliant Wireless Charger Power Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com