Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FIN425CMLX Datasheet(PDF) 9 Page - Fairchild Semiconductor

Part # FIN425CMLX
Description  20-Bit Ultra-Low-Power Serializer / Deserializer for 關Controller and RGB Displays
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FIN425CMLX Datasheet(HTML) 9 Page - Fairchild Semiconductor

Back Button FIN425CMLX Datasheet HTML 2Page - Fairchild Semiconductor FIN425CMLX Datasheet HTML 3Page - Fairchild Semiconductor FIN425CMLX Datasheet HTML 4Page - Fairchild Semiconductor FIN425CMLX Datasheet HTML 5Page - Fairchild Semiconductor FIN425CMLX Datasheet HTML 6Page - Fairchild Semiconductor FIN425CMLX Datasheet HTML 7Page - Fairchild Semiconductor FIN425CMLX Datasheet HTML 8Page - Fairchild Semiconductor FIN425CMLX Datasheet HTML 9Page - Fairchild Semiconductor FIN425CMLX Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FIN424C / FIN425C • Rev. 1.0.0
9
Physical Dimensions
5.00
5.00
0.80 MAX
0.10 C
SEATING
PLANE
0.08 C 0.05
0.00
(0.20)
C
0.15 C
0.15 C
PIN #1 IDENT
0.50
PIN #1 IDENT
3.70
3.50
0.45
0.35
3.70
3.50
0.50
0.10
CA B
0.05
C
0.18-0.30
A
B
5.38 MIN
0.20MIN
3.86 MIN
3.37 MAX
0.28 MAX
0.50TYP
(0.76)
X4
X40
E
(DATUM B)
(DATUM A)
PIN #1 ID
PIN #1 ID
(0.25 )
NOTES:
A. CONFORMS TO JEDEC REGISTRATION MO-220, VARIATION
WHHD-4. THIS PACKAGE IS ALSO FOOTPRINT COMPATIBLE WITH
WHHD-5.
B. DIMENSIONS ARE IN MILLIMETERS.
C. DIMENSIONS AND TOLERANCES PER ASME Y14.5M-1994.
D. LAND PATTERN PER IPC SM-782.
E. WIDTH REDUCED TO AVOID SOLDER BRIDGING.
F. DIMENSIONS ARE NOT INCLUSIVE OF BURRS, MOLD FLASH, OR
TIE BAR PROTRUSIONS.
G. DRAWING FILENAME: MKT-MLP32Arev3.
Figure 7.
32-Lead, Molded Leadless Package (MLP), QUAD, JEDEC MO-220, Variation WHHD-4, 5mm Square
Package drawings are provided as a service to customers considering Fairchild components. Drawings may change in any manner without
notice. Please note the revision and/or date on the drawing and contact a Fairchild Semiconductor representative to verify or obtain the
most recent revision. Package specifications do not expand the terms of Fairchild’s worldwide terms and conditions, specifically the warranty therein,
which covers Fairchild products.
Always visit Fairchild Semiconductor’s online packaging area for the most recent package drawings:
http://www.fairchildsemi.com/packaging/.
Ordering Information
Part Number
Operating
Temperature Range
Eco Status
Package
Packing Method
FIN424CMLX
-30 to +85°C
Green
32-Lead, Molded Leadless Package (MLP), QUAD,
JEDEC MO-220, Variation WHHD-4, 5mm Square
Tape and Reel
FIN425CMLX
-30 to +85°C
Green
32-Lead, Molded Leadless Package (MLP), QUAD,
JEDEC MO-220, Variation WHHD-4, 5mm Square
Tape and Reel
For Fairchild’s definition of Eco Status, please visit: http://www.fairchildsemi.com/company/green/rohs_green.html.


Similar Part No. - FIN425CMLX

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
FIN SCHURTER-FIN Datasheet
399Kb / 2P
   Shock-Safe Fuseholder, 5 x 20 mm, Slot, IP 67
logo
Quelighting Corp
FIN-RB-25 QUELIGHTING-FIN-RB-25 Datasheet
651Kb / 1P
   Grow LED Light - Ultra thin for Container farming : 25W or 50W
FIN-RB-50 QUELIGHTING-FIN-RB-50 Datasheet
651Kb / 1P
   Grow LED Light - Ultra thin for Container farming : 25W or 50W
FIN-RBW-25 QUELIGHTING-FIN-RBW-25 Datasheet
651Kb / 1P
   Grow LED Light - Ultra thin for Container farming : 25W or 50W
FIN-RBW-50 QUELIGHTING-FIN-RBW-50 Datasheet
651Kb / 1P
   Grow LED Light - Ultra thin for Container farming : 25W or 50W
More results

Similar Description - FIN425CMLX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FIN324C FAIRCHILD-FIN324C_08 Datasheet
930Kb / 19P
   24-Bit Ultra-Low Power Serializer / Deserializer Supporting Single and Dual Displays
FIN324C FAIRCHILD-FIN324C Datasheet
568Kb / 23P
   24-Bit Ultra-Low Power Serializer Deserializer Supporting Single and Dual Displays
FIN224C FAIRCHILD-FIN224C Datasheet
765Kb / 9P
   24-Bit Low-Power Serializer/Deserializer
logo
National Semiconductor ...
LM2506 NSC-LM2506 Datasheet
851Kb / 19P
   Low Power Mobile Pixel Link (MPL) Level 0, 18-bit RGB Display Interface Serializer and Deserializer
logo
Fairchild Semiconductor
FIN210AC FAIRCHILD-FIN210AC Datasheet
673Kb / 17P
   10-Bit Serializer / Deserializer Supporting Cameras and Small Displays up to 48MHz
logo
National Semiconductor ...
SCAN921023 NSC-SCAN921023 Datasheet
508Kb / 20P
   20-66 MHz 10 Bit Bus LVDS Serializer and Deserializer
logo
Maxim Integrated Produc...
MAX9225 MAXIM-MAX9225 Datasheet
167Kb / 15P
   10-Bit, Low-Power, 10MHz-to-20MHz Serializer and Deserializer Chipset
Rev 1; 12/07
MAX9223 MAXIM-MAX9223_V01 Datasheet
238Kb / 15P
   22-Bit, Low-Power, 5MHz to 10MHz Serializer and Deserializer Chipsets
2007
MAX9223 MAXIM-MAX9223 Datasheet
271Kb / 13P
   22-Bit, Low-Power, 5MHz to 10MHz Serializer and Deserializer Chipsets
Rev 0; 10/05
logo
Texas Instruments
SN75LVDT1422 TI-SN75LVDT1422 Datasheet
253Kb / 20P
[Old version datasheet]   14-BIT FULL DUPLEX SERIALIZER/DESERIALIZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com