Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FIN425CMLX Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FIN425CMLX
Description  20-Bit Ultra-Low-Power Serializer / Deserializer for 關Controller and RGB Displays
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FIN425CMLX Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FIN425CMLX Datasheet HTML 1Page - Fairchild Semiconductor FIN425CMLX Datasheet HTML 2Page - Fairchild Semiconductor FIN425CMLX Datasheet HTML 3Page - Fairchild Semiconductor FIN425CMLX Datasheet HTML 4Page - Fairchild Semiconductor FIN425CMLX Datasheet HTML 5Page - Fairchild Semiconductor FIN425CMLX Datasheet HTML 6Page - Fairchild Semiconductor FIN425CMLX Datasheet HTML 7Page - Fairchild Semiconductor FIN425CMLX Datasheet HTML 8Page - Fairchild Semiconductor FIN425CMLX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
November 2009
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FIN424C / FIN425C • Rev. 1.0.0
FIN424C / FIN425C
20-Bit Ultra-Low-Power Serializer / Deserializer for µController and
RGB Displays
Features
Data & Control Bits
20
Frequency
10MHz
Capability
QVGA
Interface
Microcontroller / RGB
µController Usage
I86 & m68
Selectable Edge Rates
Yes
Dynamic Current
9mA / Pair
Standby Current
10µA
Core Voltage (VDDA/S)
2.5 to 3.0V
I/O Voltage (VDDP)
1.6V to VDDA/S
ESD
15KV (IEC)
Package
MLP-32 (5 x 5mm)
Ordering Information
FIN424CMLX
FIN425CMLX
Applications
Slider, Folder, and Clamshell Mobile Handsets
GSM and CDMA Phones
Description
The FIN424C and FIN425C μSerDes™ are a low-power
serializer/ deserializer pair that can help minimize the cost
and power of an LCD interface. They are designed to
operate transparently between the baseband processor and
LCD. /WE and chip-select timing is maintained from the
serializer to the deserializer. Through the use of
serialization, the number of signals transferred from one
point to another can be significantly reduced. Typical
reduction is 5:1. Through the use of differential signaling,
shielding, and EMI filters can also be minimized, further
reducing the cost of serialization. Differential signaling is
important for providing a noise-insensitive signal that can
withstand radio and electrical noise sources. Major reduction
in power consumption allows minimal impact on battery life
in mobile applications.
Related Resources
For more information, please visit:
http://www.fairchildsemi.com/products/interface/userdes.html
Typical Application
Deserializer
+
-
+
-
Serializer
Baseband
+
-
+
-
2
2
70-130
Ohms
Built-in voltage
translation
Main
Display
Simple Interface
Internal
Termination
Deserializer
+
-
+
-
Serializer
Baseband
+
-
+
-
2
2
70-130
Ohms
Built-in voltage
translation
Main
Display
Simple Interface
Internal
Termination
Figure 1.
Mobile Phone Example


Similar Part No. - FIN425CMLX

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
FIN SCHURTER-FIN Datasheet
399Kb / 2P
   Shock-Safe Fuseholder, 5 x 20 mm, Slot, IP 67
logo
Quelighting Corp
FIN-RB-25 QUELIGHTING-FIN-RB-25 Datasheet
651Kb / 1P
   Grow LED Light - Ultra thin for Container farming : 25W or 50W
FIN-RB-50 QUELIGHTING-FIN-RB-50 Datasheet
651Kb / 1P
   Grow LED Light - Ultra thin for Container farming : 25W or 50W
FIN-RBW-25 QUELIGHTING-FIN-RBW-25 Datasheet
651Kb / 1P
   Grow LED Light - Ultra thin for Container farming : 25W or 50W
FIN-RBW-50 QUELIGHTING-FIN-RBW-50 Datasheet
651Kb / 1P
   Grow LED Light - Ultra thin for Container farming : 25W or 50W
More results

Similar Description - FIN425CMLX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FIN324C FAIRCHILD-FIN324C_08 Datasheet
930Kb / 19P
   24-Bit Ultra-Low Power Serializer / Deserializer Supporting Single and Dual Displays
FIN324C FAIRCHILD-FIN324C Datasheet
568Kb / 23P
   24-Bit Ultra-Low Power Serializer Deserializer Supporting Single and Dual Displays
FIN224C FAIRCHILD-FIN224C Datasheet
765Kb / 9P
   24-Bit Low-Power Serializer/Deserializer
logo
National Semiconductor ...
LM2506 NSC-LM2506 Datasheet
851Kb / 19P
   Low Power Mobile Pixel Link (MPL) Level 0, 18-bit RGB Display Interface Serializer and Deserializer
logo
Fairchild Semiconductor
FIN210AC FAIRCHILD-FIN210AC Datasheet
673Kb / 17P
   10-Bit Serializer / Deserializer Supporting Cameras and Small Displays up to 48MHz
logo
National Semiconductor ...
SCAN921023 NSC-SCAN921023 Datasheet
508Kb / 20P
   20-66 MHz 10 Bit Bus LVDS Serializer and Deserializer
logo
Maxim Integrated Produc...
MAX9225 MAXIM-MAX9225 Datasheet
167Kb / 15P
   10-Bit, Low-Power, 10MHz-to-20MHz Serializer and Deserializer Chipset
Rev 1; 12/07
MAX9223 MAXIM-MAX9223_V01 Datasheet
238Kb / 15P
   22-Bit, Low-Power, 5MHz to 10MHz Serializer and Deserializer Chipsets
2007
MAX9223 MAXIM-MAX9223 Datasheet
271Kb / 13P
   22-Bit, Low-Power, 5MHz to 10MHz Serializer and Deserializer Chipsets
Rev 0; 10/05
logo
Texas Instruments
SN75LVDT1422 TI-SN75LVDT1422 Datasheet
253Kb / 20P
[Old version datasheet]   14-BIT FULL DUPLEX SERIALIZER/DESERIALIZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com