Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FIN3385MTDX Datasheet(PDF) 10 Page - Fairchild Semiconductor

Part # FIN3385MTDX
Description  Low-Voltage, 28-Bit, Flat-Panel Display Link Serializer / Deserializer
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FIN3385MTDX Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button FIN3385MTDX Datasheet HTML 6Page - Fairchild Semiconductor FIN3385MTDX Datasheet HTML 7Page - Fairchild Semiconductor FIN3385MTDX Datasheet HTML 8Page - Fairchild Semiconductor FIN3385MTDX Datasheet HTML 9Page - Fairchild Semiconductor FIN3385MTDX Datasheet HTML 10Page - Fairchild Semiconductor FIN3385MTDX Datasheet HTML 11Page - Fairchild Semiconductor FIN3385MTDX Datasheet HTML 12Page - Fairchild Semiconductor FIN3385MTDX Datasheet HTML 13Page - Fairchild Semiconductor FIN3385MTDX Datasheet HTML 14Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
© 2003 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FIN3385 / FIN3386 • Rev. 1.0.6
10
Receiver DC Characteristics
Typical values are at TA=25°C and with VCC=3.3V. Minimum and maximum values are over supply voltage and
operating temperature ranges unless otherwise specified. Positive current values refer to the current flowing into
device and negative values refer to current flowing out of pins. Voltages are referenced to ground unless otherwise
specified (except
V
OD and VOD).
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
LVTTL/CMOS DC Characteristics
VIH
Input High Voltage
2.0
VCC
V
VIL
Input Low Voltage
GND
0.8
V
VOH
Output High Voltage
IOH=-0.4mA
2.7
3.3
V
VOL
Output Low Voltage
IOL=2mA
0.06
0.30
V
VIK
Input Clamp Voltage
IIK=-18mA
-0.79
-1.50
V
IIN
Input Current
VIN=0V to 4.6V
-10
10
A
IOFF
Input/Output Power-Off
Leakage Current
VCC=0V, All LVTTL Inputs / Outputs
0V to 4.6V
±10
A
IOS
Output Short-Circuit Current
VOUT=0V
-60
-120
m
Receiver LVDS Input Characteristics
VTH
Differential Input Threshold
HIGH
Figure 6, Table 4
100
mV
VTL
Differential Input Threshold
LOW
Figure 6, Table 4
-100
mV
VICM
Input Common Mode Range
Figure 6, Table 4
0.05
2.35
V
IIN
Input Current
VIN=2.4V, VCC=3.6V or 0V
±10
A
VIN=0V, VCC=3.6V or 0V
±10
Receiver Supply Current
ICCWR
4:28 Receiver Power Supply
Current for Worst-Case Pattern
with Load
(14)
CL=8pF, Figure 7
32.5MHz
70
mA
40.0MHz
75
3:21 Receiver Power Supply
Current for Worst-Case Pattern
with Load
(14)
66.0MHz
114
85.0MHz
135
32.5MHz
49
60
40.0MHz
53
65
66.0MHz
78
100
85.0MHz
90
115
ICCPDT
Powered-Down Supply Current
/PwrDn=0.8V (RxOut Stays LOW)
NA
55
A


Similar Part No. - FIN3385MTDX

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FIN3385MTDX ONSEMI-FIN3385MTDX Datasheet
648Kb / 23P
   Low-Voltage, 28-Bit, Flat-Panel Display Link Serializer / Deserializer
March 2012 Rev. 1.0.6
More results

Similar Description - FIN3385MTDX

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FIN3385 ONSEMI-FIN3385 Datasheet
648Kb / 23P
   Low-Voltage, 28-Bit, Flat-Panel Display Link Serializer / Deserializer
March 2012 Rev. 1.0.6
logo
Fairchild Semiconductor
FIN3385MTD FAIRCHILD-FIN3385MTD Datasheet
281Kb / 9P
   Low Voltage 28-Bit Flat Panel Display Link Serializers
FIN3384 FAIRCHILD-FIN3384 Datasheet
553Kb / 18P
   Low Voltage 28-Bit Flat Panel Display Link Serializers/Deserializers
logo
National Semiconductor ...
DS90CR483 NSC-DS90CR483 Datasheet
348Kb / 17P
   48-Bit LVDS Channel Link Serializer/Deserializer
logo
Texas Instruments
LM2502 TI1-LM2502 Datasheet
1Mb / 31P
[Old version datasheet]   Mobile Pixel Link Display Interface Serializer and Deserializer
logo
National Semiconductor ...
LM2502 NSC-LM2502 Datasheet
1Mb / 27P
   Mobile Pixel Link (MPL) Display Interface Serializer and Deserializer
logo
Texas Instruments
DS90CR561 TI1-DS90CR561_13 Datasheet
455Kb / 14P
[Old version datasheet]   18-Bit Color Flat Panel Display (FPD) Link
logo
Fairchild Semiconductor
FIN224C FAIRCHILD-FIN224C Datasheet
765Kb / 9P
   24-Bit Low-Power Serializer/Deserializer
logo
Texas Instruments
SN65LVDS93B TI1-SN65LVDS93B Datasheet
1Mb / 33P
[Old version datasheet]   10 MHz - 85 MHz 28-bit Flat Panel Display Link LVDS Serdes Transmitter
SN65LVDS93B TI1-SN65LVDS93B_18 Datasheet
1Mb / 33P
[Old version datasheet]   10 MHz - 85 MHz 28-bit Flat Panel Display Link LVDS Serdes Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com