Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FIN3386MTDX Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # FIN3386MTDX
Description  Low-Voltage, 28-Bit, Flat-Panel Display Link Serializer / Deserializer
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FIN3386MTDX Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button FIN3386MTDX Datasheet HTML 4Page - Fairchild Semiconductor FIN3386MTDX Datasheet HTML 5Page - Fairchild Semiconductor FIN3386MTDX Datasheet HTML 6Page - Fairchild Semiconductor FIN3386MTDX Datasheet HTML 7Page - Fairchild Semiconductor FIN3386MTDX Datasheet HTML 8Page - Fairchild Semiconductor FIN3386MTDX Datasheet HTML 9Page - Fairchild Semiconductor FIN3386MTDX Datasheet HTML 10Page - Fairchild Semiconductor FIN3386MTDX Datasheet HTML 11Page - Fairchild Semiconductor FIN3386MTDX Datasheet HTML 12Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
© 2003 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FIN3385 / FIN3386 • Rev. 1.0.6
8
Transmitter AC Electrical Characteristics
Typical values are at TA=25°C and with VCC=3.3V; minimum and maximum are at over supply voltages and operating
temperatures ranges, unless otherwise specified.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
tTCP
Transmit Clock Period
Figure 9
11.76
T
50.00
ns
tTCH
Transmit Clock (TxCLKIn) HIGH Time
0.35
0.50
0.65
T
tTCL
Transmit Clock LOW Time
0.35
0.50
0.65
T
tCLKT
TxCLKIn Transition Time (Rising and Falling)
(10% to 90%)
Figure 10
1.0
6.0
ns
tJIT
TxCLKIn Cycle-to-Cycle Jitter
3.0
tXIT
TxIn Transition Time
1.5
6.0
ns
LVDS Transmitter Timing Characteristics
tTLH
Differential Output Rise Time (20% to 80%)
Figure 8
0.75
1.50
ns
tTHL
Differential Output Fall Time (20% to 80%)
0.75
1.50
ns
tSTC
TxIn Setup to TxCLNIn
Figure 9
f=85MHz
2.5
ns
tHTC
TxIn Holds to TxCLNIn
0
ns
tTPDD
Transmitter Power-Down Delay
Figure 14
(11)
100
ns
tTCCD
Transmitter Clock Input to Clock Output Delay
(TA=25°C and
with VCC=3.3V)
Figure 13
2.8
5.5
6.8
ns
Transmitter Output Data Jitter (f=40MHz)
(12)
tTPPB0
Transmitter Output Pulse Position of Bit 0
Figure 20
7
f
1
a
-0.25
0
0.25
ns
tTPPB1
Transmitter Output Pulse Position of Bit 1
a-0.25
a
a+0.25
ns
tTPPB2
Transmitter Output Pulse Position of Bit 2
2a-0.25
2a
2a+0.25
ns
tTPPB3
Transmitter Output Pulse Position of Bit 3
3a-0.25
3a
3a+0.25
ns
tTPPB4
Transmitter Output Pulse Position of Bit 4
4a-0.25
4a
4a+0.25
ns
tTPPB5
Transmitter Output Pulse Position of Bit 5
5a-0.25
5a
5a+0.25
ns
tTPPB6
Transmitter Output Pulse Position of Bit 6
6a-0.25
6a
6a+0.25
ns
Transmitter Output Data Jitter (f=65MHz)
(12)
tTPPB0
Transmitter Output Pulse Position of Bit 0
Figure 20
7
f
1
a
-0.2
0
0.2
ns
tTPPB1
Transmitter Output Pulse Position of Bit 1
a-0.2
a
a+0.2
ns
tTPPB2
Transmitter Output Pulse Position of Bit 2
2a-0.2
2a
2a+0.2
ns
tTPPB3
Transmitter Output Pulse Position of Bit 3
3a-0.2
3a
3a+0.2
ns
tTPPB4
Transmitter Output Pulse Position of Bit 4
4a-0.2
4a
4a+0.2
ns
tTPPB5
Transmitter Output Pulse Position of Bit 5
5a-0.2
5a
5a+0.2
ns
tTPPB6
Transmitter Output Pulse Position of Bit 6
6a-0.2
6a
6a+0.2
ns
Continued on the following page…


Similar Part No. - FIN3386MTDX

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FIN3386MTDX ONSEMI-FIN3386MTDX Datasheet
648Kb / 23P
   Low-Voltage, 28-Bit, Flat-Panel Display Link Serializer / Deserializer
March 2012 Rev. 1.0.6
More results

Similar Description - FIN3386MTDX

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FIN3385 ONSEMI-FIN3385 Datasheet
648Kb / 23P
   Low-Voltage, 28-Bit, Flat-Panel Display Link Serializer / Deserializer
March 2012 Rev. 1.0.6
logo
Fairchild Semiconductor
FIN3385MTD FAIRCHILD-FIN3385MTD Datasheet
281Kb / 9P
   Low Voltage 28-Bit Flat Panel Display Link Serializers
FIN3384 FAIRCHILD-FIN3384 Datasheet
553Kb / 18P
   Low Voltage 28-Bit Flat Panel Display Link Serializers/Deserializers
logo
National Semiconductor ...
DS90CR483 NSC-DS90CR483 Datasheet
348Kb / 17P
   48-Bit LVDS Channel Link Serializer/Deserializer
logo
Texas Instruments
LM2502 TI1-LM2502 Datasheet
1Mb / 31P
[Old version datasheet]   Mobile Pixel Link Display Interface Serializer and Deserializer
logo
National Semiconductor ...
LM2502 NSC-LM2502 Datasheet
1Mb / 27P
   Mobile Pixel Link (MPL) Display Interface Serializer and Deserializer
logo
Texas Instruments
DS90CR561 TI1-DS90CR561_13 Datasheet
455Kb / 14P
[Old version datasheet]   18-Bit Color Flat Panel Display (FPD) Link
logo
Fairchild Semiconductor
FIN224C FAIRCHILD-FIN224C Datasheet
765Kb / 9P
   24-Bit Low-Power Serializer/Deserializer
logo
Texas Instruments
SN65LVDS93B TI1-SN65LVDS93B Datasheet
1Mb / 33P
[Old version datasheet]   10 MHz - 85 MHz 28-bit Flat Panel Display Link LVDS Serdes Transmitter
SN65LVDS93B TI1-SN65LVDS93B_18 Datasheet
1Mb / 33P
[Old version datasheet]   10 MHz - 85 MHz 28-bit Flat Panel Display Link LVDS Serdes Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com