Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSSD07 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FSSD07
Description  1-Bit / 4-Bit SD/SDIO and MMC Dual-Host Multiplexer
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSSD07 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FSSD07_12 Datasheet HTML 1Page - Fairchild Semiconductor FSSD07_12 Datasheet HTML 2Page - Fairchild Semiconductor FSSD07_12 Datasheet HTML 3Page - Fairchild Semiconductor FSSD07_12 Datasheet HTML 4Page - Fairchild Semiconductor FSSD07_12 Datasheet HTML 5Page - Fairchild Semiconductor FSSD07_12 Datasheet HTML 6Page - Fairchild Semiconductor FSSD07_12 Datasheet HTML 7Page - Fairchild Semiconductor FSSD07_12 Datasheet HTML 8Page - Fairchild Semiconductor FSSD07_12 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSSD07 Rev. 1.0.2
5
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device reliability.
The absolute maximum ratings are stress ratings only.
Symbol
Parameter
Conditions
Min.
Max.
Unit
VDDC
Card Supply Voltage
-0.5
4.6
V
VDDH1,VDDH2 Host Controller Supply Voltage
-0.5
4.6
V
VSW
Switch I/O Voltage
(1)
1DAT[3:0], 2DAT[3:0],
1CMD, 2CMD Pins
-0.5
VDDx
(2)+ 0.3V
(4.6V maximum)
V
DAT[3:0], CMD Pins
-0.5
VDDx
(2)+ 0.3V
(4.6V maximum)
V
VCNTRL
Control Input Voltage
(1)
S, OE
-0.5
4.6
V
VCLKI
CLK Input Voltage
(1)
1CLK, 2CLK
-0.5
4.6
V
VCLKO
CLK Output Voltage
(1)
CLK
-0.5
VDDx
(2)+ 0.3V
(4.6V maximum)
V
IINDC
Input Clamp Diode Current
-50
mA
ISW
Switch I/O Current
SDIO Continuous
50
mA
ISWPEAK
Peak Switch Current
SDIO Pulsed at 1ms
Duration, <10% Duty Cycle
100
mA
TSTG
Storage Temperature Range
-65
+150
C
TJ
Maximum Junction Temperature
+150
C
TL
Lead Temperature
Soldering, 10 Seconds
+260
C
ESD
Human Body Model,
JEDEC: JESD22-A114
I/O to GND
8
kV
Supply to GND
10
All Other Pins
5
Charged Device Model, JEDEC-JESD-C101
2
Notes:
1.
The input and output negative ratings may be exceeded if the input and output diode current ratings are observed.
2.
VDDx references the specific SDIO port VDD rail (i.e. VDDH1, VDDH2, VDDC).
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended
operating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not
recommend exceeding them or designing to Absolute Maximum Ratings.
Symbol
Parameter
Min.
Max.
Unit
VDDC
Supply Voltage - Card Side
1.65
3.60
V
VDDH1, VDDH2
Supply Voltage - Dual Host Controller
1.65
3.60
V
VCNTRL
Control Input Voltage - VS, VOE
0
VDDC
V
VCLKI
Clock Input Voltage - VCLKI
0
VDDH1/H2
V
VSW
Switch I/O Voltage
CMD, DAT[3:0]
0
VDDC
V
1CMD, 1DAT[3:0]
0
VDDH1
V
2CMD, 2DAT[3:0]
0
VDDH2
V
TA
Operating Temperature
-40
+85
°C
JA
Thermal Resistance, Free Air
MLP Package
+50
°C/W


Similar Part No. - FSSD07_12

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSSD07BQX FAIRCHILD-FSSD07BQX Datasheet
253Kb / 2P
   1-Bit / 4-Bit SD/SDIO and MMC Dual-Host Multiplexer
logo
ON Semiconductor
FSSD07BQX ONSEMI-FSSD07BQX Datasheet
435Kb / 15P
   1-Bit / 4-Bit SD/SDIO and MMC Dual-Host Multiplexer
March 2012 Rev. 1.0.2
logo
Fairchild Semiconductor
FSSD07UMX FAIRCHILD-FSSD07UMX Datasheet
253Kb / 2P
   1-Bit / 4-Bit SD/SDIO and MMC Dual-Host Multiplexer
logo
ON Semiconductor
FSSD07UMX ONSEMI-FSSD07UMX Datasheet
435Kb / 15P
   1-Bit / 4-Bit SD/SDIO and MMC Dual-Host Multiplexer
March 2012 Rev. 1.0.2
More results

Similar Description - FSSD07_12

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSSD07 FAIRCHILD-FSSD07 Datasheet
253Kb / 2P
   1-Bit / 4-Bit SD/SDIO and MMC Dual-Host Multiplexer
logo
ON Semiconductor
FSSD07 ONSEMI-FSSD07 Datasheet
435Kb / 15P
   1-Bit / 4-Bit SD/SDIO and MMC Dual-Host Multiplexer
March 2012 Rev. 1.0.2
logo
Fairchild Semiconductor
FSSD06 FAIRCHILD-FSSD06 Datasheet
184Kb / 2P
   SD/SDIO and MMC Two-Port Multiplexer
logo
ON Semiconductor
FSSD06 ONSEMI-FSSD06 Datasheet
549Kb / 15P
   SD/SDIO and MMC Two-Port Multiplexer
March 2012 Rev. 1.0.5
logo
Fairchild Semiconductor
FSSD06 FAIRCHILD-FSSD06_12 Datasheet
575Kb / 14P
   SD/SDIO and MMC Two-Port Multiplexer
FSSD06 FAIRCHILD-FSSD06_08 Datasheet
954Kb / 14P
   SD/SDIO and MMC Two-Port Multiplexer
logo
Actel Corporation
EP550 ACTEL-EP550 Datasheet
120Kb / 3P
   EP550 SDIO/SD Memory/MMC Host Controller
logo
Winbond
W86L488 WINBOND-W86L488 Datasheet
1Mb / 45P
   SD/ SDIO/ MMC MEMORY CARD BRIDGE
logo
Actel Corporation
EP560 ACTEL-EP560 Datasheet
139Kb / 4P
   EP560 SD/SDIO/MMC Slave Controller
logo
ON Semiconductor
MC10E171 ONSEMI-MC10E171 Datasheet
101Kb / 4P
   3-BIT 4:1 MULTIPLEXER
REV 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com