Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSUSB20L10X Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FSUSB20L10X
Description  Low-Power, 1-Port, High-Speed USB (480Mbps) Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSUSB20L10X Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FSUSB20L10X_12 Datasheet HTML 1Page - Fairchild Semiconductor FSUSB20L10X_12 Datasheet HTML 2Page - Fairchild Semiconductor FSUSB20L10X_12 Datasheet HTML 3Page - Fairchild Semiconductor FSUSB20L10X_12 Datasheet HTML 4Page - Fairchild Semiconductor FSUSB20L10X_12 Datasheet HTML 5Page - Fairchild Semiconductor FSUSB20L10X_12 Datasheet HTML 6Page - Fairchild Semiconductor FSUSB20L10X_12 Datasheet HTML 7Page - Fairchild Semiconductor FSUSB20L10X_12 Datasheet HTML 8Page - Fairchild Semiconductor FSUSB20L10X_12 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
© 2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSUSB20 • Rev. 1.0.3
5
AC Electrical Characteristics
Typical values are at VCC = 3.3V and TA = 25°C.
Symbol
Parameter
Condition
VCC(V)
Typ.
Max.
Unit
Figure
tON
Turn-On Time
S-to-Bus B
VB = 0.8V
3.0 to 3.6
4.8
7.0
ns
Figure 9
Figure 10
tOFF
Turn-Off Time
S-to-Bus B
VB = 0.8V
3.0 to 3.6
2.2
4.0
ns
Figure 9
Figure 10
tPD
Propagation Delay
CL = 10pF
3.0 to 3.6
0.25
ns
Figure 14
OIRR
Non-Adjacent Off
Isolation
f = 250MHz,
RL = 50
Ω
3.0 to 3.6
-26
dB
Figure 11
XTALK
Non-Adjacent
Channel Crosstalk
f = 250MHz,
RL = 50
Ω
3.0 to 3.6
-45
dB
Figure 12
BW
-3dB Bandwidth
RL = 50
Ω, CL = 0pF
3.0 to 3.6
750
MHz
Figure 13
RL = 50
Ω, CL = 5pF
435
USB Related AC Electrical Characteristics
Typical values are at VCC = 3.3V and TA = 25°C.
Symbol
Parameter
Condition
VCC (V)
Typ.
Unit
Figure
tSK(O)
Channel-to Channel
Skew
CL = 10pF
3.0 to 3.6
0.051
ns
Figure 14
Figure 16
tSK(P)
Skew of Opposite
Transition of the
Same Output
CL = 10pF
3.0 to 3.6
0.020
ns
Figure 14
Figure 16
TJ
Total Jitter
RL = 50
Ω, CL = 10pF
tR = tF = 750ps at 480MPs
3.0 to 3.6
0.170
ns
Capacitance
Typical values are at VCC = 3.3V and TA = 25°C.
Symbol
Parameter
Condition
Typ.
Unit
CIN
Control Pin Input Capacitance
VCC = 0V
2.5
pF
CON
A/B On Capacitance
VCC = 3.3V, /OE = 0V
12.0
pF
COFF
Port B Off Capacitance
VCC and /OE = 3.3V
4.5
pF


Similar Part No. - FSUSB20L10X_12

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSUSB20L10X FAIRCHILD-FSUSB20L10X Datasheet
720Kb / 11P
   Low Voltage Ultra Low Power USB High Speed (480 Mbps) Dual DPDT Switch
FSUSB20L10X FAIRCHILD-FSUSB20L10X Datasheet
1Mb / 17P
   Low-Power 1-Port High-Speed USB (480Mbps) Switch
More results

Similar Description - FSUSB20L10X_12

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSUSB20 FAIRCHILD-FSUSB20_06 Datasheet
1Mb / 17P
   Low-Power 1-Port High-Speed USB (480Mbps) Switch
FSUSB31 FAIRCHILD-FSUSB31_07 Datasheet
726Kb / 15P
   Low-Power 1-Port Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB30 FAIRCHILD-FSUSB30_12 Datasheet
739Kb / 18P
   Low-Power, Two-Port, High-Speed USB 2.0 (480Mbps) Switch
FSUSB30 FAIRCHILD-FSUSB30_08 Datasheet
1Mb / 18P
   Low-Power, Two-Port, High-Speed USB 2.0 (480Mbps) Switch
FSUSB22 FAIRCHILD-FSUSB22_08 Datasheet
552Kb / 12P
   Low-Power, 2-Port, High-Speed USB 2.0 (480Mbps) Switch
FSUSB31 FAIRCHILD-FSUSB31_08 Datasheet
539Kb / 14P
   Low-Power, Single-Port, High-Speed USB 2.0 (480Mbps) Switch
FSUSB30 FAIRCHILD-FSUSB30 Datasheet
953Kb / 17P
   Low Power 2-Port Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB30 FAIRCHILD-FSUSB30_07 Datasheet
941Kb / 20P
   Low-Power 2-Port Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB22_0506 FAIRCHILD-FSUSB22_0506 Datasheet
833Kb / 11P
   Low Power 2 Port Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB23 FAIRCHILD-FSUSB23 Datasheet
334Kb / 12P
   Low Power Hi-Speed USB 2.0 (480Mbps) Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com