Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM393N Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # LM393N
Description  Dual Differential Comparator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

LM393N Datasheet(HTML) 3 Page - Fairchild Semiconductor

  LM393N_12 Datasheet HTML 1Page - Fairchild Semiconductor LM393N_12 Datasheet HTML 2Page - Fairchild Semiconductor LM393N_12 Datasheet HTML 3Page - Fairchild Semiconductor LM393N_12 Datasheet HTML 4Page - Fairchild Semiconductor LM393N_12 Datasheet HTML 5Page - Fairchild Semiconductor LM393N_12 Datasheet HTML 6Page - Fairchild Semiconductor LM393N_12 Datasheet HTML 7Page - Fairchild Semiconductor LM393N_12 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
LM2903,LM393/LM393A,LM293A
3
Electrical Characteristics
(VCC = 5V, TA = 25C, unless otherwise specified)
Note1
LM393/LM393A: 0
TA +70C
LM2903: -40
 TA+105C
LM293A : -25
TA  +85C
Parameter
Symbol
Conditions
LM293A/LM393A
LM393
Unit
Min.
Typ.
Max.
Min.
Typ.
Max.
Input Offset
Voltage
VIO
VO(P) =1.4V, RS = 0
-
1
2-
1
5
mV
VCM= 0 to 1.5V Note1
-
-
4.0
-
-
9.0
Input Offset Current
IIO
-
5
50
-
5
50
nA
Note1
-
-
150
-
-
150
Input Bias Current
IBIAS
-65
250
-65
250
nA
Note1
-
-
400
-
-
400
Input Common
Mode
Voltage Range
VI(R)
0-
VCC
-1.5
0-
VCC
-1.5
V
Note1
0
-
VCC-2
0
-
VCC-2
Supply Current
ICC
RL = VCC = 5V
-
0.6
1
-
0.6
1
mA
RL = , VCC = 30V
-
0.8
2.5
-
0.8
2.5
Voltage Gain
GV
VCC =15V, RL 15k
(for large VO(P-P)swing)
50
200
-
50
200
-
V/mV
Large Signal
Response Time
TLRES
VI =TTL Logic Swing
VREF =1.4V, VRL = 5V,
RL = 5.1k
-
350
-
-
350
-
nS
Response Time
TRES
VRL =5V, RL =5.1k
-1.4
-
-
1.4-
S
Output Sink Current
ISINK
VI(-) 1V, VI(+) =0V,
VO(P) 1.5V
6
18-
6
18-
mA
Output Saturation
Voltage
VSAT
VI(-) 1V, VI(+) = 0V
-
160
400
-
160
400
mV
ISINK = 4mA
Note1
-
-
700
-
-
700
Output Leakage
Current
IO(LKG)
VI(-) = 0V,
VI(+) = 1V
VO(P) = 5V
-
0.1
-
-
0.1
-
nA
VO(P) = 30V
-
-
1.0
-
-
1.0
A


Similar Part No. - LM393N_12

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM393N/NOPB TI1-LM393N/NOPB Datasheet
1Mb / 24P
[Old version datasheet]   LM193/LM293/LM393/LM2903 Low Power Low Offset Voltage Dual Comparators
logo
ON Semiconductor
LM393NG ONSEMI-LM393NG Datasheet
115Kb / 10P
   Low Offset Voltage Dual Comparators
October, 2004 ??Rev. 15
LM393NG ONSEMI-LM393NG Datasheet
107Kb / 10P
   Low Offset Voltage Dual Comparators
March, 2006 ??Rev. 17
LM393NG ONSEMI-LM393NG Datasheet
118Kb / 10P
   Low Offset Voltage Dual Comparators
October, 2016 ??Rev. 31
LM393NG ONSEMI-LM393NG Datasheet
331Kb / 13P
   Low Offset Voltage Dual Comparators
August, 2021 - Rev. 33
More results

Similar Description - LM393N_12

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GSCLM393 GTM-GSCLM393 Datasheet
229Kb / 4P
   DUAL DIFFERENTIAL COMPARATOR
logo
Motorola, Inc
MC1414 MOTOROLA-MC1414 Datasheet
210Kb / 4P
   DUAL DIFFERENTIAL COMPARATOR
logo
SeCoS Halbleitertechnol...
SPWLM393D SECOS-SPWLM393D Datasheet
761Kb / 4P
   Dual Differential Comparator
SPWLM393S SECOS-SPWLM393S Datasheet
763Kb / 4P
   Dual Differential Comparator
logo
First Components Intern...
LM393 FCI-LM393 Datasheet
71Kb / 4P
   Dual Differential Comparator
logo
Texas Instruments
LM293-EP TI1-LM293-EP_14 Datasheet
346Kb / 9P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATOR
logo
Unisonic Technologies
LM393 UTC-LM393 Datasheet
181Kb / 5P
   DUAL DIFFERENTIAL COMPARATOR
logo
Texas Instruments
LM293-EP TI1-LM293-EP_16 Datasheet
346Kb / 8P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATOR
logo
Fairchild Semiconductor
KA293 FAIRCHILD-KA293 Datasheet
84Kb / 10P
   Dual Differential Comparator
LM2903 FAIRCHILD-LM2903 Datasheet
77Kb / 8P
   Dual Differential Comparator
logo
Unisonic Technologies
LM393 UTC-LM393_05 Datasheet
184Kb / 6P
   DUAL DIFFERENTIAL COMPARATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com