Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN3216 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FAN3216
Description  Dual-2A, High-Speed, Low-Side Gate Drivers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN3216 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FAN3216_12 Datasheet HTML 1Page - Fairchild Semiconductor FAN3216_12 Datasheet HTML 2Page - Fairchild Semiconductor FAN3216_12 Datasheet HTML 3Page - Fairchild Semiconductor FAN3216_12 Datasheet HTML 4Page - Fairchild Semiconductor FAN3216_12 Datasheet HTML 5Page - Fairchild Semiconductor FAN3216_12 Datasheet HTML 6Page - Fairchild Semiconductor FAN3216_12 Datasheet HTML 7Page - Fairchild Semiconductor FAN3216_12 Datasheet HTML 8Page - Fairchild Semiconductor FAN3216_12 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
May 2012
© 2012 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN3216 / FAN3217_F085 • Rev. 1.0.0
FAN3216 / FAN3217_F085
Dual-2A, High-Speed, Low-Side Gate Drivers
Features
Qualified to AEC Q-100
4.5 to 18V Operating Range
3A Peak Sink/Source at VDD = 12V
2.4A Sink / 1.6A Source at VOUT = 6V
TTL Input Thresholds
Two Versions of Dual Independent Drivers:
-
Dual Inverting (FAN3216)
-
Dual Non-Inverting (FAN3217)
Internal Resistors Turn Driver Off If No Inputs
MillerDrive™ Technology
12ns / 9ns Typical Rise/Fall Times with 1nF Load
Typical Propagation Delay Under 20ns Matched
within 1ns to the Other Channel
Double Current Capability by Paralleling Channels
Standard SOIC-8 Package
Rated from –40°C to +125°C Ambient
Applications
Switch-Mode Power Supplies
High-Efficiency MOSFET Switching
Synchronous Rectifier Circuits
DC-to-DC Converters
Motor Control
Description
The FAN3216 and FAN3217 dual 2A gate drivers are
designed
to
drive
N-channel
enhancement-mode
MOSFETs in low-side switching applications by
providing high peak current pulses during the short
switching intervals. They are both available with TTL
input thresholds. Internal circuitry provides an under-
voltage lockout function by holding the output LOW until
the supply voltage is within the operating range. In
addition,
the
drivers
feature
matched
internal
propagation delays between A and B channels for
applications requiring dual gate drives with critical
timing, such as synchronous rectifiers. This also
enables connecting two drivers in parallel to effectively
double the current capability driving a single MOSFET.
The FAN3216/17 drivers incorporate MillerDrive™
architecture for the final output stage. This bipolar-
MOSFET combination provides high current during the
Miller plateau stage of the MOSFET turn-on / turn-off
process to minimize switching loss, while providing rail-
to-rail voltage swing and reverse current capability.
The FAN3216 offers two inverting drivers and the
FAN3217 offers two non-inverting drivers. Both are
offered in a standard 8-pin SOIC package.
FAN3216
FAN3217
Figure 1. Pin Configurations
Ordering Information
Part Number
Logic
Input
Threshold
Package
Eco
Status
Packing
Method
Quantity
per Reel
FAN3216TMX_F085 Dual Inverting Channels
TTL
SOIC-8
RoHS
Tape &
Reel
2,500
FAN3217TMX_F085
Dual Non-Inverting
Channels
TTL
SOIC-8
RoHS
Tape &
Reel
2,500
For Fairchild’s definition of “green” Eco Status, please visit: http://www.fairchildsemi.com/company/green/rohs_green.html.


Similar Part No. - FAN3216_12

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN3216T FAIRCHILD-FAN3216T Datasheet
465Kb / 12P
   Application Review and Comparative Evaluation of Low-Side Gate Drivers
FAN3216T FAIRCHILD-FAN3216T Datasheet
1Mb / 18P
   Dual-4A, High-Speed, Low-Side Gate Drivers
FAN3216T FAIRCHILD-FAN3216T Datasheet
1Mb / 18P
   Dual-2A, High-Speed, Low-Side Gate Drivers
FAN3216T FAIRCHILD-FAN3216T Datasheet
1Mb / 25P
   Dual 4A High-Speed, Low-Side Gate Drivers
FAN3216T FAIRCHILD-FAN3216T Datasheet
1Mb / 25P
   Dual 2A High-Speed, Low-Side Gate Drivers
More results

Similar Description - FAN3216_12

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN3226 FAIRCHILD-FAN3226_11 Datasheet
1Mb / 25P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3226 FAIRCHILD-FAN3226 Datasheet
1Mb / 24P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3226 FAIRCHILD-FAN3226_10 Datasheet
1Mb / 25P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3229 FAIRCHILD-FAN3229_10 Datasheet
1Mb / 25P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3216 FAIRCHILD-FAN3216 Datasheet
1Mb / 18P
   Dual-2A, High-Speed, Low-Side Gate Drivers
FAN3227 FAIRCHILD-FAN3227_10 Datasheet
1Mb / 25P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3228 FAIRCHILD-FAN3228_10 Datasheet
1Mb / 25P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3226 FAIRCHILD-FAN3226_12 Datasheet
1Mb / 24P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3213 FAIRCHILD-FAN3213 Datasheet
1Mb / 18P
   Dual-4A, High-Speed, Low-Side Gate Drivers
FAN3223 FAIRCHILD-FAN3223_11 Datasheet
1Mb / 25P
   Dual 4A High-Speed, Low-Side Gate Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com