Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN7083M Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FAN7083M
Description  High Side Gate Driver with Reset
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN7083M Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FAN7083M_12 Datasheet HTML 1Page - Fairchild Semiconductor FAN7083M_12 Datasheet HTML 2Page - Fairchild Semiconductor FAN7083M_12 Datasheet HTML 3Page - Fairchild Semiconductor FAN7083M_12 Datasheet HTML 4Page - Fairchild Semiconductor FAN7083M_12 Datasheet HTML 5Page - Fairchild Semiconductor FAN7083M_12 Datasheet HTML 6Page - Fairchild Semiconductor FAN7083M_12 Datasheet HTML 7Page - Fairchild Semiconductor FAN7083M_12 Datasheet HTML 8Page - Fairchild Semiconductor FAN7083M_12 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
©2012 Fairchild Semiconductor Corporation
3
www.fairchildsemi.com
FAN7083_GF085 Rev. 1.0.1
Absolute Maximum Ratings
Absolute Maximum Ratings indicate sustained limits beyond which damage to the device may occur. All voltage parameters are abso-
lute voltages referenced to COM.
Parameter
Symbol
Min.
Max.
Unit
High side floating supply offset voltage
VS
VB-25
VB+0.3
V
High side floating supply voltage
VB
-0.3
625
V
High side floating output voltage
VHO
Vs-0.3
VB+0.3
V
Supply voltage
VCC
-0.3
25
V
Input voltage for IN
VIN
-0.3
V
cc+0.3
V
Input voltage for RESET
VRESET
-0.3
V
cc+0.3
V
Power Dissipation 1)
Pd
0.625
W
Thermal resistance, junction to ambient 1)
Rthja
200
C/W
Electrostatic discharge voltage
(Human Body Model)
VESD
1K
V
Charge device model
VCDM
500
V
Junction Temperature
Tj
150
C
Storage Temperature
TS
-55
150
C
Note: 1) The thermal resistance and power dissipation rating are measured bellow conditions;
JESD51-2: Integrated Circuit Thermal Test Method Environmental Conditions - Natural convection(StillAir)
JESD51-3 : Low Effective Thermal Conductivity Test Board for Leaded Surface Mount Package
2) Pulse width more than 80nS for preventing malfunction have to be provided to input .(Guaranteed by design)
Recommended Operating Conditions
For proper operation the device should be used within the recommended conditions
Parameter
Symbol
Min.
Max.
Unit
High side floating supply voltage
-10V Transient 0.2us
VB
V
s + 10
V
s + 20
V
High side floating supply offset voltage(DC)
VS
-4 (@VBS >= 10V)
-5 (@VBS >= 11.5V)
600
V
High side floating supply offset voltage(Transient)
VS
-25 (~200ns)
-20(200ns~240ns)
-7(240ns~400ns)
600
V
High side floating output voltage
VHO
V
s
VB
V
Allowable offset voltage Slew Rate 1)
dv/dt
-
50
V/ns
Supply voltage
VCC
10
20
V
Input voltage for IN
VIN
0
Vcc
V
Input voltage for RESET
VRESET
0
Vcc
V
Switching Frequency 2)
Fs
200
KHz
Ambient Temperature
Ta
-40
125
C
.-40°C <= Ta <= 125°C
Note : 1) Guaranteed by design.
2) Duty = 0.5


Similar Part No. - FAN7083M_12

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7083MX FAIRCHILD-FAN7083MX Datasheet
328Kb / 19P
   High Side Gate Driver with Reset
More results

Similar Description - FAN7083M_12

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7083 FAIRCHILD-FAN7083 Datasheet
321Kb / 19P
   High Side Gate Driver with Reset
FAN7083 FAIRCHILD-FAN7083_1 Datasheet
328Kb / 19P
   High Side Gate Driver with Reset
FAN7081 FAIRCHILD-FAN7081 Datasheet
295Kb / 16P
   High Side Gate Driver
FAN7361 FAIRCHILD-FAN7361_07 Datasheet
444Kb / 9P
   High-Side Gate Driver
FAN7362 FAIRCHILD-FAN7362_09 Datasheet
1Mb / 9P
   High-Side Gate Driver
logo
ON Semiconductor
FAN7361 ONSEMI-FAN7361 Datasheet
854Kb / 11P
   High-Side Gate Driver
November 2009 Rev. 1.0.8
FAN7083-GF085 ONSEMI-FAN7083-GF085 Datasheet
466Kb / 18P
   High Side Gate Driver
September-2017,Rev. 2
logo
Fairchild Semiconductor
FAN7081 FAIRCHILD-FAN7081_1 Datasheet
306Kb / 16P
   High Side Gate Driver
FAN7361 FAIRCHILD-FAN7361_09 Datasheet
1Mb / 9P
   High-Side Gate Driver
FAN7362 FAIRCHILD-FAN7362 Datasheet
629Kb / 9P
   High-Side Gate Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com