Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN3225TMX Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FAN3225TMX
Description  Dual 4A High-Speed, Low-Side Gate Drivers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN3225TMX Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FAN3225TMX_12 Datasheet HTML 1Page - Fairchild Semiconductor FAN3225TMX_12 Datasheet HTML 2Page - Fairchild Semiconductor FAN3225TMX_12 Datasheet HTML 3Page - Fairchild Semiconductor FAN3225TMX_12 Datasheet HTML 4Page - Fairchild Semiconductor FAN3225TMX_12 Datasheet HTML 5Page - Fairchild Semiconductor FAN3225TMX_12 Datasheet HTML 6Page - Fairchild Semiconductor FAN3225TMX_12 Datasheet HTML 7Page - Fairchild Semiconductor FAN3225TMX_12 Datasheet HTML 8Page - Fairchild Semiconductor FAN3225TMX_12 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
© 2012 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN3223 / FAN3224 / FAN3225_F085 • Rev. 1.0.0
2
Ordering Information
Part Number
Logic
Input
Threshold
Package
Eco
Status
Packing
Method
Quantity
per Reel
FAN3223CMX_F085 Dual Inverting Channels +
Dual Enable
CMOS
SOIC-8
RoHS
Tape & Reel
2,500
FAN3223TMX_F085
TTL
SOIC-8
RoHS
Tape & Reel
2,500
FAN3224CMX_F085 Dual Non-Inverting Channels
+ Dual Enable
CMOS
SOIC-8
RoHS
Tape & Reel
2,500
FAN3224TMX_F085
TTL
SOIC-8
RoHS
Tape & Reel
2,500
FAN3225CMX_F085 Dual Channels of Two-Input /
One-Output Drivers
CMOS
SOIC-8
RoHS
Tape & Reel
2,500
FAN3225TMX_F085
TTL
SOIC-8
RoHS
Tape & Reel
2,500
For Fairchild’s definition of “green” Eco Status, please visit: http://www.fairchildsemi.com/company/green/rohs_green.html.
Package Outline
Figure 2. SOIC-8 (Top View)
Thermal Characteristics(1)
Package
ΘJL
(2)
ΘJT
(3)
ΘJA
(4)
ΨJB
(5)
ΨJT
(6)
Units
8-Pin Small Outline Integrated Circuit (SOIC)
38
29
87
41
2.3
°C/W
Notes:
1.
Estimates derived from thermal simulation; actual values depend on the application.
2.
Theta_JL (
Θ
JL): Thermal resistance between the semiconductor junction and the bottom surface of all the leads (including any
thermal pad) that are typically soldered to a PCB.
3.
Theta_JT (
Θ
JT): Thermal resistance between the semiconductor junction and the top surface of the package, assuming it is
held at a uniform temperature by a top-side heatsink.
4.
Theta_JA (
ΘJA): Thermal resistance between junction and ambient, dependent on the PCB design, heat sinking, and airflow.
The value given is for natural convection with no heatsink using a 2S2P board, as specified in JEDEC standards JESD51-2,
JESD51-5, and JESD51-7, as appropriate.
5.
Psi_JB (
Ψ
JB): Thermal characterization parameter providing correlation between semiconductor junction temperature and an
application circuit board reference point for the thermal environment defined in Note 4. For the SOIC-8 package, the board
reference is defined as the PCB copper adjacent to pin 6.
6.
Psi_JT (
Ψ
JT): Thermal characterization parameter providing correlation between the semiconductor junction temperature and
the center of the top of the package for the thermal environment defined in Note 4.


Similar Part No. - FAN3225TMX_12

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN3225TMX-F085 ONSEMI-FAN3225TMX-F085 Datasheet
1Mb / 29P
   Dual 4-A High-Speed, Low-Side Gate Drivers
December-2017, Rev. 2
More results

Similar Description - FAN3225TMX_12

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN3223 FAIRCHILD-FAN3223_10 Datasheet
1Mb / 25P
   Dual 4A High-Speed, Low-Side Gate Drivers
FAN3213 FAIRCHILD-FAN3213 Datasheet
1Mb / 18P
   Dual-4A, High-Speed, Low-Side Gate Drivers
FAN3223 FAIRCHILD-FAN3223_11 Datasheet
1Mb / 25P
   Dual 4A High-Speed, Low-Side Gate Drivers
FAN3223 FAIRCHILD-FAN3223 Datasheet
1Mb / 24P
   Dual 4A High-Speed, Low-Side Gate Drivers
FAN3226 FAIRCHILD-FAN3226_11 Datasheet
1Mb / 25P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3226 FAIRCHILD-FAN3226 Datasheet
1Mb / 24P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3227 FAIRCHILD-FAN3227_10 Datasheet
1Mb / 25P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3228 FAIRCHILD-FAN3228_10 Datasheet
1Mb / 25P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3226 FAIRCHILD-FAN3226_12 Datasheet
1Mb / 24P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3216 FAIRCHILD-FAN3216_12 Datasheet
1Mb / 18P
   Dual-2A, High-Speed, Low-Side Gate Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com