Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN7085M Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FAN7085M
Description  High Side Gate Driver with Recharge FET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN7085M Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FAN7085M_12 Datasheet HTML 1Page - Fairchild Semiconductor FAN7085M_12 Datasheet HTML 2Page - Fairchild Semiconductor FAN7085M_12 Datasheet HTML 3Page - Fairchild Semiconductor FAN7085M_12 Datasheet HTML 4Page - Fairchild Semiconductor FAN7085M_12 Datasheet HTML 5Page - Fairchild Semiconductor FAN7085M_12 Datasheet HTML 6Page - Fairchild Semiconductor FAN7085M_12 Datasheet HTML 7Page - Fairchild Semiconductor FAN7085M_12 Datasheet HTML 8Page - Fairchild Semiconductor FAN7085M_12 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
©2012 Fairchild Semiconductor Corporation
3
www.fairchildsemi.com
FAN7085_GF085 Rev. 1.0.1
Absolute Maximum Ratings
Absolute Maximum Ratings indicate sustained limits beyond which damage to the device may occur. All voltage parameters are abso-
lute voltages referenced to GND.
Parameter
Symbol
Min.
Max.
Unit
High side floating supply voltage
VBS
-0.3
25
V
High side driver output stage voltage
Neg. transient: 0.5 ms, external MOSFET off
VB
-5
325
V
High side floating supply offset voltage
Neg. transient 0.2 us
Vs
-25
300
V
High side floating output voltage
VHO
VS-0.3
VB+0.3
V
Supply voltage
VCC
-0.3
25
V
Input voltage for IN-
VIN
-0.3
Vcc+0.3
V
Input voltage for RESET-
VRES
-0.3
Vcc+0.3
V
Power Dissipation 1)
Pd
0.625
W
Thermal resistance, junction to ambient 1)
Rthja
200
C/W
Electrostatic discharge voltage
(Human Body Model)
VESD
1.5K
V
Charge device model
VCDM
500
V
Junction Temperature
Tj
150
C
Storage Temperature
TS
-55
150
C
Note: 1) The thermal resistance and power dissipation rating are measured bellow conditions;
JESD51-2: Integrated Circuit Thermal Test Method Environmental Conditions - Natural condition(StillAir)
JESD51-3: Low Effective Thermal Conductivity Test Board for Leaded Surface Mount Package
Recommended Operating Conditions
For proper operation the device should be used within the recommended conditions
Parameter
Symbol
Min.
Max.
Unit
High side floating supply voltage(DC)
Transient:-10V@ 0.2 us
VB
VS+4.5
VS+20
V
High side floating supply offset voltage(DC)
@VBS=7V
VS
-3
300
V
High side floating supply offset voltage(Transient)
0.2us @VBS<25V
VS
-25
300
V
High side floating output voltage
VHO
Vs
VB
V
Allowable offset voltage Slew Rate 1)
dv/dt
-
50
V/ns
Supply voltage for logic part
VCC
4.5
20
V
Input voltage for IN-
VIN
0
Vcc
V
Input voltage for RESET-
VRESET
0
Vcc
V
Switching frequency 2)
Fs
200K
Hz
Minimum low input width 3)
tIN(low,min)
1000
-
ns
Minimum high input width 3)
tIN(high,min)
60
-
ns
Minimum operating voltage of VB related to GND
VB(MIN)4)
4
-
V
Ambient temperature
Ta
-40
125
C
.-40°C <= Ta <= 125°C
Note: 1) Guaranteed by design.
2) Duty = 0.5, VBS >=7V
3) Guaranteed by design. Pulse widths below the specified values, may be ignored. Output will either follow the input signal or will ignore it.
No false output state is guaranteed when minimum input width is smaller than tin
4) Guaranteed by design


Similar Part No. - FAN7085M_12

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN7085M-GF085 ONSEMI-FAN7085M-GF085 Datasheet
430Kb / 13P
   High Side Gate Driver with Recharge FET
September-2017,Rev.2
logo
Fairchild Semiconductor
FAN7085MX FAIRCHILD-FAN7085MX Datasheet
269Kb / 14P
   High Side Gate Driver with Recharge FET
logo
ON Semiconductor
FAN7085MX-GF085 ONSEMI-FAN7085MX-GF085 Datasheet
430Kb / 13P
   High Side Gate Driver with Recharge FET
September-2017,Rev.2
logo
Fairchild Semiconductor
FAN7085MX_GF085 FAIRCHILD-FAN7085MX_GF085 Datasheet
407Kb / 14P
   FAN7085_GF085 High Side Gate Driver with Recharge FET
FAN7085M_GF085 FAIRCHILD-FAN7085M_GF085 Datasheet
407Kb / 14P
   FAN7085_GF085 High Side Gate Driver with Recharge FET
More results

Similar Description - FAN7085M_12

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7085CMX-F085 FAIRCHILD-FAN7085CMX-F085 Datasheet
275Kb / 14P
   High Side Gate Driver with Recharge FET
FAN7085 FAIRCHILD-FAN7085_1 Datasheet
269Kb / 14P
   High Side Gate Driver with Recharge FET
FAN7085 FAIRCHILD-FAN7085 Datasheet
274Kb / 14P
   High Side Gate Driver with Recharge FET
logo
ON Semiconductor
FAN7085-GF085 ONSEMI-FAN7085-GF085 Datasheet
430Kb / 13P
   High Side Gate Driver with Recharge FET
September-2017,Rev.2
logo
Fairchild Semiconductor
FAN7085M_GF085 FAIRCHILD-FAN7085M_GF085 Datasheet
407Kb / 14P
   FAN7085_GF085 High Side Gate Driver with Recharge FET
logo
International Rectifier
IR20153S IRF-IR20153S Datasheet
220Kb / 15P
   HIGH SIDE DRIVER WITH RECHARGE
AUIRS2016S IRF-AUIRS2016S Datasheet
325Kb / 23P
   High Side Driver with Internal Vs Recharge
logo
Fairchild Semiconductor
FAN7083 FAIRCHILD-FAN7083 Datasheet
321Kb / 19P
   High Side Gate Driver with Reset
FAN7083 FAIRCHILD-FAN7083_1 Datasheet
328Kb / 19P
   High Side Gate Driver with Reset
FAN7083 FAIRCHILD-FAN7083_12 Datasheet
447Kb / 19P
   High Side Gate Driver with Reset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com