Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDS4559 Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # FDS4559
Description  60V Complementary PowerTrench?숸OSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS4559 Datasheet(HTML) 7 Page - Fairchild Semiconductor

  FDS4559_08 Datasheet HTML 1Page - Fairchild Semiconductor FDS4559_08 Datasheet HTML 2Page - Fairchild Semiconductor FDS4559_08 Datasheet HTML 3Page - Fairchild Semiconductor FDS4559_08 Datasheet HTML 4Page - Fairchild Semiconductor FDS4559_08 Datasheet HTML 5Page - Fairchild Semiconductor FDS4559_08 Datasheet HTML 6Page - Fairchild Semiconductor FDS4559_08 Datasheet HTML 7Page - Fairchild Semiconductor FDS4559_08 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Typical Characteristics: Q1
0
2
4
6
8
10
02
46
8
10
12
14
Qg, GATE CHARGE (nC)
I
D = 4.5A
V
DS = 10V
20V
30V
0
100
200
300
400
500
600
700
800
900
0
1020
30405060
VDS, DRAIN TO SOURCE VOLTAGE (V)
C
ISS
C
RSS
C
OSS
f = 1MHz
V
GS = 0 V
Figure 17. Gate Charge Characteristics.
Figure 18. Capacitance Characteristics.
0.01
0.1
1
10
100
0.1
1
10
100
VDS, DRAIN-SOURCE VOLTAGE (V)
DC
1s
100ms
10ms
1m
100
µs
V
GS= 10V
SINGLE PULSE
RθJA= 135
oC/W
T
A= 25
oC
R
DS(ON) LIMIT
0
10
20
30
40
0.01
0.1
1
10
100
1000
SINGLE PULSE TIME (SEC)
SINGLE PULSE
RθJA = 135
oC/W
TA = 25
oC
Figure 19. Maximum Safe Operating Area.
Figure 20. Single Pulse Maximum
Power Dissipation.
0.001
0.01
0.1
1
0.0001
0.001
0.01
0.1
1
10
100
1000
t
1, TIME (sec)
RθJA(t) = r(t) + RθJA
RθJA = 135°C/W
TJ - TA = P * RθJA(t)
Duty Cycle, D = t1 / t2
P(pk)
t1
t2
SINGLE PULSE
0.01
0.02
0.05
0.1
0.2
D = 0.5
Figure 21. Transient Thermal Response Curve.
Thermal characterization performed using the conditions described in Note 1c.
Transient thermal response will change depending on the circuit board design.
FDS4559_F085 Rev A (W)


Similar Part No. - FDS4559_08

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
FDS4559-NL VBSEMI-FDS4559-NL Datasheet
1Mb / 14P
   N- and P-Channel 60-V (D-S) MOSFET
logo
Fairchild Semiconductor
FDS4559_F085 FAIRCHILD-FDS4559_F085 Datasheet
385Kb / 8P
   60V Complementary PowerTrench MOSFET
More results

Similar Description - FDS4559_08

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
KDS4559 KEXIN-KDS4559 Datasheet
78Kb / 3P
   60V Complementary PowerTrench MOSFET
KDS8333C KEXIN-KDS8333C Datasheet
80Kb / 3P
   60V Complementary PowerTrench MOSFET
logo
Fairchild Semiconductor
FDS4559 FAIRCHILD-FDS4559 Datasheet
147Kb / 8P
   60V Complementary PowerTrench MOSFET
FDS4559_F085 FAIRCHILD-FDS4559_F085 Datasheet
385Kb / 8P
   60V Complementary PowerTrench MOSFET
FDC6020C FAIRCHILD-FDC6020C Datasheet
211Kb / 9P
   Complementary PowerTrench MOSFET
logo
ON Semiconductor
FDME1034CZT ONSEMI-FDME1034CZT Datasheet
316Kb / 12P
   MOSFET - Complementary, POWERTRENCH
October, 2019 ??Rev. 1
logo
Fairchild Semiconductor
FDW2521C FAIRCHILD-FDW2521C Datasheet
149Kb / 8P
   Complementary PowerTrench MOSFET
FDW2520C FAIRCHILD-FDW2520C Datasheet
124Kb / 8P
   Complementary PowerTrench MOSFET
FDW2520C FAIRCHILD-FDW2520C_08 Datasheet
398Kb / 8P
   Complementary PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com