Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PPE20KV Datasheet(PDF) 6 Page - Teledyne Technologies Incorporated

Part # PPE20KV
Description  High Definition Oscilloscopes
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

PPE20KV Datasheet(HTML) 6 Page - Teledyne Technologies Incorporated

Back Button PPE20KV Datasheet HTML 2Page - Teledyne Technologies Incorporated PPE20KV Datasheet HTML 3Page - Teledyne Technologies Incorporated PPE20KV Datasheet HTML 4Page - Teledyne Technologies Incorporated PPE20KV Datasheet HTML 5Page - Teledyne Technologies Incorporated PPE20KV Datasheet HTML 6Page - Teledyne Technologies Incorporated PPE20KV Datasheet HTML 7Page - Teledyne Technologies Incorporated PPE20KV Datasheet HTML 8Page - Teledyne Technologies Incorporated PPE20KV Datasheet HTML 9Page - Teledyne Technologies Incorporated PPE20KV Datasheet HTML 10Page - Teledyne Technologies Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
HDO4000 High Definition Oscilloscopes
combine Teledyne LeCroy’s HD4096
high definition technology with long
memory and powerful debug tools in a
compact form factor with a 12.1” touch
screen display.
1. Only 13 cm (5”) Deep – The most
space-efficient oscilloscope for your
bench from 200 MHz to 1 GHz
2. 12.1” Widescreen (16 x 9) high resolution
WXGA color touch screen display. The most
time-efficient user interface is even easier to
use with a built-in stylus
3. Local language user interface – Select from
10 language preferences. Add a front panel
overlay with your local language
4. “Push” Knobs – All knobs have push
functionality that provides shortcuts to
common actions such as Set to Variable, Find
Trigger Level, Zero Offset, and Zero Delay
HDO4000 - HIGH DeFINITION OSCILLOSCOPe
2
1
9
8


Similar Part No. - PPE20KV

ManufacturerPart #DatasheetDescription
logo
PCE Instruments.
PPE-LCT1 PCE-PPE-LCT1 Datasheet
460Kb / 2P
   Technical Voltmeter PCE-LCT 1
logo
Rhombus Industries Inc.
PPECL2-1 RHOMBUS-IND-PPECL2-1 Datasheet
29Kb / 1P
   100K ECL Logic 4-Bit Programmable Delay Modules
PPECL2-1.25 RHOMBUS-IND-PPECL2-1.25 Datasheet
29Kb / 1P
   100K ECL Logic 4-Bit Programmable Delay Modules
PPECL2-1.5 RHOMBUS-IND-PPECL2-1.5 Datasheet
29Kb / 1P
   100K ECL Logic 4-Bit Programmable Delay Modules
PPECL2-2 RHOMBUS-IND-PPECL2-2 Datasheet
29Kb / 1P
   100K ECL Logic 4-Bit Programmable Delay Modules
More results

Similar Description - PPE20KV

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
MSOS804A KEYSIGHT-MSOS804A Datasheet
4Mb / 42P
   Infiniium S-Series High-Definition Oscilloscopes
MSOS204A KEYSIGHT-MSOS204A Datasheet
4Mb / 42P
   Infiniium S-Series High-Definition Oscilloscopes
DSOS104A KEYSIGHT-DSOS104A Datasheet
4Mb / 42P
   Infiniium S-Series High-Definition Oscilloscopes
DSOS254A KEYSIGHT-DSOS254A Datasheet
4Mb / 42P
   Infiniium S-Series High-Definition Oscilloscopes
DSOS404A KEYSIGHT-DSOS404A Datasheet
4Mb / 42P
   Infiniium S-Series High-Definition Oscilloscopes
DSOS204A KEYSIGHT-DSOS204A Datasheet
4Mb / 42P
   Infiniium S-Series High-Definition Oscilloscopes
MSOS054A KEYSIGHT-MSOS054A Datasheet
4Mb / 42P
   Infiniium S-Series High-Definition Oscilloscopes
MSOS104A KEYSIGHT-MSOS104A Datasheet
4Mb / 42P
   Infiniium S-Series High-Definition Oscilloscopes
MSOS254A KEYSIGHT-MSOS254A Datasheet
4Mb / 42P
   Infiniium S-Series High-Definition Oscilloscopes
S-SERIES KEYSIGHT-S-SERIES Datasheet
4Mb / 42P
   Infiniium S-Series High-Definition Oscilloscopes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com