Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

120110-0220 Datasheet(PDF) 6 Page - ITT Industries

Part # 120110-0220
Description  Cannon APD Series ISO 15170 Connectors
Download  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

120110-0220 Datasheet(HTML) 6 Page - ITT Industries

Back Button 120110-0220 Datasheet HTML 2Page - ITT Industries 120110-0220 Datasheet HTML 3Page - ITT Industries 120110-0220 Datasheet HTML 4Page - ITT Industries 120110-0220 Datasheet HTML 5Page - ITT Industries 120110-0220 Datasheet HTML 6Page - ITT Industries 120110-0220 Datasheet HTML 7Page - ITT Industries 120110-0220 Datasheet HTML 8Page - ITT Industries 120110-0220 Datasheet HTML 9Page - ITT Industries 120110-0220 Datasheet HTML 10Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 79 page
background image
www.ittcannon.com
Dimensions shown in mm
Specifications and dimensions subject to change
6
CannonAPD / ISO 15170 Connectors
Product Overview
APD /
ISO 15170
Series
1-way
1-way
2-way
2-way
4-way
4-way
Type
Plug
Receptacle
Flange / Jam Nut /
Snap-In
Plug
Receptacle
Flange / Jam Nut /
Snap-In
Plug
Receptacle
Flange / Jam Nut
Contacts
Materials
Copper alloy
silver plated
Copper alloy
silver plated
Copper alloy
silver plated
Copper alloy
silver plated
Copper alloy
tin, silver, gold plat-
ed
Copper alloy
tin, silver, gold plat-
ed
Contact style
Machined
Machined
Machined
Machined
Stamped & Formed
Stamped & Formed
Page Number
8
9-11
19
19-21
26
27-28
APD /
ISO 15170
Series
6/7-way
6/7-way
Sensor style 1
Sensor style 2
19-way
19-way
Type
Plug
Receptacle
Flange / Jam Nut
Receptacle
Receptacle
Plug
Receptacle Flange /
Jam Nut/ Wire-to-wire
Contacts
Materials
Copper alloy
silver plated
Copper alloy
silver plated
Copper alloy
silver plated
Copper alloy
silver plated
Copper alloy
tin, silver, gold
plated
Copper alloy
tin, silver, gold
plated
Contact style
Stamped & Formed
Machined
Stamped & Formed
Machined
Machined
Machined
Stamped & Formed
Stamped & Formed
Page Number
36
37-38
42
43
45
46-48
APD /
ISO 15170
Series
37-way
37-way
51-way
51-way
51-way
PCB
Type
Plug
Receptacle
Flange
Plug
Receptacle
Jam Nut
Receptacle
Snap In
Receptacle
Contacts
Materials
Copper alloy
silver plated
Copper alloy
silver plated
Copper alloy
silver plated
Copper alloy
silver plated
Copper alloy
tin, silver, gold
plated
Copper alloy
tin, silver, gold
plated
Contact style
Stamped & Formed
Machined
Stamped & Formed
Machined
Stamped & Formed
Machined
Stamped & Formed
Machined
Stamped & Formed
Machined
Machined
Page Number
56
57
63
65
64
73


Similar Part No. - 120110-0220

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1201100000 WEIDMULLER-1201100000 Datasheet
31Mb / 340P
   HDC-KIT-HA 03.300
More results

Similar Description - 120110-0220

ManufacturerPart #DatasheetDescription
logo
ITT Industries
121583-0000 ITT-121583-0000 Datasheet
140Kb / 4P
   Cannon APD / DIN 72585 Connectors
ZDE9P ITT-ZDE9P Datasheet
233Kb / 5P
   Cannon ZD Connectors
ZDE9P1AKN-146 ITT-ZDE9P1AKN-146 Datasheet
233Kb / 5P
   Cannon ZD Connectors
B0023382 ITT-B0023382 Datasheet
235Kb / 7P
   Cannon 75 Ohm Connectors
050-622-9188890 ITT-050-622-9188890 Datasheet
84Kb / 7P
   Cannon 50 Ohm Connectors
025-0767-001 ITT-025-0767-001 Datasheet
2Mb / 120P
   Cannon Rack & Panel Connectors
DPXB-57-34P-0101 ITT-DPXB-57-34P-0101 Datasheet
2Mb / 120P
   Cannon Rack & Panel Connectors
1504728 ITT-1504728 Datasheet
571Kb / 2P
   APD Transportation Connectors
logo
Glenair, Inc.
547-005BT GLENAIR-547-005BT Datasheet
84Kb / 1P
   Boot Backshell for Cannon DPX3 Series Connectors
logo
ITT Industries
D38999 ITT-D38999 Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com