Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74457082 Datasheet(PDF) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 74457082
Description  POWER-CHOKE WE-PD 4
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

74457082 Datasheet(HTML) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  74457082 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 74457082 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 74457082 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Bezeichnung :
description :
I Rollenspezifikation / tape and reel specification:
A
15,5 ± 0,1
mm
B
20,0 ± 0,1
mm
C
2,00 min.
mm
D
1,55 ± 0,05
mm
E
4,00 ± 0,1
mm
F
2,00 ± 0,1
mm
G
1,75 ± 0,1
mm
H
14,2 ± 0,1
mm
I
7,95 ± 0,1
mm
J
22,4 ± 0,1
mm
T
0,50 ± 0,05
mm
W
32,0 ± 0,3
mm
a
330,0 ± 2,0
mm
b
21,00 ± 0,8
mm
c
13,00 ± 0,5
mm
d
100,0 ± 2,0
mm
MST
2004-10-11
Name
Datum / date
Rollenspezifikation / Reel specification:
Änderung / modification
Version 1
http://www.we-online.com
Geprüft / checked
Kontrolliert / approved
Würth Elektronik eiSos GmbH & Co.KG
D-74638 Waldenburg · Max-Eyth-Strasse 1 - 3 · Germany · Telefon (+49) (0) 7942 - 945 - 0 · Telefax (+49) (0) 7942 - 945 - 400
Würth Elektronik
............................................................................
........................................................
............................................................................
..................................................................................
Datum / date
Unterschrift / signature
Gurtspezifikation / Tape specification:
Freigabe erteilt / general release:
Kunde / customer
SMD-SPEICHERDROSSEL WE-PD 4
POWER-CHOKE WE-PD 4
DATUM / DATE : 2004-10-11
Artikelnummer / part number :
74457082
Spezifikation für Freigabe / specification for release
Kunde / customer :
øD
A
B
H
W
G
F
E
C
I
J
T
Ø c
a
d
b
feeding direction
150°
The force for tearing off cover tape is
20 to 70 grams in arrow direction
This electronic component is designed and developed with the intention for use in general electronics equipments. Before incorporating the components into any equipments in the field such as
aerospace, aviation, nuclear control, submarine, transportation, (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network
etc. where higher safety and reliability are especially required or if there is possibility of direct damage or injury to human body. In addition, even electronic component in general electronic
equipments, when used in electrical circuits that require high safety, reliability functions or performance, the sufficient reliability evaluation-check for the safety must be performed before use. It
is essential to give consideration when to install a protective circuit at the design stage.
RoHS
compliant
LF
SEITE 3 VON 3


Similar Part No. - 74457082

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
74457006 WURTH-74457006 Datasheet
160Kb / 3P
   POWER-CHOKE WE-PD 4
74457008 WURTH-74457008 Datasheet
160Kb / 3P
   POWER-CHOKE WE-PD 4
74457010 WURTH-74457010 Datasheet
161Kb / 3P
   POWER-CHOKE WE-PD 4
74457012 WURTH-74457012 Datasheet
160Kb / 3P
   POWER-CHOKE WE-PD 4
74457018 WURTH-74457018 Datasheet
160Kb / 3P
   POWER-CHOKE WE-PD 4
More results

Similar Description - 74457082

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
74458220 WURTH-74458220 Datasheet
154Kb / 3P
   POWER-CHOKE WE-PD 4
7445510 WURTH-7445510 Datasheet
105Kb / 3P
   POWER-CHOKE WE-PD 4
7445610 WURTH-7445610 Datasheet
138Kb / 3P
   POWER-CHOKE WE-PD 4
7445640 WURTH-7445640 Datasheet
138Kb / 3P
   POWER-CHOKE WE-PD 4
74457006 WURTH-74457006 Datasheet
160Kb / 3P
   POWER-CHOKE WE-PD 4
74458122 WURTH-74458122 Datasheet
154Kb / 3P
   POWER-CHOKE WE-PD 4
74458168 WURTH-74458168 Datasheet
154Kb / 3P
   POWER-CHOKE WE-PD 4
74457008 WURTH-74457008 Datasheet
160Kb / 3P
   POWER-CHOKE WE-PD 4
74457010 WURTH-74457010 Datasheet
161Kb / 3P
   POWER-CHOKE WE-PD 4
74457027 WURTH-74457027 Datasheet
160Kb / 3P
   POWER-CHOKE WE-PD 4
74457115 WURTH-74457115 Datasheet
160Kb / 3P
   POWER-CHOKE WE-PD 4
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com