Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRE50S113J5392 Datasheet(PDF) 1 Page - Winchester Electronics Corporation

Part # SRE50S113J5392
Description  SRE SOCKET CONNECTOR ASSEMBLY
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINCHESTER [Winchester Electronics Corporation]
Direct Link  http://www.winchesterelectronics.com
Logo WINCHESTER - Winchester Electronics Corporation

SRE50S113J5392 Datasheet(HTML) 1 Page - Winchester Electronics Corporation

  SRE50S113J5392 Datasheet HTML 1Page - Winchester Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
June 2006 - This drawing became the property of Winchester Electronics Corporation, Wallingford, CT.


Similar Part No. - SRE50S113J5392

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
SRE50P113J4172C WINCHESTER-SRE50P113J4172C Datasheet
445Kb / 5P
   OUT ASSEMBLY SRE SERIES CONNECTORS
SRE50P113N4172C WINCHESTER-SRE50P113N4172C Datasheet
445Kb / 5P
   OUT ASSEMBLY SRE SERIES CONNECTORS
SRE50PJ WINCHESTER-SRE50PJ Datasheet
183Kb / 1P
   COMPSITE OUTLINE ASSY SRE xx PJ
SRE50PJ-859 WINCHESTER-SRE50PJ-859 Datasheet
183Kb / 1P
   COMPSITE OUTLINE ASSY SRE xx PJ
logo
MERITEK ELECTRONICS COR...
SRE50V152MD102 MERITEK-SRE50V152MD102 Datasheet
139Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
More results

Similar Description - SRE50S113J5392

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
14005 WINCHESTER-14005 Datasheet
445Kb / 5P
   OUT ASSEMBLY SRE SERIES CONNECTORS
24591 WINCHESTER-24591 Datasheet
162Kb / 2P
   SRE-SERIES RIGHT ANGLE CONNECTOR
logo
Lapp.
52010780 LAPP-52010780 Datasheet
195Kb / 3P
   SKINDICHT® SRE
03.07.2018
logo
Winchester Electronics ...
26173 WINCHESTER-26173 Datasheet
65Kb / 1P
   SRE 20P RIGHT ANGLE CONNECTOR
logo
PHOENIX CONTACT
2746595 PHOENIX-2746595 Datasheet
180Kb / 4P
   Register expansion chip - IBS SRE 1A
Dec 6, 2022
logo
Tyco Electronics
2-1571994-0 MACOM-2-1571994-0 Datasheet
92Kb / 1P
   ASSEMBLY SOCKET
logo
Harwin Plc
H8502-01 HARWIN-H8502-01 Datasheet
81Kb / 1P
   0.8mm SOCKET ASSEMBLY0.8mm SOCKET ASSEMBLY
H3183-01 HARWIN-H3183-01 Datasheet
84Kb / 1P
   1.00mm SOCKET ASSEMBLY
H8501-01 HARWIN-H8501-01 Datasheet
80Kb / 1P
   0.8mm SOCKET ASSEMBLY
H3169-01 HARWIN-H3169-01 Datasheet
90Kb / 1P
   1.00mm SOCKET ASSEMBLY
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com