Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ACT14 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # 74ACT14
Description  Hex Inverter with Schmitt Trigger Input
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ACT14 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  74ACT14_11 Datasheet HTML 1Page - Fairchild Semiconductor 74ACT14_11 Datasheet HTML 2Page - Fairchild Semiconductor 74ACT14_11 Datasheet HTML 3Page - Fairchild Semiconductor 74ACT14_11 Datasheet HTML 4Page - Fairchild Semiconductor 74ACT14_11 Datasheet HTML 5Page - Fairchild Semiconductor 74ACT14_11 Datasheet HTML 6Page - Fairchild Semiconductor 74ACT14_11 Datasheet HTML 7Page - Fairchild Semiconductor 74ACT14_11 Datasheet HTML 8Page - Fairchild Semiconductor 74ACT14_11 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
©1988 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74AC14, 74ACT14 • Rev. 1.7.2
3
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device reliability.
The absolute maximum ratings are stress ratings only.
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended
operating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not
recommend exceeding them or designing to absolute maximum ratings.
Symbol
Parameter
Rating
VCC
Supply Voltage
–0.5V to +7.0V
IIK
DC Input Diode Current
VI  –0.5V
–20mA
VI  VCC + 1.5
+20mA
VI
DC Input Voltage
–0.5V to VCC + 1.5V
IOK
DC Output Diode Current
VO  –0.5V
–20mA
VO  VCC + 0.5V
+20mA
VO
DC Output Voltage
–0.5V to VCC + 0.5V
IO
DC Output Source or Sink Current
±50mA
ICC or IGND DC VCC or Ground Current per Output Pin
±50mA
TSTG
Storage Temperature
–65°C to +150°C
TJ
Junction Temperature
140°C
Symbol
Parameter
Rating
VCC
Supply Voltage
AC
2.0V to 6.0V
ACT
4.5V to 5.5V
VI
Input Voltage
0V to VCC
VO
Output Voltage
0V to VCC
TA
Operating Temperature
–40°C to +85°C


Similar Part No. - 74ACT14_11

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74ACT14B STMICROELECTRONICS-74ACT14B Datasheet
52Kb / 7P
   HEX SCHMITT INVERTER
74ACT14B STMICROELECTRONICS-74ACT14B Datasheet
178Kb / 8P
   HEX SCHMITT INVERTER
74ACT14M STMICROELECTRONICS-74ACT14M Datasheet
52Kb / 7P
   HEX SCHMITT INVERTER
74ACT14M STMICROELECTRONICS-74ACT14M Datasheet
178Kb / 8P
   HEX SCHMITT INVERTER
logo
Fairchild Semiconductor
74ACT14MTC FAIRCHILD-74ACT14MTC Datasheet
132Kb / 9P
   Hex Inverter with Schmitt Trigger Input
More results

Similar Description - 74ACT14_11

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
DM7414 FAIRCHILD-DM7414 Datasheet
35Kb / 3P
   Hex Inverter with Schmitt Trigger Input
logo
ON Semiconductor
74AC14 ONSEMI-74AC14 Datasheet
309Kb / 11P
   Hex Inverter with Schmitt Trigger Input
February 2011 Rev. 1.7.2
logo
Fairchild Semiconductor
74AC14 FAIRCHILD-74AC14 Datasheet
132Kb / 9P
   Hex Inverter with Schmitt Trigger Input
logo
National Semiconductor ...
54AC14 NSC-54AC14 Datasheet
116Kb / 8P
   Hex Inverter with Schmitt Trigger Input
logo
ON Semiconductor
74AC14 ONSEMI-74AC14_V01 Datasheet
374Kb / 11P
   Hex Inverter with Schmitt Trigger Input
December, 2021-Rev. 3
logo
Texas Instruments
5962-8762401CX TI-5962-8762401CX Datasheet
87Kb / 6P
[Old version datasheet]   54AC14 Hex Inverter with Schmitt Trigger Input
logo
Motorola, Inc
MC74AC14 MOTOROLA-MC74AC14 Datasheet
128Kb / 5P
   HEX INVERTER SCHMITT HEX INVERTER SCHMITT TRIGGER
logo
National Semiconductor ...
54ACTQ14 NSC-54ACTQ14 Datasheet
104Kb / 6P
   Quiet Series Hex Inverter with Schmitt Trigger Input
logo
Fairchild Semiconductor
74ACTQ14 FAIRCHILD-74ACTQ14 Datasheet
100Kb / 7P
   Quiet Series Hex Inverter with Schmitt Trigger Input
74LVQ14 FAIRCHILD-74LVQ14 Datasheet
54Kb / 5P
   Low Voltage Hex Inverter with Schmitt Trigger Input
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com