Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AUP1G58 Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # 74AUP1G58
Description  TinyLogic짰 Low Power Universal Configurable Two-Input Logic Gate
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74AUP1G58 Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button 74AUP1G58 Datasheet HTML 3Page - Fairchild Semiconductor 74AUP1G58 Datasheet HTML 4Page - Fairchild Semiconductor 74AUP1G58 Datasheet HTML 5Page - Fairchild Semiconductor 74AUP1G58 Datasheet HTML 6Page - Fairchild Semiconductor 74AUP1G58 Datasheet HTML 7Page - Fairchild Semiconductor 74AUP1G58 Datasheet HTML 8Page - Fairchild Semiconductor 74AUP1G58 Datasheet HTML 9Page - Fairchild Semiconductor 74AUP1G58 Datasheet HTML 10Page - Fairchild Semiconductor 74AUP1G58 Datasheet HTML 11Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74AUP1G58 • Rev. 1.0.5
7
AC Electrical Characteristics
Symbol
Parameter
VCC
Conditions
TA=+25°C
TA=-40 to
+85°C
Units
Figure
Min.
Typ.
Max
Min
Max
tPHL, tPLH
Propagation
Delay
0.80
CL=5pF, RL=1MΩ
22.8
ns
Figure 9
Figure 10
1.10
≤ VCC ≤ 1.30
2.8
8.9
12.9
2.6
13.1
1.40
≤ VCC ≤ 1.60
2.4
5.2
7.9
2.4
8.6
1.65
≤ VCC ≤ 1.95
2.0
4.4
6.5
2.0
7.2
2.30
≤ VCC ≤ 2.70
1.7
3.6
4.9
1.8
5.2
3.00
≤ VCC ≤ 3.60
1.3
3.1
4.2
1.6
4.7
0.80
CL=10pF,
RL=1MΩ
26.4
1.10
≤ VCC ≤ 1.30
3.2
7.4
14.5
3.0
14.9
1.40
≤ VCC ≤ 1.60
2.7
5.4
8.7
2.7
9.4
1.65
≤ VCC ≤ 1.95
2.3
4.5
7.1
2.3
7.9
2.30
≤ VCC ≤ 2.70
1.9
3.8
5.3
1.9
5.9
3.00
≤ VCC ≤ 3.60
1.3
3.5
4.6
1.3
4.9
0.80
CL=15pF,
RL=1MΩ
29.9
1.10
≤ VCC ≤ 1.30
3.6
9.9
16.1
3.3
16.7
1.40
≤ VCC ≤ 1.60
3.0
6.5
9.7
3.0
10.5
1.65
≤ VCC ≤ 1.95
2.8
5.2
7.9
2.5
8.7
2.30
≤ VCC ≤ 2.70
2.3
4.1
5.9
2.3
6.6
3.00
≤ VCC ≤ 3.60
1.3
3.5
5.2
1.3
5.5
0.80
CL=30pF,
RL=1MΩ
28.8
31.4
1.10
≤ VCC ≤ 1.30
3.4
9.1
18.5
3.4
19.0
1.40
≤ VCC ≤ 1.60
3.1
5.5
10.5
3.1
11.0
1.65
≤ VCC ≤ 1.95
2.1
4.4
8.7
2.1
9.5
2.30
≤ VCC ≤ 2.70
1.7
3.6
6.5
1.7
7.1
3.00
≤ VCC ≤ 3.60
1.3
3.1
5.6
1.3
6.3
CIN
Input
Capacitance
0
0.8
pF
COUT
Output
Capacitance
0
1.7
pF
CPD
Power
Dissipation
Capacitance
0.80
VIN=0V or VCC,
f=10MHz
1.8
pF
1.10
≤ VCC ≤ 1.30
1.82
1.40
≤ VCC ≤ 1.60
1.85
1.65
≤ VCC ≤ 1.95
1.9
2.30
≤ VCC ≤ 2.70
2.1
3.00
≤ VCC ≤ 3.60
2.9


Similar Part No. - 74AUP1G58

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP1G58 NXP-74AUP1G58 Datasheet
109Kb / 19P
   Low-power configurable multiple function gate
Rev. 03-22 June 2009
logo
Diodes Incorporated
74AUP1G58 DIODES-74AUP1G58 Datasheet
616Kb / 16P
   CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
ON Semiconductor
74AUP1G58 ONSEMI-74AUP1G58 Datasheet
588Kb / 13P
   Low Power Universal Configurable Two-Input Logic Gate
October 2010 Rev. 1.0.5
logo
Nexperia B.V. All right...
74AUP1G58 NEXPERIA-74AUP1G58 Datasheet
290Kb / 20P
   Low-power configurable multiple function gate
Rev. 9 - 24 January 2022
logo
ON Semiconductor
74AUP1G58FHX ONSEMI-74AUP1G58FHX Datasheet
588Kb / 13P
   Low Power Universal Configurable Two-Input Logic Gate
October 2010 Rev. 1.0.5
More results

Similar Description - 74AUP1G58

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74AUP1G97 FAIRCHILD-74AUP1G97 Datasheet
579Kb / 11P
   TinyLogic짰 Low Power Universal Configurable Two-Input Logic Gate
74AUP1G57 FAIRCHILD-74AUP1G57 Datasheet
574Kb / 11P
   TinyLogic짰 Low Power Universal Configurable Two- Input Logic Gate
74AUP1G98 FAIRCHILD-74AUP1G98 Datasheet
575Kb / 11P
   TinyLogic짰 Low Power Universal Configurable Two-Input Logic Gate
74AUP1G56 FAIRCHILD-74AUP1G56 Datasheet
390Kb / 10P
   TinyLogic짰 Low Power Universal Configurable Two-Input Logic Gate (Open Drain Output)
74AUP1G96 FAIRCHILD-74AUP1G96 Datasheet
404Kb / 10P
   TinyLogic짰 Low Power Universal Configurable Two-Input Logic Gate (Open Drain Output)
74AUP1G59 FAIRCHILD-74AUP1G59 Datasheet
1Mb / 10P
   TinyLogic짰 Low Power Universal Configurable Two-Input Logic Gate (Open Drain Output)
74AUP1G95 FAIRCHILD-74AUP1G95 Datasheet
577Kb / 10P
   TinyLogic짰 Low Power Universal Configurable Two-Input Logic Gate (Open Drain Output)
NC7SZ57 FAIRCHILD-NC7SZ57_11 Datasheet
578Kb / 13P
   TinyLogic짰 UHS Universal Configurable Two-Input Logic Gates
logo
ON Semiconductor
74AUP1G59 ONSEMI-74AUP1G59 Datasheet
649Kb / 12P
   Low Power Universal Configurable Two-Input Logic Gate
Sep 2012 Rev. 1.0.4
74AUP1G95 ONSEMI-74AUP1G95 Datasheet
485Kb / 12P
   Low Power Universal Configurable Two-Input Logic Gate
Sep 2012 Rev. 1.0.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com