Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVT2244WM Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # 74LVT2244WM
Description  Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs and 25
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVT2244WM Datasheet(HTML) 5 Page - Fairchild Semiconductor

  74LVT2244WM_08 Datasheet HTML 1Page - Fairchild Semiconductor 74LVT2244WM_08 Datasheet HTML 2Page - Fairchild Semiconductor 74LVT2244WM_08 Datasheet HTML 3Page - Fairchild Semiconductor 74LVT2244WM_08 Datasheet HTML 4Page - Fairchild Semiconductor 74LVT2244WM_08 Datasheet HTML 5Page - Fairchild Semiconductor 74LVT2244WM_08 Datasheet HTML 6Page - Fairchild Semiconductor 74LVT2244WM_08 Datasheet HTML 7Page - Fairchild Semiconductor 74LVT2244WM_08 Datasheet HTML 8Page - Fairchild Semiconductor 74LVT2244WM_08 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
©1999 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74LVT2244, 74LVTH2244 Rev. 1.5.0
5
Dynamic Switching Characteristics(7)
Notes:
7. Characterized in SOIC package. Guaranteed parameter, but not tested.
8. Max number of outputs defined as (n). n–1 data inputs are driven 0V to 3V. Output under test held LOW.
AC Electrical Characteristics
Notes:
9. All typical values are at VCC = 3.3V, TA = 25°C.
10. Skew is defined as the absolute value of the difference between the actual propagation delay for any two
separate outputs of the same device. The specification applies to any outputs switching in the same direction,
either HIGH-to-LOW (tOSHL) or LOW-to-HIGH (tOSLH).
Capacitance(11)
Note:
11. Capacitance is measured at frequency f
= 1MHz, per MIL-STD-883B, Method 3012.
Symbol
Parameter
VCC (V)
Conditions
TA = 25°C
Units
CL = 50pF, RL = 500Ω
Min.
Typ.
Max.
VOLP
Quiet Output Maximum
Dynamic VOL
3.3
(8)
0.8
V
VOLV
Quiet Output Minimum
Dynamic VOL
3.3
(8)
–0.8
V
Symbol
Parameter
TA = –40°C to +85°C,
CL = 50pF, RL = 500Ω
Units
VCC = 3.3V ± 0.3V
VCC = 2.7V
Min.
Typ.(9)
Max.
Min.
Max.
tPLH
Propagation Delay Data to Output
1.0
4.4
1.0
5.3
ns
tPHL
1.0
4.1
1.0
4.4
tPZH
Output Enable Time
1.0
5.9
1.0
7.7
ns
tPZL
1.1
5.5
1.1
6.2
tPHZ
Output Disable Time
1.9
6.1
1.9
6.8
ns
tPLZ
1.8
4.5
1.8
4.5
tOSHL, tOSLH Output to Output Skew
(10)
1.0
1.0
ns
Symbol
Parameter
Conditions
Typical
Units
CIN
Input Capacitance
VCC = 0V, VI = 0V or VCC
3pF
COUT
Output Capacitance
VCC = 3.0V, VO = 0V or VCC
6pF


Similar Part No. - 74LVT2244WM_08

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LVT2244WMX FAIRCHILD-74LVT2244WMX Datasheet
94Kb / 7P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
logo
National Semiconductor ...
74LVT2244WMX NSC-74LVT2244WMX Datasheet
149Kb / 8P
   3.3V ABT Octal Buffer/Line Driver with TRI-STATE Outputs
More results

Similar Description - 74LVT2244WM_08

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LVTH244 FAIRCHILD-74LVTH244 Datasheet
104Kb / 9P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
74LVQ240 FAIRCHILD-74LVQ240_01 Datasheet
65Kb / 6P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
74LVX244 FAIRCHILD-74LVX244 Datasheet
72Kb / 6P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
74LVX541 FAIRCHILD-74LVX541 Datasheet
84Kb / 6P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
74LVQ244 FAIRCHILD-74LVQ244_01 Datasheet
65Kb / 6P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
74LVT244 FAIRCHILD-74LVT244_08 Datasheet
322Kb / 10P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
74LVQ241 FAIRCHILD-74LVQ241 Datasheet
62Kb / 6P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
74LVT240 FAIRCHILD-74LVT240 Datasheet
103Kb / 8P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
74LVX240 FAIRCHILD-74LVX240 Datasheet
87Kb / 6P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
74LVT240 FAIRCHILD-74LVT240_08 Datasheet
326Kb / 10P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com