Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVX132M Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # 74LVX132M
Description  Low Voltage Quad 2-Input NAND Schmitt Trigger
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVX132M Datasheet(HTML) 4 Page - Fairchild Semiconductor

  74LVX132M_08 Datasheet HTML 1Page - Fairchild Semiconductor 74LVX132M_08 Datasheet HTML 2Page - Fairchild Semiconductor 74LVX132M_08 Datasheet HTML 3Page - Fairchild Semiconductor 74LVX132M_08 Datasheet HTML 4Page - Fairchild Semiconductor 74LVX132M_08 Datasheet HTML 5Page - Fairchild Semiconductor 74LVX132M_08 Datasheet HTML 6Page - Fairchild Semiconductor 74LVX132M_08 Datasheet HTML 7Page - Fairchild Semiconductor 74LVX132M_08 Datasheet HTML 8Page - Fairchild Semiconductor 74LVX132M_08 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
©1996 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74LVX132 Rev. 1.4.0
4
DC Electrical Characteristics
Noise Characteristics(2)
Note:
2. Input tr = tf = 3ns
Symbol
Parameter
VCC (V)
Conditions
TA = +25°C
TA = –40°C to
+85°C
Units
Min.
Typ.
Max.
Min.
Max.
Vt+Positive Threshold
3.0
2.2
2.2
V
Vt
Negative Threshold
3.0
0.9
0.9
V
VH
Hysteresis
3.0
0.3
1.2
0.3
1.2
V
VOH
HIGH Level Output
Voltage
2.0
VIN = VIL or VIH,
IOH = –50µA
1.9
2.0
1.9
V
3.0
VIN = VIL or VIH,
IOH = –50µA
2.9
3.0
2.9
3.0
VIN = VIL or VIH,
IOH = –4mA
2.58
2.48
VOL
LOW Level Output
Voltage
2.0
VIN = VIL or VIH,
IOL = 50 µA
0.0
0.1
0.1
V
3.0
VIN = VIL or VIH,
IOL = 50 µA
0.0
0.1
0.1
3.0
VIN = VIL or VIH,
IOL = 4 mA
0.36
0.44
IIN
Input Leakage
Current
3.6
VIN = 5.5V or GND
±0.1
±1.0
µA
ICC
Quiescent Supply
Current
3.6
VIN = VCC or GND
2.0
20
µA
Symbol
Parameter
VCC (V)
CL (pF)
TA = 25°C
Units
Typ.
Limit
VOLP
Quiet Output Maximum Dynamic VOL
3.3
50
0.3
0.5
V
VOLV
Quiet Output Minimum Dynamic VOL
3.3
50
–0.3
–0.5
V
VIHD
Minimum HIGH Level Dynamic Input Voltage
3.3
50
2.0
V
VILD
Maximum LOW Level Dynamic Input Voltage
3.3
50
0.8
V


Similar Part No. - 74LVX132M_08

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LVX132MTC FAIRCHILD-74LVX132MTC Datasheet
65Kb / 6P
   Low Voltage Quad 2-Input NAND Schmitt Trigger
logo
ON Semiconductor
74LVX132MTC ONSEMI-74LVX132MTC Datasheet
253Kb / 9P
   Low Voltage Quad 2-Input NAND Schmitt Trigger
February 2008 Rev. 1.4.0
logo
Fairchild Semiconductor
74LVX132MTCX_NL FAIRCHILD-74LVX132MTCX_NL Datasheet
65Kb / 6P
   Low Voltage Quad 2-Input NAND Schmitt Trigger
logo
STMicroelectronics
74LVX132MTR STMICROELECTRONICS-74LVX132MTR Datasheet
227Kb / 11P
   LOW VOLTAGE CMOS QUAD 2-INPUT SCHMITT NAND GATE WITH 5V TOLERANT INPUTS
More results

Similar Description - 74LVX132M_08

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LVX132 FAIRCHILD-74LVX132 Datasheet
65Kb / 6P
   Low Voltage Quad 2-Input NAND Schmitt Trigger
logo
ON Semiconductor
74LVX132 ONSEMI-74LVX132 Datasheet
253Kb / 9P
   Low Voltage Quad 2-Input NAND Schmitt Trigger
February 2008 Rev. 1.4.0
logo
List of Unclassifed Man...
GD4093B ETC1-GD4093B Datasheet
180Kb / 2P
   QUAD 2 - INPUT NAND SCHMITT TRIGGER
logo
Texas Instruments
54F132 TI1-54F132 Datasheet
360Kb / 10P
[Old version datasheet]   Quad 2-Input NAND Schmitt Trigger
logo
ON Semiconductor
MC74VHCT132A ONSEMI-MC74VHCT132A_14 Datasheet
97Kb / 6P
   Quad 2-Input NAND Schmitt Trigger
October, 2014 ??Rev. 6
logo
NXP Semiconductors
74LVC132A PHILIPS-74LVC132A Datasheet
89Kb / 15P
   Quad 2-input NAND Schmitt trigger
Rev. 01-15 December 2006
74LV132 PHILIPS-74LV132_15 Datasheet
115Kb / 17P
   Quad 2-input NAND Schmitt trigger
Rev. 05-2 July 2009
logo
ON Semiconductor
MM74HC132 ONSEMI-MM74HC132 Datasheet
251Kb / 8P
   Quad 2-Input NAND Schmitt Trigger
February 2008 Rev. 1.3.0
logo
Nexperia B.V. All right...
74LV132 NEXPERIA-74LV132 Datasheet
251Kb / 14P
   Quad 2-input NAND Schmitt trigger
Rev. 8 - 13 September 2021
74LVC132A NEXPERIA-74LVC132A Datasheet
244Kb / 14P
   Quad 2-input NAND Schmitt trigger
Rev. 4 - 6 July 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com