Electronic Components Datasheet Search
Selected language     English  ▼

Delete All
ON OFF

Advanced Search

              





74VCX163245MTD Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part No. 74VCX163245MTD
Description  Low Voltage 16-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

 
 8 page
background image
©2000 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74VCX163245 Rev. 1.7
8
AC Electrical Characteristics
Note:
7. Skew is defined as the absolute value of the difference between the actual propagation delay for any two
separate outputs of the same device. The specification applies to any outputs switching in the same direction,
either HIGH-to-LOW (tosHL) or LOW-to-HIGH (tosLH).
Dynamic Switching Characteristics
Symbol
Parameter
TA = –40°C to +85°C, CL = 30 pF, RL = 500Ω
Units
VCCB = 1.65V to 1.95V,
VCCA = 2.3V to 2.7V
VCCB = 1.65V to 1.95V,
VCCA = 3.0V to 3.6V
VCCB = 2.3V to 2.7V,
VCCA = 3.0V to 3.6V
Min.
Max.
Min.
Max.
Min.
Max.
tPHL, tPLH
Propagation Delay,
A to B
1.5
5.8
1.5
6.2
0.8
4.4
ns
tPHL, tPLH
Propagation Delay,
B to A
0.8
5.5
0.6
5.1
0.6
4.0
ns
tPZL, tPZH
Output Enable Time,
OE to B
1.5
8.3
1.5
8.2
0.8
4.6
ns
tPZL, tPZH
Output Enable Time,
OE to A
0.8
5.3
0.6
5.1
0.6
4.0
ns
tPLZ, tPHZ
Output Disable Time,
OE to B
0.8
4.6
0.8
4.5
0.8
4.4
ns
tPLZ, tPHZ
Output Disable Time,
OE to A
0.8
5.2
0.6
5.6
0.6
4.8
ns
tosHL, tosLH
Output to Output
Skew(7)
0.05
0.5
0.75
ns
Symbol
Parameter
VCCB (V) VCCA (V)
Conditions
TA = +25°C
Typical
Units
VOLP
Quiet Output Dynamic
Peak VOL, A to B
1.8
2.5
CL = 30 pF, VIH = VCC,
VIL = 0V
0.25
V
1.8
3.3
0.25
2.5
3.3
0.6
VOLP
Quiet Output Dynamic
Peak VOL, B to A
1.8
2.5
CL = 30 pF, VIH = VCC,
VIL = 0V
0.6
V
1.8
3.3
0.8
2.5
3.3
0.8
VOLV
Quiet Output Dynamic
Valley VOL, A to B
1.8
2.5
CL = 30 pF, VIH = VCC,
VIL = 0V
–0.25
V
1.8
3.3
–0.25
2.5
3.3
–0.6
VOLV
Quiet Output Dynamic
Valley VOL, B to A
1.8
2.5
CL = 30 pF, VIH = VCC,
VIL = 0V
–0.6
V
1.8
3.3
–0.8
2.5
3.3
–0.8
VOHV
Quiet Output Dynamic
Valley VOH, A to B
1.8
2.5
CL = 30 pF, VIH = VCC,
VIL = 0V
1.3
V
1.8
3.3
1.3
2.5
3.3
1.7
VOHV
Quiet Output Dynamic
Valley VOH, B to A
1.8
2.5
CL = 30 pF, VIH = VCC,
VIL = 0V
1.7
V
1.8
3.3
2.0
2.5
3.3
2.0




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl