Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74VHC221A Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # 74VHC221A
Description  Dual Non-Retriggerable Monostable Multivibrator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VHC221A Datasheet(HTML) 5 Page - Fairchild Semiconductor

  74VHC221A_07 Datasheet HTML 1Page - Fairchild Semiconductor 74VHC221A_07 Datasheet HTML 2Page - Fairchild Semiconductor 74VHC221A_07 Datasheet HTML 3Page - Fairchild Semiconductor 74VHC221A_07 Datasheet HTML 4Page - Fairchild Semiconductor 74VHC221A_07 Datasheet HTML 5Page - Fairchild Semiconductor 74VHC221A_07 Datasheet HTML 6Page - Fairchild Semiconductor 74VHC221A_07 Datasheet HTML 7Page - Fairchild Semiconductor 74VHC221A_07 Datasheet HTML 8Page - Fairchild Semiconductor 74VHC221A_07 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
©1994 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74VHC221A Rev. 1.2
5
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device reliability.
The absolute maximum ratings are stress ratings only.
Recommended Operating Conditions(1)
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended
operating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not
recommend exceeding them or designing to absolute maximum ratings.
Notes:
1. Unused inputs must be held HIGH or LOW. They may not float.
2. The maximum allowable values of Cx and Rx are a function of the leakage of capacitor Cx, the leakage of the device,
and leakage due to board layout and surface resistance.
Susceptibility to externally induced noise signals may occur for Rx
> 1 MΩ.
Symbol
Parameter
Rating
VCC
Supply Voltage
–0.5V to +7.0V
VIN
DC Input Voltage
–0.5V to +7.0V
VOUT
DC Output Voltage
–0.5V to VCC + 0.5V
IIK
Input Diode Current
–20mA
IOK
Output Diode Current
±20mA
IOUT
DC Output Current
±25mA
ICC
DC VCC / GND Current
±50mA
TSTG
Storage Temperature
–65°C to +150°C
TL
Lead Temperature (Soldering, 10 seconds)
260°C
Symbol
Parameter
Rating
VCC
Supply Voltage
2.0V to +5.5V
VIN
Input Voltage
0V to +5.5V
VOUT
Output Voltage
0V to VCC
TOPR
Operating Temperature
–40°C to +85°C
tr, tf
Input Rise and Fall Time (CLR only)
VCC = 3.3V ± 0.3V
VCC = 5.0V ± 0.5V
0ns/V
∼ 100ns/V
0ns/V
∼ 20ns/V
External Capacitor, Cx
No Limitation(2) F
External Resistor, Rx
>5kΩ(2) (V
CC = 2.0V)
>1kΩ(2) (V
CC > 3.0V)


Similar Part No. - 74VHC221A_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
74VHC221AFT TOSHIBA-74VHC221AFT Datasheet
315Kb / 16P
   CMOS Digital Integrated Circuits Silicon Monolithic
logo
Fairchild Semiconductor
74VHC221AM FAIRCHILD-74VHC221AM Datasheet
100Kb / 9P
   Dual Non-Retriggerable Monostable Multivibrator
74VHC221AM FAIRCHILD-74VHC221AM Datasheet
464Kb / 12P
   Dual Non-Retriggerable Monostable Multivibrator
74VHC221AMTC FAIRCHILD-74VHC221AMTC Datasheet
100Kb / 9P
   Dual Non-Retriggerable Monostable Multivibrator
74VHC221AMTC FAIRCHILD-74VHC221AMTC Datasheet
464Kb / 12P
   Dual Non-Retriggerable Monostable Multivibrator
More results

Similar Description - 74VHC221A_07

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VHC221AMX FAIRCHILD-74VHC221AMX Datasheet
464Kb / 12P
   Dual Non-Retriggerable Monostable Multivibrator
MM74HC221A FAIRCHILD-MM74HC221A_04 Datasheet
120Kb / 9P
   Dual Non-Retriggerable Monostable Multivibrator
74VHC221A FAIRCHILD-74VHC221A Datasheet
100Kb / 9P
   Dual Non-Retriggerable Monostable Multivibrator
MM74HC221A FAIRCHILD-MM74HC221A Datasheet
108Kb / 9P
   Dual Non-Retriggerable Monostable Multivibrator
logo
STMicroelectronics
M74HC123 STMICROELECTRONICS-M74HC123 Datasheet
503Kb / 12P
   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
logo
Toshiba Semiconductor
TC74HC423AP TOSHIBA-TC74HC423AP Datasheet
435Kb / 9P
   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
logo
Fairchild Semiconductor
MM74HC423A FAIRCHILD-MM74HC423A Datasheet
108Kb / 10P
   Dual Retriggerable Monostable Multivibrator
logo
Toshiba Semiconductor
TC74HC4538AP TOSHIBA-TC74HC4538AP Datasheet
477Kb / 10P
   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
logo
Fairchild Semiconductor
MM74HC123A FAIRCHILD-MM74HC123A_01 Datasheet
133Kb / 10P
   Dual Retriggerable Monostable Multivibrator
74VHC123A FAIRCHILD-74VHC123A_07 Datasheet
468Kb / 14P
   Dual Retriggerable Monostable Multivibrator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com