Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74VHCT00A Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # 74VHCT00A
Description  Quad 2-Input NAND Gate
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VHCT00A Datasheet(HTML) 1 Page - Fairchild Semiconductor

  74VHCT00A_07 Datasheet HTML 1Page - Fairchild Semiconductor 74VHCT00A_07 Datasheet HTML 2Page - Fairchild Semiconductor 74VHCT00A_07 Datasheet HTML 3Page - Fairchild Semiconductor 74VHCT00A_07 Datasheet HTML 4Page - Fairchild Semiconductor 74VHCT00A_07 Datasheet HTML 5Page - Fairchild Semiconductor 74VHCT00A_07 Datasheet HTML 6Page - Fairchild Semiconductor 74VHCT00A_07 Datasheet HTML 7Page - Fairchild Semiconductor 74VHCT00A_07 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
©1997 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74VHCT00A Rev. 1.4.0
December 2007
74VHCT00A
Quad 2-Input NAND Gate
Features
High speed: tPD = 5.0ns (Typ.) at TA = 25°C
High noise immunity: VIH = 2.0V, VIL = 0.8V
Power down protection is provided on all inputs and
outputs
Low noise: VOLP = 0.8V (Max.)
Low power dissipation: ICC = 2A (Max.) at TA = 25°C
Pin and function compatible with 74HCT00
General Description
The VHCT00A is an advanced high-speed CMOS
2-Input NAND Gate fabricated with silicon gate CMOS
technology. It achieves the high-speed operation similar
to equivalent Bipolar Schottky TTL while maintaining the
CMOS low power dissipation. The internal circuit is
composed of 3 stages, including buffer output, which
provide high noise immunity and stable output.
Protection circuits ensure that 0V to 7V can be applied to
the input pins without regard to the supply voltage and to
the output pins with VCC = 0V. These circuits prevent
device destruction due to mismatched supply and input/
output voltages. This device can be used to interface 3V
to 5V systems and two supply systems such as battery
backup.
Ordering Information
Device also available in Tape and Reel. Specify by appending suffix letter “X” to the ordering number.
All packages are lead free per JEDEC: J-STD-020B standard.
Order Number
Package
Number
Package Description
74VHCT00AM
M14A
14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012,
0.150" Narrow
74VHCT00ASJ
M14D
14-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74VHCT00AMTC
MTC14
14-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153,
4.4mm Wide


Similar Part No. - 74VHCT00A_07

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74VHCT00A STMICROELECTRONICS-74VHCT00A_04 Datasheet
222Kb / 11P
   QUAD 2-INPUT NAND GATE
More results

Similar Description - 74VHCT00A_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC4011BP TOSHIBA-TC4011BP Datasheet
191Kb / 5P
   QUAD 2 INPUT NAND GATE
TC74AC00P TOSHIBA-TC74AC00P Datasheet
244Kb / 6P
   QUAD 2 - INPUT NAND GATE
TC74HC00AP TOSHIBA-TC74HC00AP Datasheet
232Kb / 6P
   QUAD 2 INPUT NAND GATE
logo
National Semiconductor ...
54AC00 NSC-54AC00 Datasheet
129Kb / 6P
   Quad 2-Input NAND Gate
logo
NXP Semiconductors
74F00 PHILIPS-74F00 Datasheet
68Kb / 8P
   Quad 2-input NAND gate
1990 Oct 04
74AHC00 PHILIPS-74AHC00 Datasheet
74Kb / 16P
   Quad 2-input NAND gate
1999 Sep 23
74ABT00 PHILIPS-74ABT00 Datasheet
95Kb / 10P
   Quad 2-input NAND gate
1995 Sep 18
logo
STMicroelectronics
M54HCT00 STMICROELECTRONICS-M54HCT00 Datasheet
231Kb / 9P
   QUAD 2-INPUT NAND GATE
74ACT00 STMICROELECTRONICS-74ACT00 Datasheet
67Kb / 7P
   QUAD 2-INPUT NAND GATE
April 1997
logo
Toshiba Semiconductor
TC74HCT00AF TOSHIBA-TC74HCT00AF_12 Datasheet
202Kb / 6P
   Quad 2-Input NAND Gate
logo
NXP Semiconductors
74HC00D-Q100 NXP-74HC00D-Q100 Datasheet
229Kb / 15P
   Quad 2-input NAND gate
Rev. 1-12 July 2012
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com