Selected language     English  ▼


74VHCT08ASJ_08 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part No. 74VHCT08ASJ_08
Description  Quad 2-Input AND Gate
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

 
 5 page
background image
©1997 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74VHCT08A Rev. 1.3.0
5
AC Electrical Characteristics
Note:
3. CPD is defined as the value of the internal equivalent capacitance, which is calculated from the operating
current consumption without load. Average operating current can be obtained from the equation:
ICC (opr.) = CPD • VCC • fIN + ICC / 4 (per gate)
Symbol
Parameter
VCC (V) Conditions
TA = 25°C
TA = –40°C to
+85°C
Units
Min
Typ
Max
Min
Max
tPLH, tPHL Propagation Delay
5.0 ± 0.5 CL = 15pF
5.0
6.9
1.0
8.0
ns
CL = 50pF
5.5
7.9
1.0
9.0
CIN
Input Capacitance
VCC = Open
4
10
10
pF
CPD
Power Dissipation
Capacitance
(3)
18
pF




Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl