Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN5701UC08X Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # FAN5701UC08X
Description  Compact 6-LED Driver for Mobile Platforms
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5701UC08X Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button FAN5701UC08X Datasheet HTML 4Page - Fairchild Semiconductor FAN5701UC08X Datasheet HTML 5Page - Fairchild Semiconductor FAN5701UC08X Datasheet HTML 6Page - Fairchild Semiconductor FAN5701UC08X Datasheet HTML 7Page - Fairchild Semiconductor FAN5701UC08X Datasheet HTML 8Page - Fairchild Semiconductor FAN5701UC08X Datasheet HTML 9Page - Fairchild Semiconductor FAN5701UC08X Datasheet HTML 10Page - Fairchild Semiconductor FAN5701UC08X Datasheet HTML 11Page - Fairchild Semiconductor FAN5701UC08X Datasheet HTML 12Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN5701 • Rev. 1.0.3
8
Typical Characteristics (Continued)
VIN = 3.6V, TA = 25°C, ILED = 20mA, and LED cathode terminals = 0.4V.
Figure 10. Mode Transition from 1x to 1.5x Mode,
VIN=3.6V (VCATHODE Ramp Up)
Figure 11. Mode Transition from 1.5x to 1x Mode,
VIN=3.6V (VCATHODE Ramp Down)
Figure 12. Line Transient Response in 1x Mode,
VIN=3.6V – 4.2V, ILEDx=20mA
Figure 13. Line Transient Response in 1.5x Mode,
VIN=2.7V – 3.3V, ILED=20mA
Figure 14. Line Transient from 1x to 1.5x Mode,
VIN=3.2V – 4.1V, ILEDx=20mA
Figure 15. Soft-Start with EN, VIN=3.6V, ILEDx=20mA


Similar Part No. - FAN5701UC08X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5702 FAIRCHILD-FAN5702 Datasheet
1Mb / 17P
   Configurable 180mA 6-LED Driver with I2C Control
FAN5702UC08X FAIRCHILD-FAN5702UC08X Datasheet
1Mb / 17P
   Configurable 180mA 6-LED Driver with I2C Control
FAN5702UC15X FAIRCHILD-FAN5702UC15X Datasheet
1Mb / 17P
   Configurable 180mA 6-LED Driver with I2C Control
FAN5702UC20X FAIRCHILD-FAN5702UC20X Datasheet
1Mb / 17P
   Configurable 180mA 6-LED Driver with I2C Control
FAN5702UC30X FAIRCHILD-FAN5702UC30X Datasheet
1Mb / 17P
   Configurable 180mA 6-LED Driver with I2C Control
More results

Similar Description - FAN5701UC08X

ManufacturerPart #DatasheetDescription
logo
Rohm
BD1606MVV ROHM-BD1606MVV Datasheet
335Kb / 6P
   6-Parallel white-LED Driver for mobile phone
BD1601MUV ROHM-BD1601MUV Datasheet
329Kb / 6P
   6-Parallel white-LED Driver for mobile phone
logo
SpectraLinear Inc
W254B SPECTRALINEAR-W254B Datasheet
235Kb / 16P
   133MHz Spread Spectrum FTG for Mobile Pentium짰 III Platforms
logo
Rohm
BD2812GU ROHM-BD2812GU Datasheet
132Kb / 5P
   RGB Illumination LED Driver for mobile phone
logo
Cypress Semiconductor
W254B CYPRESS-W254B Datasheet
254Kb / 17P
   133-MHz Spread Spectrum FTG for Mobile Pentium짰 III Platforms
logo
Rohm
BD1603NUV ROHM-BD1603NUV_1 Datasheet
264Kb / 5P
   Charge Pump type LED driver for mobile instrument
BD1601MUV ROHM-BD1601MUV_1 Datasheet
276Kb / 5P
   4 - Parallel white-LED Driver for mobile phone
BD1604MUV ROHM-BD1604MUV_1 Datasheet
282Kb / 5P
   4-Parallel white-LED Driver for mobile phone
BD1604MVV ROHM-BD1604MVV Datasheet
322Kb / 6P
   4-Parallel white-LED Driver for mobile phone
BD6062GU ROHM-BD6062GU Datasheet
355Kb / 6P
   Flash LED Driver for mobile phone with camera
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com