Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FL6961 Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # FL6961
Description  Single-Stage Flyback and Boundary Mode PFC Controller for Lighting
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FL6961 Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button FL6961 Datasheet HTML 3Page - Fairchild Semiconductor FL6961 Datasheet HTML 4Page - Fairchild Semiconductor FL6961 Datasheet HTML 5Page - Fairchild Semiconductor FL6961 Datasheet HTML 6Page - Fairchild Semiconductor FL6961 Datasheet HTML 7Page - Fairchild Semiconductor FL6961 Datasheet HTML 8Page - Fairchild Semiconductor FL6961 Datasheet HTML 9Page - Fairchild Semiconductor FL6961 Datasheet HTML 10Page - Fairchild Semiconductor FL6961 Datasheet HTML 11Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
© 2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FL6961 • Rev. 1.0.2
8
Typical Performance Characteristics (Continued)
1.250
1.270
1.290
1.310
1.330
1.350
-40 -25 -10
5
20
35
50
65
80
95 110 125
Temperature (℃)
15.0
15.6
16.2
16.8
17.4
18.0
-40 -25 -10
5
20
35
50
65
80
95 110 125
Temperature (℃)
Figure 12. VMOT vs. TA
Figure 13. VZ-OUT vs. TA
0.77
0.79
0.81
0.83
0.85
0.87
-40 -25 -10
5
20
35
50
65
80
95 110 125
Temperature (℃)
Figure 14. VPK vs. TA


Similar Part No. - FL6961

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FL6961 FAIRCHILD-FL6961 Datasheet
465Kb / 13P
   Design Guideline of AC-DC Converter Using FL6961, FL6300A for 70W LED Lighting
FL6961 FAIRCHILD-FL6961 Datasheet
390Kb / 11P
   Design Guideline for Single-Stage Flyback AC-DC Converter Using FL6961 for LED Lighting
logo
ON Semiconductor
FL6961 ONSEMI-FL6961 Datasheet
456Kb / 13P
   Single-Stage Flyback and Boundary Mode PFC Controller for Lighting
January 2012 Rev. 1.0.2
FL6961MY ONSEMI-FL6961MY Datasheet
456Kb / 13P
   Single-Stage Flyback and Boundary Mode PFC Controller for Lighting
January 2012 Rev. 1.0.2
More results

Similar Description - FL6961

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FL7930C ONSEMI-FL7930C Datasheet
2Mb / 22P
   Single-Stage Flyback and Boundary-Mode PFC Controller for Lighting
August-2017 Rev 2
FL6961 ONSEMI-FL6961 Datasheet
456Kb / 13P
   Single-Stage Flyback and Boundary Mode PFC Controller for Lighting
January 2012 Rev. 1.0.2
FL7930B ONSEMI-FL7930B Datasheet
1Mb / 25P
   Single-Stage Flyback and Boundary-Mode PFC Controller for Lighting
Rev. 1.0.4
logo
Fairchild Semiconductor
FL7930 FAIRCHILD-FL7930 Datasheet
1Mb / 20P
   Single-Stage Flyback and Boundary-Mode PFC
logo
Infineon Technologies A...
ICL8001G INFINEON-ICL8001G Datasheet
620Kb / 16P
   Single-Stage Flyback And PFC Controller For LED Lighting Applications
Version 1.0, May 6, 2010
logo
Silergy Corp.
SY5802 SILERGY-SY5802 Datasheet
210Kb / 8P
   Single Stage Flyback And PFC Controller
logo
Princeton Technology Co...
RS2335 PTC-RS2335 Datasheet
145Kb / 4P
   PSR and Single Stage PFC Controller for LED Lighting
logo
Monolithic Power System...
MP44010 MPS-MP44010 Datasheet
416Kb / 14P
   Boundary Mode PFC Controller
MP44014 MPS-MP44014 Datasheet
383Kb / 12P
   Boundary Mode PFC Controller
logo
Fairchild Semiconductor
FAN6961 FAIRCHILD-FAN6961 Datasheet
663Kb / 13P
   Boundary Mode PFC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com